Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ100LVEL16VT Datasheet(PDF) 2 Page - Arizona Microtek, Inc

Part # AZ100LVEL16VT
Description  PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZ100LVEL16VT Datasheet(HTML) 2 Page - Arizona Microtek, Inc

  AZ100LVEL16VT Datasheet HTML 1Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 2Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 3Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 4Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 5Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 6Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 7Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 8Page - Arizona Microtek, Inc AZ100LVEL16VT Datasheet HTML 9Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Arizona Microtek, Inc.
AZ100LVEL16VT
PECL/ECL Oscillator Gain Stage
& Buffer with Selectable Enable
www.azmicrotek.com
+1-480-962-5881
2
Request a Sample
May 2012, Rev 2.0
PIN DESCRIPTION AND CONFIGURATION
Table 1 - Pin Description AZ100LVEL16VTNA+
Pin
Name
Type
Function
1
D
Input
Data Input
2
D
¯
Input
Inverting Data Input
3
VBB
Output
Reference Voltage
4
EN
¯¯
Input
Output Enable
5
Q
¯HG
Output
High Gain Inverting PECL Output
6
QHG
Output
High Gain PECL Output
7
VCC
Power
Positive Supply
8
Q
¯
Output
Inverting PECL Output
9
VEE
Power
Negative Supply
Table 2 - Pin Description AZ100LVEL16VTNB+
Pin
Name
Type
Function
1
D
Input
Data Input
2
VBB
Output
Reference Voltage
3
EN
Input
Output Enable
4
VEE
Power
Negative Supply
5
Q
¯HG
Output
High Gain Inverting PECL Output
6
QHG
Output
High Gain PECL Output
7
VCC
Power
Positive Supply
8
Q
¯
Output
Inverting PECL Output
9
NC
-
N/A
Figure 1 - Pin Configuration for
AZ100LVEL16VTNA+
Figure 2 - Pin Configuration for
AZ100LVEL16VTNB+
D
4
3
2
1
6
5
8
7
QHG
QHG
Q
VBB
VCC
VEE
EN
D
D
4
3
2
1
6
5
8
7
QHG
QHG
Q
VBB
VEE
VCC
Leave Pad
open or
connect to
VEE
EN


Similar Part No. - AZ100LVEL16VT

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100LVEL16VT AZM-AZ100LVEL16VT Datasheet
215Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT Datasheet
739Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VTL AZM-AZ100LVEL16VTL Datasheet
215Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VTL++ AZM-AZ100LVEL16VTL+ Datasheet
215Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VTNA AZM-AZ100LVEL16VTNA Datasheet
215Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
More results

Similar Description - AZ100LVEL16VT

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZ100LVEL16VR AZM-AZ100LVEL16VR Datasheet
191Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT Datasheet
215Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR_12 Datasheet
739Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
List of Unclassifed Man...
AZ100LVEL16VR ETC-AZ100LVEL16VR Datasheet
178Kb / 6P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
Arizona Microtek, Inc
AZV99 AZM-AZV99 Datasheet
226Kb / 15P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99_09 Datasheet
260Kb / 16P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99_12 Datasheet
745Kb / 14P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZ10EL16VO AZM-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
List of Unclassifed Man...
AZ10EL16VO ETC2-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VV AZM-AZ100LVEL16VV_12 Datasheet
473Kb / 9P
   Dual Frequency PECL/ECL Oscillator Gain Stage & Buffer with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com