Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9929FAUA+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9929FAUA+
Description  -0.1V to 28V Input Range, Micropower Uni-/Bidirectional, Current-Sense Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9929FAUA+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9929FAUA+ Datasheet HTML 3Page - Maxim Integrated Products MAX9929FAUA+ Datasheet HTML 4Page - Maxim Integrated Products MAX9929FAUA+ Datasheet HTML 5Page - Maxim Integrated Products MAX9929FAUA+ Datasheet HTML 6Page - Maxim Integrated Products MAX9929FAUA+ Datasheet HTML 7Page - Maxim Integrated Products MAX9929FAUA+ Datasheet HTML 8Page - Maxim Integrated Products MAX9929FAUA+ Datasheet HTML 9Page - Maxim Integrated Products MAX9929FAUA+ Datasheet HTML 10Page - Maxim Integrated Products MAX9929FAUA+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
-0.1V to +28V Input Range, Micropower,
Uni-/Bidirectional, Current-Sense Amplifiers
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(VCC = 3.3V, VRS+ = 12V, TA = +25°C, unless otherwise noted.)
PSRR vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
10
1
-100
-80
-60
-40
-20
0
20
-120
0.1
100k
MAX9929F LARGE-SIGNAL
TRANSIENT RESPONSE
MAX9928 toc18
100
μs/div
VOUT
VSENSE
1V/div
50mV/div
VSIGN AND VOUT
vs. VSENSE
VSENSE (mV)
2
1
-2
-1
0
50
100
150
0
1
2
3
4
0
-3
3
OVERDRIVE RECOVERY
MAX9928 toc20
400
μs/div
VSENSE
100mV/div
VOUT
500mV/div
COMPARATOR PROPAGATION DELAY
(RS+ = 3.6V, 5mV OVERDRIVE)
MAX9928 toc21
40
μs/div
VSENSE
2mV/div
VOUT
1V/div
POWER-UP DELAY
MAX9928 toc22
40
μs/div
VCC
1V/div
VOUT
1V/div


Similar Part No. - MAX9929FAUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9929FAUA++ MAXIM-MAX9929FAUA+ Datasheet
1Mb / 13P
   -0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
2014
More results

Similar Description - MAX9929FAUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9928 MAXIM-MAX9928_V01 Datasheet
1Mb / 13P
   -0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
2014
MAX9928 MAXIM-MAX9928_11 Datasheet
253Kb / 14P
   -0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 4/11
MAX9918 MAXIM-MAX9918 Datasheet
2Mb / 17P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 0; 11/09
MAX9918 MAXIM-MAX9918_10 Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 12/10
MAX9918 MAXIM-MAX9918_11 Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 6/11
MAX9918_1107 MAXIM-MAX9918_1107 Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 4; 7/11
MAX9918 MAXIM-MAX9918_V01 Datasheet
1Mb / 19P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
2019
MAX40002EVKIT MAXIM-MAX40002EVKIT Datasheet
632Kb / 6P
   0.1V to 5.5V Input Voltage Range
Rev 1; 2/20
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005_11 Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX40204EVKIT MAXIM-MAX40204EVKIT Datasheet
396Kb / 6P
   Wide -0.1V to 36V Input Range Common Mode Range
319-100615; Rev 0; 10/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com