Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9928FAUA+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9928FAUA+
Description  -0.1V to 28V Input Range, Micropower Uni-/Bidirectional, Current-Sense Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9928FAUA+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9928FAUA+ Datasheet HTML 1Page - Maxim Integrated Products MAX9928FAUA+ Datasheet HTML 2Page - Maxim Integrated Products MAX9928FAUA+ Datasheet HTML 3Page - Maxim Integrated Products MAX9928FAUA+ Datasheet HTML 4Page - Maxim Integrated Products MAX9928FAUA+ Datasheet HTML 5Page - Maxim Integrated Products MAX9928FAUA+ Datasheet HTML 6Page - Maxim Integrated Products MAX9928FAUA+ Datasheet HTML 7Page - Maxim Integrated Products MAX9928FAUA+ Datasheet HTML 8Page - Maxim Integrated Products MAX9928FAUA+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
-0.1V to +28V Input Range, Micropower,
Uni-/Bidirectional, Current-Sense Amplifiers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VRS+ = -0.1V to +28V, VCC = 3.3V, VSENSE = (VRS+ - VRS-) = 0V, ROUT = 10kΩ for MAX9928F, TA = -40°C to +125°C, unless other-
wise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
AC ELECTRICAL CHARACTERISTICS
-3dB Bandwidth
BW
MAX992_F, VSENSE = 50mV
150
kHz
MAX992_F, VSENSE =
5mV to 50mV step
6
OUT Settling to 1% of Final Value
tSET
VRS+ = 3.6V,
CLOAD = 10pF,
ROUT = 10k
Ω for
MAX9928F
MAX992_F, VSENSE =
50mV to 5mV step
15
µs
Overdrive = 1mV
80
SIGN Comparator Propagation
Delay (Low to High)
tPROP_LH
Overdrive = 5mV
30
µs
Overdrive = 1mV
50
SIGN Comparator Propagation
Delay (High to Low)
tPROP_HL
Overdrive = 5mV
13
µs
Power-Up Time to 1% of Final
Value
VSENSE = 50mV for MAX992_F,
VRS+ = 3.6V, CLOAD = 10pF
50
µs
Saturation Recovery Time
100mV
≤ VSENSE ≤ 50mV for MAX992_F,
VRS+ = 3.6V, CLOAD = 10pF
4ms
Note 1: All devices are 100% production tested at TA = +25°C. All temperature limits are guaranteed by design.
Note 2: VOS is extrapolated from two point transconductance and gain accuracy tests. Measurements are made at VSENSE =
+5mV and VSENSE = +50mV for MAX992_F. These measurements are also used to test the full-scale sense voltage,
transconductance, and gain. These VOS specifications are for the trimmed direction only (VRS+ > VRS-). For current flowing
in the opposite direction (VRS- > VRS+), VOS is ±1mV (max) at +25°C and ±1.8mV (max) over temperature, when VRS+ is at
3.6V. See the
Detailed Description for more information.
Note 3: Guaranteed by common-mode rejection ratio. Extrapolated VOS as described in Note 2 is used to calculate common-mode
rejection ratio.
Note 4: Includes input bias current of SIGN comparator.
Note 5: Leakage in to RS+ or RS- when VCC = 0V. Includes input leakage current of SIGN comparator. This specification does not
add to the bias current.
Note 6: Output voltage should be 650mV below VCC to achieve full accuracy.
Note 7: IOL is the minimum output current in the VSENSE - IOUT transfer characteristics. VOL is the minimum output voltage in the
VSENSE - VOUT transfer characteristic.
Note 8: VSENSE voltage required to switch comparator.
Note 9: Discharge to charge trip point is functionally tested at VCM = -0.1V, +3.6V, and +28V.
Note 10: Guaranteed by PSRR test. Extrapolated VOS as described in Note 2 is used to calculate the power-supply rejection ratio.
VSENSE has to be such that the output voltage is 650mV below VCC to achieve full accuracy.


Similar Part No. - MAX9928FAUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9928FAUA++ MAXIM-MAX9928FAUA+ Datasheet
1Mb / 13P
   -0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
2014
More results

Similar Description - MAX9928FAUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9928 MAXIM-MAX9928_V01 Datasheet
1Mb / 13P
   -0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
2014
MAX9928 MAXIM-MAX9928_11 Datasheet
253Kb / 14P
   -0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 4/11
MAX9918 MAXIM-MAX9918 Datasheet
2Mb / 17P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 0; 11/09
MAX9918 MAXIM-MAX9918_10 Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 12/10
MAX9918 MAXIM-MAX9918_11 Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 6/11
MAX9918_1107 MAXIM-MAX9918_1107 Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 4; 7/11
MAX9918 MAXIM-MAX9918_V01 Datasheet
1Mb / 19P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
2019
MAX40002EVKIT MAXIM-MAX40002EVKIT Datasheet
632Kb / 6P
   0.1V to 5.5V Input Voltage Range
Rev 1; 2/20
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005_11 Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX40204EVKIT MAXIM-MAX40204EVKIT Datasheet
396Kb / 6P
   Wide -0.1V to 36V Input Range Common Mode Range
319-100615; Rev 0; 10/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com