Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9247 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9247
Description  27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9247 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9247_12 Datasheet HTML 2Page - Maxim Integrated Products MAX9247_12 Datasheet HTML 3Page - Maxim Integrated Products MAX9247_12 Datasheet HTML 4Page - Maxim Integrated Products MAX9247_12 Datasheet HTML 5Page - Maxim Integrated Products MAX9247_12 Datasheet HTML 6Page - Maxim Integrated Products MAX9247_12 Datasheet HTML 7Page - Maxim Integrated Products MAX9247_12 Datasheet HTML 8Page - Maxim Integrated Products MAX9247_12 Datasheet HTML 9Page - Maxim Integrated Products MAX9247_12 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
27-Bit, 2.5MHz-to-42MHz
DC-Balanced LVDS Serializer
6
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1, 13, 37
GND
Input Buffer Supply and Digital Supply Ground
2VCCIN
Input Buffer Supply Voltage. Bypass to GND with 0.1µF and 0.001µF capacitors in parallel as
close to the device as possible, with the smallest value capacitor closest to the supply pin.
3–10,
39–48
RGB_IN10–
RGB_IN17,
RGB_IN0–
RGB_IN9
LVTTL/LVCMOS Red, Green, and Blue Digital Video Data Inputs. Eighteen data bits are loaded
into the input latch on the rising edge of PCLK_IN when DE_IN is high. Internally pulled down to
GND.
11, 12, 15–21
CNTL_IN0,
CNTL_IN1,
CNTL_IN2–
CNTL_IN8
LVTTL/LVCMOS Control Data Inputs. Control data are latched on the rising edge of PCLK_IN
when DE_IN is low. Internally pulled down to GND.
14, 38
VCC
Digital Supply Voltage. Bypass to GND with 0.1µF and 0.001µF capacitors in parallel as close to
the device as possible, with the smallest value capacitor closest to the supply pin.
22
DE_IN
LVTTL/LVCMOS Data-Enable Input. Logic-high selects RGB_IN[17:0] to be latched. Logic-low
selects CNTL_IN[8:0] to be latched. DE_IN must be switching for proper operation. Internally
pulled down to GND.
23
PCLK_IN
LVTTL/LVCMOS Parallel Clock Input. Latches data and control inputs and provides the PLL
reference clock. Internally pulled down to GND.
24
I.C.
Internally Connected. Leave unconnected for normal operation.
25
PRE
Preemphasis Enable Input. Drive PRE high to enable preemphasis.
26
PLLGND
PLL Supply Ground
27
VCCPLL
PLL Supply Voltage. Bypass to PLLGND with 0.1µF and 0.001µF capacitors in parallel as close to
the device as possible, with the smallest value capacitor closest to the supply pin.
28
PWRDWN
LVTTL/LVCMOS Power-Down Input. Internally pulled down to GND.
29
CMF
Common-Mode Filter. Optionally connect a capacitor between CMF and LVDSGND to filter
common-mode switching noise.
30, 31
LVDSGND
LVDS Supply Ground
32
OUT-
Inverting LVDS Serial-Data Output
33
OUT+
Noninverting LVDS Serial-Data Output
34
VCCLVDS
LVDS Supply Voltage. Bypass to LVDSGND with 0.1µF and 0.001µF capacitors in parallel as
close to the device as possible, with the smallest value capacitor closest to the supply pin.
35
RNG1
LVTTL/LVCMOS Frequency Range Select Input. Set to the frequency range that includes the
PCLK_IN frequency as shown in Table 3. Internally pulled down to GND.
36
RNG0
LVTTL/LVCMOS Frequency Range Select Input. Set to the frequency range that includes the
PCLK_IN frequency as shown in Table 3. Internally pulled down to GND.


Similar Part No. - MAX9247_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9247ECM++ MAXIM-MAX9247ECM+ Datasheet
324Kb / 17P
   27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 0; 1/06
MAX9247ECM++ MAXIM-MAX9247ECM+ Datasheet
186Kb / 17P
   27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 3; 4/09
MAX9247ECM/V++ MAXIM-MAX9247ECM/V+ Datasheet
186Kb / 17P
   27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 3; 4/09
MAX9247ETM++ MAXIM-MAX9247ETM+ Datasheet
324Kb / 17P
   27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 0; 1/06
MAX9247EVKIT MAXIM-MAX9247EVKIT Datasheet
1Mb / 12P
   Fully Assembled and Tested
Rev 0; 9/09
More results

Similar Description - MAX9247_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9247 MAXIM-MAX9247_09 Datasheet
186Kb / 17P
   27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 3; 4/09
MAX9247 MAXIM-MAX9247 Datasheet
324Kb / 17P
   27-Bit, 2.5MHz-to-42MHz DC-Balanced LVDS Serializer
Rev 0; 1/06
MAX9248 MAXIM-MAX9248_14 Datasheet
211Kb / 20P
   27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 4; 7/14
MAX9248 MAXIM-MAX9248 Datasheet
195Kb / 20P
   27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 3; 4/09
MAX9217 MAXIM-MAX9217 Datasheet
222Kb / 16P
   27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Serializer
Rev 2; 10/05
MAX9217 MAXIM-MAX9217_V01 Datasheet
172Kb / 15P
   27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Serializer
19-3558; Rev 4; 8/09
MAX9218 MAXIM-MAX9218 Datasheet
273Kb / 16P
   27-Bit, 3MHz-to-35MHz DC-Balanced LVDS Deserializer
Rev 1; 4/05
logo
National Semiconductor ...
DS90C124 NSC-DS90C124 Datasheet
865Kb / 17P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R103 NSC-DS99R103 Datasheet
890Kb / 22P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R105 NSC-DS99R105 Datasheet
922Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com