Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67100-Q979 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # Q67100-Q979
Description  4M x 32-Bit Dynamic RAM Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q979 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button Q67100-Q979 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-Q979 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-Q979 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-Q979 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q979 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q979 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q979 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q979 Datasheet HTML 9Page - Siemens Semiconductor Group Q67100-Q979 Datasheet HTML 10Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Semiconductor Group
8
HYM 324020S/GS-50/-60
4M x 32-Bit
Early Write Cycle
Write command hold time
tWCH
8–
10
ns
Write command pulse width
tWP
8–
10
ns
Write command setup time
tWCS
0–
0–
ns
13
Write command to RAS lead time
tRWL
13
15
ns
Write command to CAS lead time
tCWL
13
15
ns
Data setup time
tDS
0–
0–
ns
14
Data hold time
tDH
10
10
ns
14
Fast Page Mode Cycle
Fast page mode cycle time
tPC
35
40
ns
CAS precharge time
tCP
10
10
ns
Access time from CAS precharge
tCPA
30
35
ns
7
RAS pulse width
tRAS
50
200k
60
200k
ns
CAS precharge to RAS Delay
tRHCP
30
35
ns
CAS-before-RAS Refresh Cycle
CAS setup time
tCSR
10
10
ns
CAS hold time
tCHR
10
10
ns
RAS to CAS precharge time
tRPC
5–
5–
ns
Write to RAS precharge time
tWRP
10
10
ns
Write hold time referenced to RAS
tWRH
10
10
ns
AC Characteristics (cont’d) 5)6)
T
A = 0 to 70 °C,VCC = 5 V ± 10 %, tT = 5 ns
Parameter
Symbol
Limit Values
Unit
Note
-50
-60
min.
max.
min.
max.


Similar Part No. - Q67100-Q979

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-Q979 SIEMENS-Q67100-Q979 Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
More results

Similar Description - Q67100-Q979

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
HYM324000GD-50 SIEMENS-HYM324000GD-50 Datasheet
27Kb / 6P
   4M x 32-Bit Dynamic RAM Module SMALL OUTLINE MEMORY MODULE
HYM72V4000GS-50- SIEMENS-HYM72V4000GS-50- Datasheet
68Kb / 11P
   4M x 72-Bit Dynamic RAM Module
HYM724000GS-50- SIEMENS-HYM724000GS-50- Datasheet
74Kb / 11P
   4M x 72-Bit Dynamic RAM Module
HYM364020S SIEMENS-HYM364020S Datasheet
53Kb / 10P
   4M x 36-Bit Dynamic RAM Module
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
HYM322030S SIEMENS-HYM322030S Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM321160S SIEMENS-HYM321160S Datasheet
126Kb / 9P
   1M x 32-Bit Dynamic RAM Module
HYM322005S SIEMENS-HYM322005S Datasheet
85Kb / 10P
   2M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com