Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM6226BBEJ20 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MCM6226BBEJ20
Description  128K x 8 Bit Static Random Access Memory
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6226BBEJ20 Datasheet(HTML) 2 Page - Motorola, Inc

  MCM6226BBEJ20 Datasheet HTML 1Page - Motorola, Inc MCM6226BBEJ20 Datasheet HTML 2Page - Motorola, Inc MCM6226BBEJ20 Datasheet HTML 3Page - Motorola, Inc MCM6226BBEJ20 Datasheet HTML 4Page - Motorola, Inc MCM6226BBEJ20 Datasheet HTML 5Page - Motorola, Inc MCM6226BBEJ20 Datasheet HTML 6Page - Motorola, Inc MCM6226BBEJ20 Datasheet HTML 7Page - Motorola, Inc MCM6226BBEJ20 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MCM6226BB
2
MOTOROLA FAST SRAM
TRUTH TABLE
E1
E2
G
W
Mode
I/O Pin
Cycle
Current
H
X
X
X
Not Selected
High–Z
ISB1, ISB2
X
L
X
X
Not Selected
High–Z
ISB1, ISB2
L
H
H
H
Output Disabled
High–Z
ICCA
L
H
L
H
Read
Dout
Read
ICCA
L
H
X
L
Write
Din
Write
ICCA
H = High, L = Low, X = Don’t Care
ABSOLUTE MAXIMUM RATINGS (See Note)
Rating
Symbol
Value
Unit
Power Supply Voltage Relative to VSS
VCC
– 0.5 to 7.0
V
Voltage Relative to VSS for Any Pin
Except VCC
Vin, Vout
– 0.5 to VCC + 0.5
V
Output Current (per I/O)
Iout
± 20
mA
Power Dissipation
PD
1.0
W
Temperature Under Bias
Tbias
– 10 to + 85
°C
Operating Temperature
TA
0 to + 70
°C
Storage Temperature
Tstg
– 55 to + 150
°C
NOTE: Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are
exceeded. Functional operation should be restricted to RECOMMENDED OPER-
ATING CONDITIONS. Exposure to higher than recommended voltages for
extended periods of time could affect device reliability.
DC OPERATING CONDITIONS AND CHARACTERISTICS
(VCC = 5.0 V ± 10%, TA = 0 to 70°C, Unless Otherwise Noted)
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Supply Voltage (Operating Voltage Range)
VCC
4.5
5.5
V
Input High Voltage
VIH
2.2
VCC + 0.3**
V
Input Low Voltage
VIL
– 0.5*
0.8
V
*VIL (min) = – 0.5 V dc; VIL (min) = – 2.0 V ac (pulse width ≤ 20 ns).
** VIH (max) = VCC + 0.3 V dc; VIH (max) = VCC + 2 V ac (pulse width ≤ 20 ns).
DC CHARACTERISTICS AND SUPPLY CURRENTS
Parameter
Symbol
Min
Max
Unit
Input Leakage Current (All Inputs, Vin = 0 to VCC)
Ilkg(I)
± 1
µA
Output Leakage Current (E* = VIH, Vout = 0 to VCC)
Ilkg(O)
± 1
µA
AC Active Supply Current (Iout = 0 mA, all inputs =
MCM6226BB–15: tAVAV = 15 ns
VIL or VIH, VIL = 0, VIH ≥ 3 V, cycle time ≥ tAVAV min,
MCM6226BB–17: tAVAV = 17 ns
VCC = max)
MCM6226BB–20: tAVAV = 20 ns
MCM6226BB–25: tAVAV = 25 ns
MCM6226BB–35: tAVAV = 35 ns
ICCA
195
180
165
150
130
mA
AC Standby Current (VCC = max, E* = VIH, f = fmax)
MCM6226BB–15: tAVAV = 15 ns
MCM6226BB–17: tAVAV = 17 ns
MCM6226BB–20: tAVAV = 20 ns
MCM6226BB–25: tAVAV = 25 ns
MCM6226BB–35: tAVAV = 35 ns
ISB1
45
40
35
30
25
mA
CMOS Standby Current (E*
≥ VCC – 0.2 V, Vin ≤ VSS + 0.2 V
or
≥ VCC – 0.2 V, VCC = max, f = 0 MHz)
ISB2
5
mA
Output Low Voltage (IOL = + 8.0 mA)
VOL
0.4
V
Output High Voltage (IOH = – 4.0 mA)
VOH
2.4
V
*E1 and E2 are represented by E in this data sheet. E2 is of opposite polarity to E1.
This device contains circuitry to protect the
inputs against damage due to high static volt-
ages or electric fields; however, it is advised
that normal precautions be taken to avoid
application of any voltage higher than maxi-
mum rated voltages to these high–impedance
circuits.
This CMOS memory circuit has been de-
signed to meet the dc and ac specifications
shown in the tables, after thermal equilibrium
has been established. The circuit is in a test
socket or mounted on a printed circuit board
and transverse air flow of at least 500 linear feet
per minute is maintained.


Similar Part No. - MCM6226BBEJ20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6227A MOTOROLA-MCM6227A Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227AWJ20 MOTOROLA-MCM6227AWJ20 Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227AWJ20R2 MOTOROLA-MCM6227AWJ20R2 Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227AWJ25 MOTOROLA-MCM6227AWJ25 Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227AWJ25R2 MOTOROLA-MCM6227AWJ25R2 Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
More results

Similar Description - MCM6226BBEJ20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6726D MOTOROLA-MCM6726D Datasheet
117Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6726C MOTOROLA-MCM6726C Datasheet
111Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6341 MOTOROLA-MCM6341 Datasheet
124Kb / 10P
   128K x 24 Bit Static Random Access Memory
MCM6926A MOTOROLA-MCM6926A Datasheet
122Kb / 8P
   128K x 9 Bit Fast Static Random Access Memory
MCM6706B MOTOROLA-MCM6706B Datasheet
102Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706CR MOTOROLA-MCM6706CR Datasheet
106Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706R MOTOROLA-MCM6706R Datasheet
151Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6246 MOTOROLA-MCM6246 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6706AR MOTOROLA-MCM6706AR Datasheet
152Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706BR MOTOROLA-MCM6706BR Datasheet
114Kb / 7P
   32K x 8 Bit Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com