Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67100-Q2019 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q67100-Q2019
Description  2M x 32-Bit Dynamic RAM Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q2019 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q67100-Q2019 Datasheet HTML 1Page - Siemens Semiconductor Group Q67100-Q2019 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-Q2019 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-Q2019 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-Q2019 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q2019 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q2019 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q2019 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q2019 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Semiconductor Group
562
HYM 322030S/GS-60/-70
2M
× 32-Bit
The HYM 322030S/GS-60/-70 is a 8 M Byte DRAM module organized as 2 097 152 words by
32-bit in a 72-pin single-in-line package comprising four HYB 5117800BSJ 2M
× 8 DRAMs in 400
mil wide SOJ-packages mounted together with four 0.2
µF ceramic decoupling capacitors on a PC
board.
Each HYB 5117800BSJ is described in the data sheet and is fully electrical tested and processed
according to SIEMENS standard quality procedure prior to module assembly. After assembly onto
the board, a further set of electrical tests is performed.
The speed of the module can be detected by the use of four presence detect pins.
The common I/O feature on the HYM 322030S/GS-60/-70 dictates the use of early write cycles.
Pin Definitions and Functions
Presence Detect Pins
Pin No.
Function
A0R-A10R
Row Address Inputs
A0C-A9C
Column Address Inputs
DQ0-DQ31
Data Input/Output
CAS0 - CAS3
Column Address Strobe
RAS0, RAS2
Row Address Strobe
WE
Read/Write Input
V
CC
Power (+ 5 V)
V
SS
Ground
PD
Presence Detect Pin
N.C.
No Connection
-60
-70
PD0
N.C.
N.C.
PD1
N.C.
N.C.
PD2
N.C.
V
SS
PD3
N.C.
N.C.


Similar Part No. - Q67100-Q2019

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-Q2019 SIEMENS-Q67100-Q2019 Datasheet
78Kb / 10P
   2M x 32-Bit Dynamic RAM Module
More results

Similar Description - Q67100-Q2019

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM322005S SIEMENS-HYM322005S Datasheet
85Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322035S SIEMENS-HYM322035S Datasheet
79Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322160S SIEMENS-HYM322160S Datasheet
142Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM322030S-GS50 SIEMENS-HYM322030S-GS50 Datasheet
78Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYM361120 SIEMENS-HYM361120 Datasheet
136Kb / 9P
   1M x 36-Bit Dynamic RAM Module (2M x 18-Bit Dynamic RAM Module)
HYM362140S SIEMENS-HYM362140S Datasheet
161Kb / 9P
   2M x 36-Bit Dynamic RAM Module
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
HYM321160S SIEMENS-HYM321160S Datasheet
126Kb / 9P
   1M x 32-Bit Dynamic RAM Module
HYM324020S-GS50 SIEMENS-HYM324020S-GS50 Datasheet
59Kb / 10P
   4M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com