Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67100-Q2018 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # Q67100-Q2018
Description  2M x 32-Bit Dynamic RAM Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q2018 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  Q67100-Q2018 Datasheet HTML 1Page - Siemens Semiconductor Group Q67100-Q2018 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-Q2018 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-Q2018 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-Q2018 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q2018 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q2018 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q2018 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q2018 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Semiconductor Group
3
HYM 322030S/GS-50/-60/-70
2M
× 32-Bit
Pin Configuration
VSS
1 DQ0
2
DQ16 3 DQ1
4
DQ17 5 DQ2
6
DQ18 7 DQ3
8
DQ19 9 VCC
10
N.C.
11 A0
12
A1
13 A2
14
A3
15 A4
16
A5
17 A6
18
A10
19 DQ4 20
DQ20 21 DQ5 22
DQ21 23 DQ6 24
DQ22 25 DQ7 26
DQ23 27 A7
28
N.C.
29 VCC 30
A8
31 A9
32
N.C.
33 RAS2 34
N.C.
35 N.C.
36
N.C.
37 N.C. 38
VSS
39 CAS0 40
CAS2 41 CAS3 42
CAS1 43 RAS0 44
N.C.
45 N.C. 46
WE
47 N.C. 48
DQ8
49 DQ24 50
DQ9
51 DQ25 52
DQ10 53 DQ26 54
DQ11 55 DQ27 56
DQ12 57 DQ28 58
VCC
59 DQ29 60
DQ13 61 DQ30 62
DQ14 63 DQ31 64
DQ15 65 N.C. 66
PD0
67 PD1 68
PD2
69 PD3 70
N.C.
71 VSS 72
Pin Names
Presence Detect Pins
A0R-A10R
Row Address Inputs
A0C-A9C
Column Address Inputs
DQ0-DQ31
Data Input/Output
CAS0 - CAS3
Column Address Strobe
RAS0, RAS2
Row Address Strobe
WE
Read/Write Input
V
CC
Power (+ 5 V)
V
SS
Ground
PD
Presence Detect Pin
N.C.
No Connection
-50
-60
-70
PD0
N.C.
N.C.
N.C.
PD1
N.C.
N.C.
N.C.
PD2
V
SS
N.C.
V
SS
PD3
V
SS
N.C.
N.C.


Similar Part No. - Q67100-Q2018

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-Q2018 SIEMENS-Q67100-Q2018 Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
More results

Similar Description - Q67100-Q2018

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM322005S SIEMENS-HYM322005S Datasheet
85Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322035S SIEMENS-HYM322035S Datasheet
79Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322030S SIEMENS-HYM322030S Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM322160S SIEMENS-HYM322160S Datasheet
142Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYM361120 SIEMENS-HYM361120 Datasheet
136Kb / 9P
   1M x 36-Bit Dynamic RAM Module (2M x 18-Bit Dynamic RAM Module)
HYM362140S SIEMENS-HYM362140S Datasheet
161Kb / 9P
   2M x 36-Bit Dynamic RAM Module
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
HYM321160S SIEMENS-HYM321160S Datasheet
126Kb / 9P
   1M x 32-Bit Dynamic RAM Module
HYM324020S-GS50 SIEMENS-HYM324020S-GS50 Datasheet
59Kb / 10P
   4M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com