Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67100-Q537 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # Q67100-Q537
Description  256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q537 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  Q67100-Q537 Datasheet HTML 1Page - Siemens Semiconductor Group Q67100-Q537 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-Q537 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-Q537 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-Q537 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q537 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q537 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q537 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q537 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Semiconductor Group
59
HYB 514256B/BL/BJ/BJL-50/-60/-70
256 K
× 4-DRAM
Absolute Maximum Ratings
Operating temperature range .........................................................................................0 to + 70 ˚C
Storage temperature range......................................................................................– 55 to + 150 ˚C
Soldering temperature ............................................................................................................260 ˚C
Soldering time .............................................................................................................................10 s
Input/output voltage ........................................................................................................ – 1 to + 7 V
Power supply voltage...................................................................................................... – 1 to + 7 V
Power dissipation..................................................................................................................... 0.6 W
Data out current (short circuit) ................................................................................................ 50 mA
Note: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage of the device. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
DC Characteristics
T
A = 0 to 70 ˚C; VSS = 0 V; VCC = 5 V ± 10 %
Parameter
Symbol
Limit Values
Unit Test
Condition
min.
max.
Input high voltage
V
IH
2.4
6.5
V
1)
Input low voltage
V
IL
– 1.0
0.8
V
1)
Output high voltage (
I
OUT = – 5 mA)
V
OH
2.4
V
1)
Output low voltage (
I
OUT = 4.2 mA)
V
OL
0.4
V
1)
Input leakage current, any input
(0 V
V
IN ≤ 6.5 V, all other pins = 0 V)
I
I(L)
– 10
10
µA
1)
Output leakage current
(DO is disabled, 0 V
V
OUT VCC)
I
O(L)
– 10
10
µA
1)
Average
V
CC supply current:
-50 version
-60 version
-70 version
(RAS, CAS, address cycling:
t
RC = tRC min.)
I
CC1
90
80
70
mA
mA
mA
2) 3)
2) 3)
2) 3)
Standby
V
CC supply current (RAS = CAS = VIH)
I
CC2
–2mA
Average
V
CC supply current, RAS only mode:
-50 version
-60 version
-70 version
(RAS cycling: CAS =
V
IH : tRC = tRC min.)
I
CC3
90
80
70
mA
mA
mA
2)
2)
2)


Similar Part No. - Q67100-Q537

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-Q518 SIEMENS-Q67100-Q518 Datasheet
192Kb / 22P
   1 M x 1-Bit Dynamic RAM Low Power 1 M 쨈 1-Bit Dynamic RAM
Q67100-Q519 SIEMENS-Q67100-Q519 Datasheet
192Kb / 22P
   1 M x 1-Bit Dynamic RAM Low Power 1 M 쨈 1-Bit Dynamic RAM
Q67100-Q526 SIEMENS-Q67100-Q526 Datasheet
192Kb / 22P
   1 M x 1-Bit Dynamic RAM Low Power 1 M 쨈 1-Bit Dynamic RAM
Q67100-Q527 SIEMENS-Q67100-Q527 Datasheet
192Kb / 22P
   1 M x 1-Bit Dynamic RAM Low Power 1 M 쨈 1-Bit Dynamic RAM
More results

Similar Description - Q67100-Q537

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB314171BJ-50- SIEMENS-HYB314171BJ-50- Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit Dynamic RAM 3.3V Low Power 256 K x 16-Bit Dynamic RAM with Self Refresh
HYB514400BJ SIEMENS-HYB514400BJ Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
logo
Fujitsu Component Limit...
MB81F643242C FUJITSU-MB81F643242C Datasheet
1,001Kb / 56P
   4 X 512 K X 32 BIT SYNCHRONOUS DYNAMIC RAM
logo
Samsung semiconductor
KM44C256BL SAMSUNG-KM44C256BL Datasheet
1Mb / 15P
   256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
KM44C256C SAMSUNG-KM44C256C Datasheet
1Mb / 17P
   256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
KM44C256A SAMSUNG-KM44C256A Datasheet
581Kb / 15P
   256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
KM44C256D SAMSUNG-KM44C256D Datasheet
353Kb / 7P
   256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
KM44C256B SAMSUNG-KM44C256B Datasheet
1Mb / 15P
   256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
logo
Fujitsu Component Limit...
MB81F643242B-10FN-X FUJITSU-MB81F643242B-10FN-X Datasheet
952Kb / 56P
   MEMORY CMOS 4 X 512 K X 32 BIT SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com