Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTKM75-180SM Datasheet(PDF) 1 Page - API Delevan

Part # PTKM75-180SM
Description  Surface Mount Toroidal Power Chokes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

PTKM75-180SM Datasheet(HTML) 1 Page - API Delevan

  PTKM75-180SM Datasheet HTML 1Page - API Delevan PTKM75-180SM Datasheet HTML 2Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual Size (Max.)
(PTHF 100-50SM)
SERIES
• Excellent electromagnetic shielding performance for
commercial and industrial applications
• For higher saturation levels use Series PTHF-SM
• Current rating from 0.92 to 7.36 amps
• Inductance values from 10 µH to 330 µH
Marking API; ether PTHF or PTKM; remainder of part
number.
Example: PTKM50R-50SM
API
PTHF
50R-50SM
Notes 1) Rated current is based on a 35°C temperature
rise at an ambient temperature of 90°C. 2) Incremental
current is the approximate value that will cause a
percentage drop in inductance as indicated in the table.
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
SERIES PTHF-SM HIGH SATURATION CORE
PTHF10-50SM
PTHF25-50SM
PTHF50-50SM
PTHF75-50SM
PTHF100-50SM
PTHF150-50SM
PTHF200-50SM
PTHF250-50SM
PTHF330-50SM
PTHF10-40SM
PTHF25-40SM
PTHF50-40SM
PTHF75-40SM
PTHF100-40SM
PTHF150-40SM
PTHF200-40SM
PTHF250-40SM
PTHF10-30SM
PTHF25-30SM
PTHF50-30SM
PTHF75-30SM
PTHF100-30SM
PTHF150-30SM
PTHF200-30SM
PTHF250-30SM
PTHF10-180SM
PTHF25-180SM
PTHF50-180SM
PTHF75-180SM
PTHF100-180SM
SERIES PTKM-SM FERROUS ALLOY CORE
PTKM10-50SM
PTKM25-50SM
PTKM50-50SM
PTKM75-50SM
PTKM100-50SM
PTKM150-50SM
PTKM200-50SM
PTKM250-50SM
PTKM330-50SM
PTKM10-40SM
PTKM25-40SM
PTKM50-40SM
PTKM75-40SM
PTKM100-40SM
PTKM150-40SM
PTKM200-40SM
PTKM250-40SM
PTKM10-30SM
PTKM25-30SM
PTKM50-30SM
PTKM75-30SM
PTKM100-30SM
PTKM150-30SM
PTKM200-30SM
PTKM250-30SM
PTKM10-180SM
PTKM25-180SM
PTKM50-180SM
PTKM75-180SM
PTKM100-180SM
10
25
50
75
100
150
200
250
330
10
25
50
75
100
150
200
250
10
25
50
75
100
150
200
250
10
25
50
75
100
10
25
50
75
100
150
200
250
330
10
25
50
75
100
150
200
250
10
25
50
75
100
150
200
250
10
25
50
75
100
7.36
5.20
3.93
3.47
3.14
2.33
1.97
1.84
1.69
4.84
3.38
1.90
1.69
1.60
1.45
1.12
1.05
2.56
2.16
1.81
1.62
1.50
1.33
1.04
0.96
1.60
1.33
1.12
0.99
0.92
7.36
5.20
3.93
3.47
3.14
2.33
1.97
1.84
1.69
4.84
3.38
1.90
1.69
1.60
1.45
1.12
1.05
2.56
2.16
1.81
1.62
1.50
1.33
1.04
0.96
1.60
1.33
1.12
0.99
0.92
6.00
3.60
2.00
1.60
1.50
1.20
1.00
0.90
0.80
3.80
2.20
1.70
1.30
1.10
0.90
0.70
0.70
2.20
1.40
1.20
0.80
0.60
0.60
0.50
0.50
0.90
0.60
0.40
0.30
0.30
1.70
1.00
0.70
0.60
0.50
0.40
0.35
0.31
0.27
1.30
0.70
0.56
0.45
0.40
0.33
0.30
0.25
0.80
0.50
0.35
0.28
0.23
0.20
0.17
0.15
0.43
0.25
0.18
0.15
0.13
8.70
5.30
3.10
2.50
2.20
1.80
1.60
1.40
1.20
5.70
3.50
2.50
2.00
1.70
1.40
1.10
1.10
3.40
2.10
1.30
1.20
1.00
1.00
0.70
0.70
1.40
0.90
0.60
0.50
0.40
3.30
1.90
1.30
1.10
0.96
0.78
0.65
0.59
0.50
2.50
1.30
1.00
0.86
0.76
0.60
0.56
0.48
1.60
0.96
0.68
0.54
0.50
0.40
0.34
0.30
0.86
0.50
0.35
0.28
0.25
0.01
0.02
0.04
0.05
0.06
0.10
0.14
0.16
0.19
0.02
0.04
0.11
0.14
0.16
0.19
0.32
0.36
0.05
0.07
0.10
0.13
0.15
0.19
0.30
0.36
0.10
0.15
0.21
0.26
0.30
0.01
0.02
0.04
0.05
0.06
0.10
0.14
0.16
0.19
0.02
0.04
0.11
0.14
0.16
0.19
0.32
0.36
0.05
0.07
0.10
0.13
0.15
0.19
0.30
0.36
0.10
0.15
0.21
0.26
0.30
35.0
10.0
7.0
5.0
4.0
3.0
2.0
1.5
1.0
35.0
20.0
13.0
9.0
6.0
3.5
3.0
2.5
35.0
25.0
10.0
7.0
6.0
3.5
3.0
3.0
35.0
30.0
10.0
8.0
6.0
35.0
10.0
7.0
5.0
4.0
3.0
2.0
1.5
1.0
35.0
20.0
13.0
9.0
6.0
3.5
3.0
2.5
35.0
25.0
10.0
7.0
6.0
3.5
3.0
3.0
35.0
30.0
10.0
8.0
6.0
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
PTHFxxxR-SM
PTKMxxxR-SM
PTHF-SM
PTKM-SM
Surface Mount Toroidal Power Chokes
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/26/10 10:22 AM Page 85


Similar Part No. - PTKM75-180SM

ManufacturerPart #DatasheetDescription
logo
API Delevan
PTKM75-121 API-PTKM75-121 Datasheet
78Kb / 2P
   Toroidal Power Chokes
PTKM75-121VM API-PTKM75-121VM Datasheet
2Mb / 2P
   Vertical Toroidal Power Chokes
More results

Similar Description - PTKM75-180SM

ManufacturerPart #DatasheetDescription
logo
API Delevan
PTHF750R-59H API-PTHF750R-59H Datasheet
2Mb / 2P
   Toroidal Power Chokes
PTHF10-50 API-PTHF10-50_10 Datasheet
2Mb / 2P
   Toroidal Power Chokes
PTHF10-50 API-PTHF10-50 Datasheet
78Kb / 2P
   Toroidal Power Chokes
PTHF10-50VM API-PTHF10-50VM Datasheet
2Mb / 2P
   Vertical Toroidal Power Chokes
logo
Allied Components Inter...
VTCB210-100L-RC ALLIED-VTCB210-100L-RC Datasheet
1Mb / 1P
   Toroidal Chokes
TC100-1R0M-RC ALLIED-TC100-1R0M-RC Datasheet
377Kb / 1P
   Toroidal Chokes
TC210 ALLIED-TC210 Datasheet
1Mb / 1P
   Toroidal Chokes
VTC0690 ALLIED-VTC0690 Datasheet
215Kb / 1P
   Toroidal Chokes
VTC570 ALLIED-VTC570 Datasheet
1Mb / 1P
   Toroidal Chokes
TC100 ALLIED-TC100 Datasheet
378Kb / 1P
   Toroidal Chokes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com