Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALF100-48S Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # ALF100-48S
Description  LED Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ALF100-48S Datasheet(HTML) 2 Page - Arch Electronics Corp.

  ALF100-48S Datasheet HTML 1Page - Arch Electronics Corp. ALF100-48S Datasheet HTML 2Page - Arch Electronics Corp. ALF100-48S Datasheet HTML 3Page - Arch Electronics Corp. ALF100-48S Datasheet HTML 4Page - Arch Electronics Corp. ALF100-48S Datasheet HTML 5Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VER : B_6
update : 2012.05.11
LED Power
ALF100 SERIES
100 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
Model No.
ALF100-12S
ALF100-24S
ALF100-36S
ALF100-48S
ALF100-54S
Dimension (L x W x H)
6.44 x 2.79 x 1.50 Inches
(163.7 x 71.0 x 38.0 mm ) Tolerance
±0.5 mm
Weight
635 g
Physical
Cooling Method
Free air convection
Safety
Agency Approvals
EN61347-1:2008、 EN61347-2-13:2006
EMI
(Conducted & Radiated Emission)
EN 55015、Class B
EMC
EMS (Noise Immunity)
EN 61547
MECHANICAL DIMENSION
( Top View )
IP65 Design
IP67 Design
ASSEMBLY INSTRUCTIONS
*U Case
T=2.5mm
Customer screws into the length of the case no higher than 0.5mm
(Namely screw length for load plate thickness plus 3.0mm
1. All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.


Similar Part No. - ALF100-48S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ALF100-48S ARCH-ALF100-48S Datasheet
273Kb / 7P
   LED Power
More results

Similar Description - ALF100-48S

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
31-01UTC-S463 EVERLIGHT-31-01UTC-S463 Datasheet
134Kb / 8P
   POWER LED
logo
Arch Electronics Corp.
ALF150 ARCH-ALF150 Datasheet
332Kb / 5P
   LED Power
ZLF100 ARCH-ZLF100 Datasheet
300Kb / 2P
   LED Power
logo
DOMINANT Semiconductors
DWS-SJS-ST2-1 DOMINANT-DWS-SJS-ST2-1 Datasheet
880Kb / 13P
   Power LED
logo
Arch Electronics Corp.
QLF75 ARCH-QLF75_16 Datasheet
225Kb / 2P
   LED Power
QLF100 ARCH-QLF100_16 Datasheet
221Kb / 2P
   LED Power
logo
DOMINANT Semiconductors
DWS-EJS-VW1-1 DOMINANT-DWS-EJS-VW1-1 Datasheet
864Kb / 13P
   Power LED
logo
Lumileds Lighting Compa...
DS60 LUMILEDS-DS60 Datasheet
655Kb / 26P
   power LED
logo
Arch Electronics Corp.
ALF60 ARCH-ALF60 Datasheet
276Kb / 5P
   LED Power
APF60 ARCH-APF60 Datasheet
296Kb / 5P
   LED Power
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com