Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALF150 Datasheet(PDF) 5 Page - Arch Electronics Corp.

Part # ALF150
Description  LED Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ALF150 Datasheet(HTML) 5 Page - Arch Electronics Corp.

  ALF150 Datasheet HTML 1Page - Arch Electronics Corp. ALF150 Datasheet HTML 2Page - Arch Electronics Corp. ALF150 Datasheet HTML 3Page - Arch Electronics Corp. ALF150 Datasheet HTML 4Page - Arch Electronics Corp. ALF150 Datasheet HTML 5Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
VER : B_6
update : 2012.05.11
LED Power
ALF150 SERIES
150 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-5-
EFFICIENCY VERSUS LOAD
ALF150-48S
VIN
VS
Efficiency
LOAD
VS
Efficiency
Input Voltage (V)
90
115
180
230
Efficiency (%)
88.95
90.68
92.49
93.08
Input Voltage (V)
264
277
305
Efficiency (%)
93.27
93.51
92.84
Load (%)
10
20
30
40
50
115V (%)
73.99
84.83
87.68
89.39
90.33
230V (%)
71.55
82.11
86.34
89.34
90.57
Load (%)
60
70
80
90
100
115V (%)
90.53
90.68
91.01
90.80
90.87
230V (%)
91.92
92.31
92.91
93.05
93.37
70.00%
72.50%
75.00%
77.50%
80.00%
82.50%
85.00%
87.50%
90.00%
92.50%
95.00%
90V
115V180V230V264V277V305V
VIN
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
LOAD
ALF150-54S
VIN
VS
Efficiency
LOAD
VS
Efficiency
Input Voltage (V)
90
115
180
230
Efficiency (%)
89.02
90.85
92.17
93.14
Input Voltage (V)
264
277
305
Efficiency (%)
93.30
93.34
93.11
Load (%)
10
20
30
40
50
115V (%)
74.16
84.61
87.29
88.34
89.87
230V (%)
71.15
81.60
85.97
88.40
90.29
Load (%)
60
70
80
90
100
115V (%)
90.51
90.34
90.44
90.71
90.82
230V (%)
91.09
91.83
92.76
93.02
93.28
70.00%
72.50%
75.00%
77.50%
80.00%
82.50%
85.00%
87.50%
90.00%
92.50%
95.00%
90V
115V180V230V264V277V305V
VIN
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
LOAD


Similar Part No. - ALF150

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ALF150-12S ARCH-ALF150-12S Datasheet
269Kb / 6P
   LED Power
ALF150-24S ARCH-ALF150-24S Datasheet
269Kb / 6P
   LED Power
ALF150-36 ARCH-ALF150-36 Datasheet
269Kb / 6P
   LED Power
ALF150-48S ARCH-ALF150-48S Datasheet
269Kb / 6P
   LED Power
ALF150-54S ARCH-ALF150-54S Datasheet
269Kb / 6P
   LED Power
More results

Similar Description - ALF150

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
31-01UTC-S463 EVERLIGHT-31-01UTC-S463 Datasheet
134Kb / 8P
   POWER LED
logo
Arch Electronics Corp.
ALF100 ARCH-ALF100 Datasheet
332Kb / 5P
   LED Power
ZLF100 ARCH-ZLF100 Datasheet
300Kb / 2P
   LED Power
logo
DOMINANT Semiconductors
DWS-SJS-ST2-1 DOMINANT-DWS-SJS-ST2-1 Datasheet
880Kb / 13P
   Power LED
logo
Arch Electronics Corp.
QLF75 ARCH-QLF75_16 Datasheet
225Kb / 2P
   LED Power
QLF100 ARCH-QLF100_16 Datasheet
221Kb / 2P
   LED Power
logo
DOMINANT Semiconductors
DWS-EJS-VW1-1 DOMINANT-DWS-EJS-VW1-1 Datasheet
864Kb / 13P
   Power LED
logo
Lumileds Lighting Compa...
DS60 LUMILEDS-DS60 Datasheet
655Kb / 26P
   power LED
logo
Arch Electronics Corp.
ALF60 ARCH-ALF60 Datasheet
276Kb / 5P
   LED Power
APF60 ARCH-APF60 Datasheet
296Kb / 5P
   LED Power
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com