Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9691 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9691
Description  Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9691 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9691 Datasheet HTML 4Page - Maxim Integrated Products MAX9691 Datasheet HTML 5Page - Maxim Integrated Products MAX9691 Datasheet HTML 6Page - Maxim Integrated Products MAX9691 Datasheet HTML 7Page - Maxim Integrated Products MAX9691 Datasheet HTML 8Page - Maxim Integrated Products MAX9691 Datasheet HTML 9Page - Maxim Integrated Products MAX9691 Datasheet HTML 10Page - Maxim Integrated Products MAX9691 Datasheet HTML 11Page - Maxim Integrated Products MAX9691 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Single/Dual, Ultra-Fast, ECL-Output
Comparators with Latch Enable
8
_______________________________________________________________________________________
Definition of Terms
VOS
Input Offset Voltage. The voltage required
between the input terminals to obtain 0V dif-
ferential at the output.
VIN
Input Voltage Pulse Amplitude
VOD
Input Voltage Overdrive
tpd+
Input to Output High Delay. The propagation
delay measured from the time the input signal
crosses the input offset voltage to the 50%
point of an output low-to-high transition.
tpd-
Input to Output Low Delay. The propagation
delay measured from the time the input signal
crosses the input offset voltage to the 50%
point of an output high-to-low transition.
tLE(+)
Latch-Enable to Output High Delay. The prop-
agation delay measured from the 50% point of
the latch-enable signal low-to-high transition
to the 50% point of an output low-to-high tran-
sition.
tLE(-)
Latch-Enable to Output Low Delay. The prop-
agation delay measured from the 50% point of
the latch-enable signal low-to-high transition
to the 50% point of an output high-to-low tran-
sition.
tpw(LE)
Latch-Enable Pulse Width. The minimum time
the latch-enable signal must be high to acquire
and hold an input signal.
ts
Setup Time. The minimum time before the
negative transition of the latch-enable pulse
that an input signal must be present to be ac-
quired and held at the outputs.
th
Hold Time. The minimum time after the nega-
tive transition of the latch-enable signal that
an input signal must remain unchanged to be
acquired and held at the output.
pd
Propagation Delay Skew. The difference in
propagation delay between the Q and Q out-
puts crossing each other in both directions.
PDSP
Propagation Delay Dispersion. The change in
propagation delay as a result of the overdrive
of the input signal varying.
tpdm
Propagation Delay Match (MAX9693 only).
The difference in propagation delay between
two separate channels.
PART
TEMP
RANGE
PIN-PACKAGE
MAX9692EUB
-40
°C to +85°C
10 µMAX
MAX9692ESE
-40
°C to +85°C
16 Narrow SO
MAX9692EPE
-40
°C to +85°C
16 PDIP
MAX9693ESE
-40
°C to +85°C
16 Narrow SO
MAX9693EEE
-40
°C to +85°C
16 QSOP
MAX9693EPE
-40
°C to +85°C
16 PDIP
Ordering Information (continued)
Chip Information
PROCESS: BiCMOS
Note: Devices are also available in lead(Pb)-free/RoHS-compli-
ant packages. Specify lead-free by adding a “+” after the part
number.


Similar Part No. - MAX9691

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9691 MAXIM-MAX9691 Datasheet
320Kb / 10P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 1; 10/02
MAX9691EPA MAXIM-MAX9691EPA Datasheet
320Kb / 10P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 1; 10/02
MAX9691ESA MAXIM-MAX9691ESA Datasheet
320Kb / 10P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 1; 10/02
MAX9691EUA MAXIM-MAX9691EUA Datasheet
320Kb / 10P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 1; 10/02
More results

Similar Description - MAX9691

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9691 MAXIM-MAX9691 Datasheet
320Kb / 10P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 1; 10/02
MAX9685 MAXIM-MAX9685 Datasheet
68Kb / 8P
   Ultra-Fast ECL-Output Comparator with Latch Enable
Rev 1; 7/93
logo
ON Semiconductor
MC10E1652 ONSEMI-MC10E1652_13 Datasheet
129Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1652 ONSEMI-MC10E1652 Datasheet
140Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
REV 1
MC10E1651 ONSEMI-MC10E1651_13 Datasheet
125Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1651 ONSEMI-MC10E1651 Datasheet
133Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
1996 REV 1
logo
Maxim Integrated Produc...
MAX9687 MAXIM-MAX9687 Datasheet
44Kb / 4P
   Dual, Ultra-Fast ECL-Output Comparator
Rev 1; 7/93
logo
ON Semiconductor
MC10E1652 ONSEMI-MC10E1652_06 Datasheet
138Kb / 10P
   5V, ??V ECL Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 9
logo
Maxim Integrated Produc...
MAX9686 MAXIM-MAX9686_06 Datasheet
83Kb / 5P
   Single/Dual, Very Fast TTL Output Comparators
Rev 2; 6/90
logo
ON Semiconductor
MC10E1651 ONSEMI-MC10E1651_06 Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com