Electronic Components Datasheet Search |
|
MAX8532EBT Datasheet(PDF) 2 Page - Maxim Integrated Products |
|
MAX8532EBT Datasheet(HTML) 2 Page - Maxim Integrated Products |
2 / 8 page Low-Noise, Low-Dropout, 200mA Linear Regulator in UCSP 2 _______________________________________________________________________________________ ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS (IN = 3.8V, SHDN = IN, CBP = 10nF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2) IN, SHDN, BP to GND ..............................................-0.3V to +7V OUT to GND ................................................-0.3V to (VIN + 0.3V) Output Short-Circuit Duration ........................................Indefinite Continuous Power Dissipation (TA = +70°C) 6-Pin UCSP (derate 3.9mW/°C above +70°C) ..............308mW Operating Temperature Range ...........................-40°C to +85°C Junction Temperature ......................................................+150°C Storage Temperature Range .............................-65°C to +150°C 6-Pin UCSP Solder Profile ............................................(Note 1) Soldering Temperature (reflow) Lead(Pb)-Free Packages..............................................+260°C Packages Containing Lead(Pb)....................................+240°C PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Input Voltage VIN 2.5 6.5 V Undervoltage Lockout Threshold VUVLO IN rising, hysteresis is 40mV (typ) 2.15 2.25 2.42 V TA = +25°C, IOUT = 1mA -1 +1 TA = -40°C to +85°C, IOUT = 1mA -2 +2 Output Voltage Accuracy TA = -40°C to +85°C, IOUT = 0.1mA to 200mA-3 +3 % Maximum Output Current IOUT 200 mA Current Limit ILIM 210 330 550 mA No load 80 150 Ground Current IQ IOUT = 100mA 100 µA Dropout Voltage VOUT - VIN IOUT = 100mA (Note 3) 100 200 mV Line Regulation ∆VLNR IN = (VOUT + 0.1V) to 3.8V -0.2 +0.2 %/V Output Voltage Noise 10Hz to 100kHz, COUT = 10µF, IOUT = 10mA 40 µVRMS Ripple Rejection PSRR 100Hz, IOUT = 30mA 62 dB SHUTDOWN SHDN = 0, TA = +25°C 0.01 1 SHDN Supply Current IOFF SHDN = 0, TA = +85°C 0.1 µA VIH Input high voltage 1.6 SHDN Input Threshold VIL Input low voltage 0.4 V TA = +25°C 0.7 100 SHDN Input Bias Current ISHDN SHDN = IN or GND TA = +85°C 0.8 nA THERMAL PROTECTION Thermal-Shutdown Temperature TSHDN TJ rising 160 °C Thermal-Shutdown Hysteresis ∆TSHDN 10 °C Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Note 1: For UCSP solder profile information, visit www.maxim-ic.com/1st_pages/UCSP.html. Note 2: All units are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design. Note 3: The dropout voltage is defined as VIN - VOUT, when VOUT is 100mV below the value of VOUT for VIN = VOUT + 0.5V. Specification applies only when VOUT > = 2.5V. |
Similar Part No. - MAX8532EBT |
|
Similar Description - MAX8532EBT |