Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67100-Q2120 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # Q67100-Q2120
Description  1M x 4-Bit Dynamic RAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q2120 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button Q67100-Q2120 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q2120 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q2120 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q2120 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q2120 Datasheet HTML 9Page - Siemens Semiconductor Group Q67100-Q2120 Datasheet HTML 10Page - Siemens Semiconductor Group Q67100-Q2120 Datasheet HTML 11Page - Siemens Semiconductor Group Q67100-Q2120 Datasheet HTML 12Page - Siemens Semiconductor Group Q67100-Q2120 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Semiconductor Group
9
HYB 514405BJ/BJL-50/-60/-70
1M x 4 EDO - DRAM
CAS before RAS Refresh Cycle
CAS setup time
t
CSR
10
10
10
ns
CAS hold time
t
CHR
10
10
10
ns
RAS to CAS precharge time
t
RPC
5–5–5–ns
Write to RAS precharge time
t
WRP
10
10
10
ns
Write hold time referenced to
RAS
t
WRH
10
10
10
ns
CAS-before-RAS Counter Test
Cycle
CAS precharge time (CAS-
before-RAS counter test cycle)
t
CPT
35
40
40
ns
Test Mode
Write command setup time
t
WTS
10
10
10
ns
Write command hold time
t
WTH
10
10
10
ns
Capacitance
T
A = 0 to 70 ˚C; VCC = 5 V ± 10 %; f
= 1 MHz
Parameter
Symbol
Limit Values
Unit
min.
max.
Input capacitance (A0 to A9)
C
i1
–5pF
Input capacitance (RAS, CAS, WE,OE)
C
i2
–7pF
Output capacitance (IO1 to IO4)
C
io
–7pF
AC Characteristics (cont’d) 5)6)
T
A = 0 to 70 ˚C, VCC = 5 V ± 10 %, tT = 2 ns
Parameter
Symbol
Limit Values
Unit
Note
-50
-60
-70
min.
max. min.
max. min.
max.


Similar Part No. - Q67100-Q2120

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-Q2122 SIEMENS-Q67100-Q2122 Datasheet
1Mb / 25P
   1M x 4-Bit Dynamic RAM
Q67100-Q2124 SIEMENS-Q67100-Q2124 Datasheet
1Mb / 25P
   1M x 4-Bit Dynamic RAM
Q67100-Q2126 SIEMENS-Q67100-Q2126 Datasheet
1Mb / 25P
   1M x 4-Bit Dynamic RAM
More results

Similar Description - Q67100-Q2120

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
HYB514400BJ SIEMENS-HYB514400BJ Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
HYB314400BJ-50- SIEMENS-HYB314400BJ-50- Datasheet
126Kb / 25P
   1M x 4-Bit Dynamic RAM
HYB314405BJBJL-50- SIEMENS-HYB314405BJBJL-50- Datasheet
1Mb / 25P
   1M x 4-Bit Dynamic RAM
HYB514400BJ-50- SIEMENS-HYB514400BJ-50- Datasheet
124Kb / 24P
   1M x 4-Bit Dynamic RAM
HYB5116160BSJ-50 SIEMENS-HYB5116160BSJ-50 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5118160BSJ-50 SIEMENS-HYB5118160BSJ-50 Datasheet
254Kb / 24P
   1M x 16-Bit Dynamic RAM
HYM321160S SIEMENS-HYM321160S Datasheet
126Kb / 9P
   1M x 32-Bit Dynamic RAM Module
HYM641010GS-60- SIEMENS-HYM641010GS-60- Datasheet
82Kb / 11P
   1M x 64-Bit Dynamic RAM Module
HYM721000GS-60- SIEMENS-HYM721000GS-60- Datasheet
83Kb / 11P
   1M x 72-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com