Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67100-Q1044 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # Q67100-Q1044
Description  256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q1044 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button Q67100-Q1044 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-Q1044 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-Q1044 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q1044 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q1044 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q1044 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q1044 Datasheet HTML 9Page - Siemens Semiconductor Group Q67100-Q1044 Datasheet HTML 10Page - Siemens Semiconductor Group Q67100-Q1044 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Semiconductor Group
61
HYB 514256B/BL/BJ/BJL-50/-60/-70
256 K
× 4-DRAM
AC Characteristics 4) 13)
T
A = 0 to 70 ˚C; VCC = 5 V ± 10 %; tT = 5 ns
Parameter
Symbol
Limit Values
Unit
-50
-60
-70
min.
max.
min.
max.
min.
max.
Random read or write cycle
time
t
RC
95
110
130
ns
Read-modify-write cycle time
t
RWC
140
160
185
ns
Fast page mode cycle time
t
PC
35
40
45
ns
Fast page mode read-modify-
write cycle time
t
PRWC
80
90
100
ns
Access time from RAS
6) 11)
t
RAC
–50
60
–70
ns
Access time from CAS
6) 11)
t
CAC
–15
15
–20
ns
Access time from column
address
6) 12)
t
AA
–25
30
–35
ns
Access time from CAS
precharge
6) 12)
t
CPA
–30
35
–40
ns
CAS to output in low-Z
4)
t
CLZ
0–
0–
0–
ns
Output buffer
turn-off delay
7)
t
OFF
015
0
20
020
ns
Transition time
(rise and fall)
5)
t
T
350
3
50
350
ns
RAS precharge time
t
RP
35
40
50
ns
RAS pulse width
t
RAS
50
10.000
60
10.000
70
10.000
ns
RAS pulse width
(fast page mode)
t
RASP
50
100.000 60
100.000 70
100.000 ns
RAS hold time
t
RSH
15
15
20
ns
CAS hold time
t
CSH
50
60
70
ns
CAS pulse width
t
CAS
15
10.000
15
10.000
20
10.000
ns
RAS hold time from CAS
precharge (Fast Page Mode)
t
RHCP
30
35
45
ns
CAS precharge to WE delay
time (FPM RMW)
t
CPWD
55
60
65
ns
RAS to CAS delay time
11)
t
RCD
20
35
20
45
20
50
RAS to column address delay
time
12)
t
RAD
15
25
15
30
15
35
ns
CAS to RAS precharge time
t
CRP
5–
5–
5–
ns
CAS precharge time
t
CP
10
10
10
ns


Similar Part No. - Q67100-Q1044

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-Q1049 SIEMENS-Q67100-Q1049 Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
Q67100-Q1049 SIEMENS-Q67100-Q1049 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
More results

Similar Description - Q67100-Q1044

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB314171BJ-50- SIEMENS-HYB314171BJ-50- Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit Dynamic RAM 3.3V Low Power 256 K x 16-Bit Dynamic RAM with Self Refresh
HYB514400BJ SIEMENS-HYB514400BJ Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
logo
Fujitsu Component Limit...
MB81F643242C FUJITSU-MB81F643242C Datasheet
1,001Kb / 56P
   4 X 512 K X 32 BIT SYNCHRONOUS DYNAMIC RAM
logo
Samsung semiconductor
KM44C256BL SAMSUNG-KM44C256BL Datasheet
1Mb / 15P
   256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
KM44C256C SAMSUNG-KM44C256C Datasheet
1Mb / 17P
   256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
KM44C256A SAMSUNG-KM44C256A Datasheet
581Kb / 15P
   256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
KM44C256D SAMSUNG-KM44C256D Datasheet
353Kb / 7P
   256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
KM44C256B SAMSUNG-KM44C256B Datasheet
1Mb / 15P
   256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
logo
Fujitsu Component Limit...
MB81F643242B-10FN-X FUJITSU-MB81F643242B-10FN-X Datasheet
952Kb / 56P
   MEMORY CMOS 4 X 512 K X 32 BIT SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com