Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5814AUD+T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5814AUD+T
Description  Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5814AUD+T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5814AUD+T Datasheet HTML 1Page - Maxim Integrated Products MAX5814AUD+T Datasheet HTML 2Page - Maxim Integrated Products MAX5814AUD+T Datasheet HTML 3Page - Maxim Integrated Products MAX5814AUD+T Datasheet HTML 4Page - Maxim Integrated Products MAX5814AUD+T Datasheet HTML 5Page - Maxim Integrated Products MAX5814AUD+T Datasheet HTML 6Page - Maxim Integrated Products MAX5814AUD+T Datasheet HTML 7Page - Maxim Integrated Products MAX5814AUD+T Datasheet HTML 8Page - Maxim Integrated Products MAX5814AUD+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered
Output DACs with Internal Reference and I2C Interface
MAX5813/MAX5814/MAX5815
 Maxim Integrated Products 2
VDD, VDDIO to GND ................................................ -0.3V to +6V
OUT_, REF to GND....0.3V to the lower of (VDD + 0.3V) and +6V
SCL, SDA, LDAC, CLR to GND .............................. -0.3V to +6V
ADDR_ to GND............................................-0.3V to the lower of
(VDDIO + 0.3V) and +6V
Continuous Power Dissipation (TA = +70NC)
TSSOP (derate at 10mW/NC above 70NC)...................797mW
WLP (derate at 16.1mW/NC above 70NC)..................1288mW
Maximum Continuous Current into Any Pin .................... Q50mA
Operating Temperature Range........................ -40NC to +125NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (TSSOP only)(soldering, 10s)...........+300NC
Soldering Temperature (reflow) .................................... +260NC
TSSOP
Junction-to-Ambient Thermal Resistance (θJA) .......100NC/W
WLP
Junction-to-Ambient Thermal Resistance (θJA)
(Note 2)........................................................................62NC/W
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
Note 2: Visit www.maxim-ic.com/app-notes/index.mvp/id/1891 for information about the thermal performance of WLP packaging.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL CHARACTERISTICS (Note 1)
ELECTRICAL CHARACTERISTICS
(VDD = 2.7V to 5.5V, VDDIO = 1.8V to 5.5V, VGND = 0V, CL = 200pF, RL = 2kI, TA = -40NC to +125NC, unless otherwise noted. Typical
values are at TA = +25NC.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC PERFORMANCE (Note 4)
Resolution and Monotonicity
N
MAX5813
8
Bits
MAX5814
10
MAX5815
12
Integral Nonlinearity (Note 5)
INL
MAX5813
-0.25
Q
0.05
+0.25
LSB
MAX5814
-0.5
Q
0.25
+0.5
MAX5815
-1
Q
0. 5
+1
Differential Nonlinearity (Note 5)
DNL
MAX5813
-0.25
Q
0.05
+0.25
LSB
MAX5814
-0.5
Q
0.1
+0.5
MAX5815
-1
Q
0.2
+1
Offset Error (Note 6)
OE
-5
Q
0.5
+5
mV
Offset Error Drift
Q
10
F
V/NC
Gain Error (Note 6)
GE
-1.0
Q
0.1
+1.0
%FS
Gain Temperature Coefficient
With respect to VREF
Q
3.0
ppm of
FS/NC
Zero-Scale Error
0
10
mV
Full-Scale Error
With respect to VREF
-0.5
+0.5
%FS


Similar Part No. - MAX5814AUD+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5814AUD+T MAXIM-MAX5814AUD+T Datasheet
3Mb / 30P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered
Rev 3; 1/13
More results

Similar Description - MAX5814AUD+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5800 MAXIM-MAX5800 Datasheet
4Mb / 31P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 9/12
MAX5823 MAXIM-MAX5823 Datasheet
4Mb / 35P
   Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 2; 2/13
MAX5713 MAXIM-MAX5713 Datasheet
4Mb / 27P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 7/12
MAX5713 MAXIM-MAX5713_V01 Datasheet
4Mb / 27P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
2013
MAX5803 MAXIM-MAX5803 Datasheet
3Mb / 31P
   Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and I2C Interface
Rev 2; 6/13
MAX5816 MAXIM-MAX5816 Datasheet
4Mb / 32P
   Ultra-Small, Quad-Channel, 12-Bit Buffered Output DAC with Internal Reference and I2C Interface
Rev 0; 2/12
MAX5700 MAXIM-MAX5700 Datasheet
2Mb / 26P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
19-6455; Rev 2; 8/13
MAX5823 MAXIM-MAX5823_13 Datasheet
4Mb / 35P
   Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and IC Interface
Rev 2; 2/13
MAX5723 MAXIM-MAX5723 Datasheet
4Mb / 35P
   Ultra-Small, Octal-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 3/12
MAX5703 MAXIM-MAX5703 Datasheet
3Mb / 26P
   Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and SPI Interface
19-6463; Rev 3; 11/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com