Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5725AWP+T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5725AWP+T
Description  Ultra-Small, Octal-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5725AWP+T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5725AWP+T Datasheet HTML 3Page - Maxim Integrated Products MAX5725AWP+T Datasheet HTML 4Page - Maxim Integrated Products MAX5725AWP+T Datasheet HTML 5Page - Maxim Integrated Products MAX5725AWP+T Datasheet HTML 6Page - Maxim Integrated Products MAX5725AWP+T Datasheet HTML 7Page - Maxim Integrated Products MAX5725AWP+T Datasheet HTML 8Page - Maxim Integrated Products MAX5725AWP+T Datasheet HTML 9Page - Maxim Integrated Products MAX5725AWP+T Datasheet HTML 10Page - Maxim Integrated Products MAX5725AWP+T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Ultra-Small, Octal-Channel, 8-/10-/12-Bit Buffered
Output DACs with Internal Reference and SPI Interface
MAX5723/MAX5724/MAX5725
 Maxim Integrated Products 7
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 2.7V to 5.5V, VDDIO = 1.8V to 5.5V, VGND = 0V, CL = 200pF, RL = 2kI, TA = -40NC to +125NC, unless otherwise noted. Typical
values are at TA = +25NC.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SPI TIMING CHARACTERISTICS
SCLK Frequency
fSCLK
2.7V < VDDIO < 5.5V
Write mode
0
50
MHz
Read mode,
strobing on 1 SCLK
0
25
Read mode,
strobing on ½ SCLK
0
12.5
1.8V < VDDIO < 2.7V
Write mode
0
33
Read mode,
strobing on 1 SCLK
0
20
Read mode,
strobing on ½ SCLK
0
10
SCLK Period
tSCLK
2.7V < VDDIO < 5.5V, write mode
20
ns
1.8V < VDDIO < 2.7V, write mode
30
SCLK Pulse Width High
tCH
8
ns
SCLK Pulse Width Low
tCL
8
ns
CSB Fall to SCLK Fall Setup Time
tCSS0
To first SCLK falling
edge
2
.7V < VDDIO < 5.5V
8
ns
1.8V < VDDIO < 2.7V
12
CSB Fall to SCLK Fall Hold Time
tCSH0
Applies to inactive SCLK falling edge
preceding the first SCLK falling edge
0
ns
CSB Rise to SCLK Fall Hold Time
tCSH1
Applies to the 24
th SCLK falling edge
0
ns
CSB Rise to SCLK Fall
tCSA
Applies to the 24
th SCLK falling edge,
aborted sequence
12
ns
SCLK Fall to CSB Fall
tCSF
A
pplies to 24th SCLK falling edge
100
ns
CSB Pulse Width High
tCSPW
20
ns
DIN to SCLK Fall Setup Time
tDS
5
ns
DIN to SCLK Fall Hold Time
tDH
4.5
ns
CLR Pulse Width Low
tCLPW
20
ns
CLR Rise to CSB Fall
tCSC
Required for command to be executed
20
ns
LDAC Pulse Width Low
tLDPW
20
ns
LDAC Fall to SCLK Fall Hold
tLDH
A
pplies to 24th SCLK falling edge
20
ns
SCLK Fall to DOUT Transition
tDOT
DPHA = 0,
CLOAD = 20pF
2
.7V < VDDIO < 5.5V
35
ns
1.8V < VDDIO < 2.7V
40
SCLK Rise to DOUT Transition
tDOT
DPHA = 1,
CLOAD = 20pF
2
.7V < VDDIO < 5.5V
35
ns
1.8V < VDDIO < 2.7V
40


Similar Part No. - MAX5725AWP+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5725A MAXIM-MAX5725A Datasheet
7Mb / 17P
   MAX5725A Evaluation Kit
Rev 0; 5/12
MAX5725AEVKIT MAXIM-MAX5725AEVKIT Datasheet
7Mb / 17P
   MAX5725A Evaluation Kit
Rev 0; 5/12
More results

Similar Description - MAX5725AWP+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5700 MAXIM-MAX5700 Datasheet
2Mb / 26P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
19-6455; Rev 2; 8/13
MAX5713 MAXIM-MAX5713 Datasheet
4Mb / 27P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 7/12
MAX5713 MAXIM-MAX5713_V01 Datasheet
4Mb / 27P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
2013
MAX5823 MAXIM-MAX5823 Datasheet
4Mb / 35P
   Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 2; 2/13
MAX5823 MAXIM-MAX5823_13 Datasheet
4Mb / 35P
   Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and IC Interface
Rev 2; 2/13
MAX5703 MAXIM-MAX5703 Datasheet
3Mb / 26P
   Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and SPI Interface
19-6463; Rev 3; 11/14
MAX5800 MAXIM-MAX5800 Datasheet
4Mb / 31P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 9/12
MAX5813 MAXIM-MAX5813 Datasheet
4Mb / 30P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 2/12
MAX5803 MAXIM-MAX5803 Datasheet
3Mb / 31P
   Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and I2C Interface
Rev 2; 6/13
MAX5816 MAXIM-MAX5816 Datasheet
4Mb / 32P
   Ultra-Small, Quad-Channel, 12-Bit Buffered Output DAC with Internal Reference and I2C Interface
Rev 0; 2/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com