Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67100-Q1108 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # Q67100-Q1108
Description  1M x 16-Bit Dynamic RAM 1k Refresh
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q1108 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button Q67100-Q1108 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-Q1108 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q1108 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q1108 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q1108 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q1108 Datasheet HTML 9Page - Siemens Semiconductor Group Q67100-Q1108 Datasheet HTML 10Page - Siemens Semiconductor Group Q67100-Q1108 Datasheet HTML 11Page - Siemens Semiconductor Group Q67100-Q1108 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
HYB 5118165BSJ/BST-50/-60
HYB 3118165BSJ/BST-50/-60
1M
× 16 EDO-DRAM
Semiconductor Group
8
1998-10-01
Column address to RAS lead time
t
RAL
25
30
ns
Read command setup time
t
RCS
0–0–ns
Read command hold time
t
RCH
0–0–ns
11
Read command hold time referenced to RAS
t
RRH
0–0–ns
11
CAS to output in low-Z
t
CLZ
0–0–ns
8
Output buffer turn-off delay
t
OFF
0
13
0
15
ns
12
Output turn-off delay from OE
t
OEZ
0
13
0
15
ns
12
Data to CAS low delay
t
DZC
0–0–ns
13
Data to OE low delay
t
DZO
0–0–ns
13
CAS high to data delay
t
CDD
10
13
ns
14
OE high to data delay
t
ODD
10
13
ns
14
Write Cycle
Write command hold time
t
WCH
8
10
ns
Write command pulse width
t
WP
8
10
ns
Write command setup time
t
WCS
0–0–ns
15
Write command to RAS lead time
t
RWL
8
10
ns
Write command to CAS lead time
t
CWL
8
10
ns
Data setup time
t
DS
0–0–ns
16
Data hold time
t
DH
8
10
ns
16
Read-Modify-Write Cycle
Read-write cycle time
t
RWC
113
138
ns
RAS to WE delay time
t
RWD
64
77
ns
15
CAS to WE delay time
t
CWD
27
32
ns
15
Column address to WE delay time
t
AWD
39
47
ns
15
OE command hold time
t
OEH
10
13
ns
Hyper Page Mode (EDO) Cycle
Hyper page mode (EDO) cycle time
t
HPC
20
25
ns
CAS precharge time
t
CP
8
10
ns
AC Characteristics (cont’d)
5, 6
T
A = 0 to 70 °C, VCC = 5 V ± 10 % / VCC = 3.3 V ± 0.3 V, tT = 2 ns
Parameter
Symbol
Limit Values
Unit
Note
-50
-60
min.
max. min.
max.


Similar Part No. - Q67100-Q1108

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-Q1108 SIEMENS-Q67100-Q1108 Datasheet
269Kb / 26P
   1M x 16-Bit Dynamic RAM 1k & 4k Refresh
More results

Similar Description - Q67100-Q1108

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5118160BSJ-50- SIEMENS-HYB5118160BSJ-50- Datasheet
191Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB3116160BSJ SIEMENS-HYB3116160BSJ Datasheet
258Kb / 25P
   1M x 16-Bit Dynamic RAM 1k & 4k -Refresh
HYB5116165BSJ-50- SIEMENS-HYB5116165BSJ-50- Datasheet
269Kb / 26P
   1M x 16-Bit Dynamic RAM 1k & 4k Refresh
HYB5116160BSJ-50 SIEMENS-HYB5116160BSJ-50 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5118160BSJ-50 SIEMENS-HYB5118160BSJ-50 Datasheet
254Kb / 24P
   1M x 16-Bit Dynamic RAM
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
HYB514400BJ SIEMENS-HYB514400BJ Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
logo
Mosel Vitelic, Corp
V53C518165A MOSEL-V53C518165A Datasheet
193Kb / 28P
   1M x 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
logo
Siemens Semiconductor G...
HYB314400BJ-50- SIEMENS-HYB314400BJ-50- Datasheet
126Kb / 25P
   1M x 4-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com