Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1298 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1298
Description  12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1298 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1298 Datasheet HTML 6Page - Maxim Integrated Products MAX1298 Datasheet HTML 7Page - Maxim Integrated Products MAX1298 Datasheet HTML 8Page - Maxim Integrated Products MAX1298 Datasheet HTML 9Page - Maxim Integrated Products MAX1298 Datasheet HTML 10Page - Maxim Integrated Products MAX1298 Datasheet HTML 11Page - Maxim Integrated Products MAX1298 Datasheet HTML 12Page - Maxim Integrated Products MAX1298 Datasheet HTML 13Page - Maxim Integrated Products MAX1298 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
12-Bit Serial-Output Temperature Sensors
with 5-Channel ADC
10
______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
AIN1
Analog Input 1. Negative differential input relative to AIN0 or positive differential input relative to AIN5
(Table 5). Connect to the cathode of external diode 1 for remote temperature sensing.
2
SHO
Shield Output. Used to suppress leakage currents at the anodes of remote temperature sensors (see Remote
Diode Shielding). May also be connected to the shield of twisted-pair input cables used for remote
temperature measurements. Leave unconnected for other applications.
3
AIN2
Analog Input 2. Positive differential input relative to AIN3 or positive differential input relative to AIN5
(Table 5). Connect to the anode of external diode 2 for remote temperature sensing.
4
AIN3
Analog Input 3. Negative differential input relative to AIN2 or positive differential input relative to AIN5
(Table 5). Connect to the cathode of external diode 2 for remote temperature sensing.
5
AIN4
Analog input 4. Positive differential input relative to AIN5 (Table 5).
6
GND
Ground. Connect to pin 13.
7
SSTRB
Serial Strobe Output. SSTRB goes low at the beginning of an A/D conversion, and it goes high when the
conversion is finished.
8
CS
Active-Low Chip Select. Data will not be clocked into DIN unless CS is low. When CS is high, DOUT is at high
impedance.
9
DOUT
Serial Data Output. DOUT transitions on the falling edge of SCLK.
10
DIN
Serial Data Input. DIN latches data on the rising edge of SCLK.
11
SCLK
Serial Clock Input. Clocks data in and out of the serial interface.
12
VDD
Positive Supply Voltage. Bypass with a 0.1
µF capacitor to GND (pin 13).
13
GND
Ground (star ground)
14
REF
Reference-Buffer Output/ADC Reference Input. Reference voltage for A/D conversion. Bypass to GND (pin 13)
with a 0.1
µF capacitor. Select reference mode by writing to configuration byte (Table 2).
15
AIN5
Analog Input 5. Negative differential input relative to AIN0–AIN4 (Table 5).
16
AIN0
Analog Input 0. Positive differential input relative to AIN1 or positive differential input relative to AIN5
(Table 5). Connect to the anode of external diode 1 for remote temperature sensing.


Similar Part No. - MAX1298

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1298 MAXIM-MAX1298 Datasheet
259Kb / 20P
   12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 0; 5/00
MAX1298AEAE MAXIM-MAX1298AEAE Datasheet
259Kb / 20P
   12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 0; 5/00
MAX1298BEAE MAXIM-MAX1298BEAE Datasheet
259Kb / 20P
   12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 0; 5/00
MAX1298CEAE MAXIM-MAX1298CEAE Datasheet
259Kb / 20P
   12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 0; 5/00
More results

Similar Description - MAX1298

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1298 MAXIM-MAX1298 Datasheet
259Kb / 20P
   12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 0; 5/00
MAX1098-MAX1099 MAXIM-MAX1098-MAX1099 Datasheet
240Kb / 20P
   10-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 0; 7/00
MAX1098 MAXIM-MAX1098_V01 Datasheet
2Mb / 20P
   10-Bit Serial-Output Temperature Sensors with 5-Channel ADC
2012
logo
Zentrum Mikroelektronik...
ZADCS146 ZMD-ZADCS146 Datasheet
557Kb / 19P
   12-Bit, 200ksps, 8-Channel, Serial Output ADC
ZADCS1282 ZMD-ZADCS1282 Datasheet
578Kb / 21P
   12-Bit, 200ksps, Serial Output ADC Family
logo
Maxim Integrated Produc...
MAX6629 MAXIM-MAX6629_10 Datasheet
162Kb / 8P
   12-Bit Sign Digital Temperature Sensors with Serial Interface
Rev 4; 5/10
MAX6629 MAXIM-MAX6629_V01 Datasheet
859Kb / 8P
   12-Bit Sign Digital Temperature Sensors with Serial Interface
2016
MAX6629 MAXIM-MAX6629 Datasheet
152Kb / 8P
   12-Bit Sign Digital Temperature Sensors with Serial Interface
Rev 1; 7/01
MAX176 MAXIM-MAX176 Datasheet
530Kb / 14P
   Serial-Output, 250Ksps 12-Bit ADC with T/H and Refernce
19-0025; Rev 1; 12/92
logo
Burr-Brown (TI)
ADS5240 BURR-BROWN-ADS5240 Datasheet
418Kb / 24P
   4-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com