Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1035EUP+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1035EUP+
Description  8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1035EUP+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1035EUP+ Datasheet HTML 1Page - Maxim Integrated Products MAX1035EUP+ Datasheet HTML 2Page - Maxim Integrated Products MAX1035EUP+ Datasheet HTML 3Page - Maxim Integrated Products MAX1035EUP+ Datasheet HTML 4Page - Maxim Integrated Products MAX1035EUP+ Datasheet HTML 5Page - Maxim Integrated Products MAX1035EUP+ Datasheet HTML 6Page - Maxim Integrated Products MAX1035EUP+ Datasheet HTML 7Page - Maxim Integrated Products MAX1035EUP+ Datasheet HTML 8Page - Maxim Integrated Products MAX1035EUP+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
8-/4-Channel, ±VREF Multirange Inputs,
Serial 14-Bit ADCs
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC SPECIFICATIONS fIN(SINE-WAVE) = 5kHz, VIN = FSR - 0.05dB, fSAMPLE = 130ksps (Notes 1, 2)
Differential inputs, FSR = 2 x VREF
84.5
Single-ended inputs, FSR = VREF
84
Single-ended inputs, FSR = VREF/2
82.5
Signal-to-Noise Plus Distortion
SINAD
Single-ended inputs, FSR = VREF/4
79
80.5
dB
Differential inputs, FSR = 2 x VREF
84.5
Single-ended inputs, FSR = VREF
84
Single-ended inputs, FSR = VREF/2
82.5
Signal-to-Noise Ratio
SNR
Single-ended inputs, FSR = VREF/4
80.5
dB
Total Harmonic Distortion
(Up to the 5th Harmonic)
THD
-98
dB
Spurious-Free Dynamic Range
SFDR
92
99
dB
Aperture Delay
tAD
Figure 21
15
ns
Aperture Jitter
tAJ
Figure 21
100
ps
Channel-to-Channel Isolation
105
dB
CONVERSION RATE
External clock mode, Figure 2
114
External acquisition mode, Figure 3
84
Byte-Wide Throughput Rate
fSAMPLE
Internal clock mode, Figure 4
106
ksps
ANALOG INPUTS (CH0–CH3 MAX1035, CH0–CH7 MAX1034, AGND1)
Small-Signal Bandwidth
All input ranges, VIN = 100mVP-P (Note 2)
2
MHz
Full-Power Bandwidth
All input ranges, VIN = 4VP-P (Note 2)
700
kHz
R[2:1] = 001
-VREF/4
+VREF/4
R[2:1] = 010
-VREF/2
0
R[2:1] = 011
0
+VREF/2
R[2:1] = 100
-VREF/2
+VREF/2
R[2:1] = 101
-VREF
0
R[2:1] = 110
0
+VREF
Input Voltage Range (Table 6)
VCH_
R[2:1] = 111
-VREF
+VREF
V
True-Differential Analog
Common-Mode Voltage Range
VCMDR
DIF/SGL = 1 (Note 4)
-4.75
+5.50
V
Common-Mode Rejection Ratio
CMRR
DIF/SGL = 1, input voltage range = ±VREF/4
75
dB
Input Current
ICH_
-VREF < VCH_ < +VREF
-1500
+650
µA
Input Capacitance
CCH_
5pF
Input Resistance
RCH_
6k
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD1 = VAVDD2 = VDVDD = VDVDDO = 5V, VAGND1 = VDGND = VDGNDO = VAGND2 = VAGND3 = 0V, fCLK = 3.5MHz (50% duty cycle),
external clock mode, VREF = 4.096V (external reference operation), REFCAP = AVDD1, maximum single-ended bipolar input range (±VREF),
CDOUT = 50pF, CSSTRB = 50pF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)


Similar Part No. - MAX1035EUP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1035EUP MAXIM-MAX1035EUP Datasheet
832Kb / 31P
   8-/4-Channel, 짹VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 0; 5/05
More results

Similar Description - MAX1035EUP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1302 MAXIM-MAX1302 Datasheet
1Mb / 31P
   8-/4-Channel, VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 0; 5/05
MAX1032_1112 MAXIM-MAX1032_1112 Datasheet
1Mb / 32P
   8- and 4-Channel, 3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 5; 12/11
MAX1032 MAXIM-MAX1032_11 Datasheet
859Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 4; 8/11
MAX1032 MAXIM-MAX1032_V01 Datasheet
904Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
2013
MAX1034 MAXIM-MAX1034 Datasheet
832Kb / 31P
   8-/4-Channel, 짹VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 0; 5/05
MAX1032 MAXIM-MAX1032 Datasheet
724Kb / 31P
   8-/4-Channel, 짹12V Multirange Inputs, Serial 14-Bit ADCs
Rev 1; 8/06
MAX1300 MAXIM-MAX1300_10 Datasheet
1,017Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 2; 6/10
MAX1300 MAXIM-MAX1300_V01 Datasheet
2Mb / 31P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
2011
MAX1302 MAXIM-MAX1302_12 Datasheet
625Kb / 31P
   8-Channel, ±VREF Multirange Inputs, Serial 16-Bit ADC
Rev 0; 3/12
MAX1303 MAXIM-MAX1303_12 Datasheet
509Kb / 29P
   4-Channel, ±VREF Multirange Inputs,Serial 16-Bit ADC
Rev 2; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com