Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1035 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1035
Description  8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1035 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1035 Datasheet HTML 1Page - Maxim Integrated Products MAX1035 Datasheet HTML 2Page - Maxim Integrated Products MAX1035 Datasheet HTML 3Page - Maxim Integrated Products MAX1035 Datasheet HTML 4Page - Maxim Integrated Products MAX1035 Datasheet HTML 5Page - Maxim Integrated Products MAX1035 Datasheet HTML 6Page - Maxim Integrated Products MAX1035 Datasheet HTML 7Page - Maxim Integrated Products MAX1035 Datasheet HTML 8Page - Maxim Integrated Products MAX1035 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
8-/4-Channel, ±VREF Multirange Inputs,
Serial 14-Bit ADCs
4
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INTERNAL REFERENCE (Bypass REFCAP with 0.1µF to AGND1 and REF with 1.0µF to AGND1)
Reference Output Voltage
VREF
4.056
4.096
4.136
V
Reference Temperature
Coefficient
TCREF
±30
ppm/°C
REF shorted to AGND1
10
Reference Short-Circuit Current
IREFSC
REF shorted to AVDD
-1
mA
Reference Load Regulation
IREF = 0 to 0.5mA
0.1
10
mV
EXTERNAL REFERENCE (REFCAP = AVDD)
Reference Input Voltage Range
VREF
3.800
4.136
V
REFCAP Buffer Disable
Threshold
VRCTH
(Note 5)
VAVDD1
- 0.4
VAVDD1
- 0.1
V
VREF = +4.096V, external clock mode,
external acquisition mode, internal clock
mode, or partial power-down mode
90
200
Reference Input Current
IREF
VREF = +4.096V, full power-down mode
±0.1
±10
µA
External clock mode, external acquisition
mode, internal clock mode, or partial
power-down mode
20
45
Reference Input Resistance
RREF
Full power-down mode
40
k
DIGITAL INPUTS (DIN, SCLK,
CS)
Input High Voltage
VIH
0.7 x
VDVDDO
V
Input Low Voltage
VIL
0.3 x
VDVDDO
V
Input Hysteresis
VHYST
0.2
V
Input Leakage Current
IIN
VIN = 0V to VDVDDO
-10
+10
µA
Input Capacitance
CIN
10
pF
DIGITAL OUTPUTS (DOUT, SSTRB)
VDVDDO = 4.75V, ISINK = 10mA
0.4
Output Low Voltage
VOL
VDVDDO = 2.7V, ISINK = 5mA
0.4
V
Output High Voltage
VOH
ISOURCE = 0.5mA
VDVDDO
- 0.4
V
DOUT Tri-State Leakage Current
IDDO
CS = DVDDO
-10
+10
µA
POWER REQUIREMENTS (AVDD1 and AGND1, AVDD2 and AGND2, DVDD and DGND, DVDDO and DGNDO)
Analog Supply Voltage
VAVDD1
4.75
5.25
V
Digital Supply Voltage
VDVDD
4.75
5.25
V
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD1 = VAVDD2 = VDVDD = VDVDDO = 5V, VAGND1 = VDGND = VDGNDO = VAGND2 = VAGND3 = 0V, fCLK = 3.5MHz (50% duty cycle),
external clock mode, VREF = 4.096V (external reference operation), REFCAP = AVDD1, maximum single-ended bipolar input range (±VREF),
CDOUT = 50pF, CSSTRB = 50pF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)


Similar Part No. - MAX1035

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1035 MAXIM-MAX1035 Datasheet
832Kb / 31P
   8-/4-Channel, 짹VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 0; 5/05
MAX1035EUP MAXIM-MAX1035EUP Datasheet
832Kb / 31P
   8-/4-Channel, 짹VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 0; 5/05
More results

Similar Description - MAX1035

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1302 MAXIM-MAX1302 Datasheet
1Mb / 31P
   8-/4-Channel, VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 0; 5/05
MAX1032_1112 MAXIM-MAX1032_1112 Datasheet
1Mb / 32P
   8- and 4-Channel, 3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 5; 12/11
MAX1032 MAXIM-MAX1032_11 Datasheet
859Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 4; 8/11
MAX1032 MAXIM-MAX1032_V01 Datasheet
904Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
2013
MAX1034 MAXIM-MAX1034 Datasheet
832Kb / 31P
   8-/4-Channel, 짹VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 0; 5/05
MAX1032 MAXIM-MAX1032 Datasheet
724Kb / 31P
   8-/4-Channel, 짹12V Multirange Inputs, Serial 14-Bit ADCs
Rev 1; 8/06
MAX1300 MAXIM-MAX1300_10 Datasheet
1,017Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 2; 6/10
MAX1300 MAXIM-MAX1300_V01 Datasheet
2Mb / 31P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
2011
MAX1302 MAXIM-MAX1302_12 Datasheet
625Kb / 31P
   8-Channel, ±VREF Multirange Inputs, Serial 16-Bit ADC
Rev 0; 3/12
MAX1303 MAXIM-MAX1303_12 Datasheet
509Kb / 29P
   4-Channel, ±VREF Multirange Inputs,Serial 16-Bit ADC
Rev 2; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com