Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1034 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1034
Description  8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1034 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1034_12 Datasheet HTML 1Page - Maxim Integrated Products MAX1034_12 Datasheet HTML 2Page - Maxim Integrated Products MAX1034_12 Datasheet HTML 3Page - Maxim Integrated Products MAX1034_12 Datasheet HTML 4Page - Maxim Integrated Products MAX1034_12 Datasheet HTML 5Page - Maxim Integrated Products MAX1034_12 Datasheet HTML 6Page - Maxim Integrated Products MAX1034_12 Datasheet HTML 7Page - Maxim Integrated Products MAX1034_12 Datasheet HTML 8Page - Maxim Integrated Products MAX1034_12 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
8-/4-Channel, ±VREF Multirange Inputs,
Serial 14-Bit ADCs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VAVDD1 = VAVDD2 = VDVDD = VDVDDO = 5V, VAGND1 = VDGND = VDGNDO = VAGND2 = VAGND3 = 0V, fCLK = 3.5MHz (50% duty cycle),
external clock mode, VREF = 4.096V (external reference operation), REFCAP = AVDD1, maximum single-ended bipolar input range (±VREF),
CDOUT = 50pF, CSSTRB = 50pF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD1 to AGND1 ....................................................-0.3V to +6V
AVDD2 to AGND2 ....................................................-0.3V to +6V
DVDD to DGND ........................................................-0.3V to +6V
DVDDO to DGNDO ..................................................-0.3V to +6V
DVDD to DVDDO......................................................-0.3V to +6V
DVDD, DVDDO to AVDD1 ........................................-0.3V to +6V
AVDD1, DVDD, DVDDO to AVDD2 ..........................-0.3V to +6V
DGND, DGNDO, AGND3, AGND2 to AGND1 ......-0.3V to +0.3V
CS, SCLK, DIN, DOUT, SSTRB to
DGNDO..........................................-0.3V to (VDVDDO + 0.3V)
CH0–CH7 to AGND1 ...................................................-6V to +6V
REF, REFCAP to AGND1 ....................-0.3V to (VAVDD1 + 0.3V)
Continuous Current (any pin) ...........................................±50mA
Continuous Power Dissipation (Multilayer board, TA = +70°C)
20-Pin TSSOP (derate 13.6mW/°C above +70°C) .........1084mW
24-Pin TSSOP (derate 13.9mW/°C above +70°C) ......1111.1mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature .....................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY (Notes 1, 2)
Resolution
14
Bits
Integral Nonlinearity
INL
±0.25
±1
LSB
Differential Nonlinearity
DNL
No missing codes
±1
LSB
0.5
Transition Noise
External or internal reference
2
LSBRMS
Unipolar
0
±7.5
Single-ended inputs
Bipolar
-1.0
±7.5
Offset Error
Differential inputs
(Note 3)
Bipolar
-2
±10
mV
Channel-to-Channel Gain
Matching
Unipolar or bipolar
0.025
%FSR
Channel-to-Channel Offset Error
Matching
Unipolar or bipolar
1.0
mV
Unipolar
3
Bipolar
1
Offset Temperature Coefficient
Fully differential
2
µV/°C
Unipolar
±0.5
Bipolar
±0.8
Gain Error
Fully differential
±1
%FSR
Unipolar
1.5
Gain Temperature Coefficient
Bipolar
1.0
ppm/°C


Similar Part No. - MAX1034_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1034EUG MAXIM-MAX1034EUG Datasheet
832Kb / 31P
   8-/4-Channel, 짹VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 0; 5/05
More results

Similar Description - MAX1034_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1302 MAXIM-MAX1302 Datasheet
1Mb / 31P
   8-/4-Channel, VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 0; 5/05
MAX1032_1112 MAXIM-MAX1032_1112 Datasheet
1Mb / 32P
   8- and 4-Channel, 3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 5; 12/11
MAX1032 MAXIM-MAX1032_11 Datasheet
859Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 4; 8/11
MAX1032 MAXIM-MAX1032_V01 Datasheet
904Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
2013
MAX1034 MAXIM-MAX1034 Datasheet
832Kb / 31P
   8-/4-Channel, 짹VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 0; 5/05
MAX1032 MAXIM-MAX1032 Datasheet
724Kb / 31P
   8-/4-Channel, 짹12V Multirange Inputs, Serial 14-Bit ADCs
Rev 1; 8/06
MAX1300 MAXIM-MAX1300_10 Datasheet
1,017Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 2; 6/10
MAX1300 MAXIM-MAX1300_V01 Datasheet
2Mb / 31P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
2011
MAX1302 MAXIM-MAX1302_12 Datasheet
625Kb / 31P
   8-Channel, ±VREF Multirange Inputs, Serial 16-Bit ADC
Rev 0; 3/12
MAX1303 MAXIM-MAX1303_12 Datasheet
509Kb / 29P
   4-Channel, ±VREF Multirange Inputs,Serial 16-Bit ADC
Rev 2; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com