Electronic Components Datasheet Search |
|
OZ-SS-106DP000 Datasheet(PDF) 2 Page - Tyco Electronics |
|
OZ-SS-106DP000 Datasheet(HTML) 2 Page - Tyco Electronics |
2 / 2 page 463 Dimensions are shown for reference purposes only. Dimensions are in inches over (millimeters) unless otherwise specified. Specifications and availability subject to change. www.tycoelectronics.com Technical support: Refer to inside back cover. OEG Catalog 1308242 Issued 3-03 (PDF Rev. 11-04) Reference Data Wiring Diagrams Outline Dimensions Operating Voltage Operate Time Life Expectancy PC Board Layouts (Bottom View) Ordering Information Typical Part Number B OZ -SH -1 24 L M 1 F ,294 1. Basic Series: OZ = 16A PC Board Terminals OZF = Quick Connect Terminals OZT = TV-8 Rating PC Board Terminals 2. Enclosure: S = Vent (Flux-tight)* plastic cover (only available with OZF) SS = Vent (Flux-tight)* plastic cover. SH = Sealed, plastic case. 3. Termination: 1 = 1 pole 4. Coil Voltage: 05 = 5VDC 09 = 9VDC 24 = 24VDC 06 = 6VDC 12 = 12VDC 48 = 48VDC 5. Coil Input: D = Standard (720mW) L = Sensitive (540mW) 6. Contact Arrangement: Blank = 1 Form C, SPDT M = 1 Form A, SPST-NO 7. Contact Material: Blank = AgCdO (1 Form C) 1 = AgSnO (1 Form A, only available with OZ....LM1 or DM1) 8. Mounting and Termination: Blank = PC Board Terminals P = PC Board and Quick Connect Terminals (only available only with OZF-S-1..LM1P). 9. Insulation System: Blank = Class A (105 °C) Insulation F= Class F (155 °C) Insulation 10. Suffix: ,200 = Standard model for "SS" enclosure on OZ and OZT ,000 = Standard model for coil input "D" on OZF Other Suffix = Custom model ,294 = Standard model for "SH" enclosure on OZ and OZT ,300 = Standard model for coil input "L" on OZF * Not suitable for immersion cleaning processes. 12 10 8 6 4 2 0.2 0.4 0.6 0.8 1.0 1.2 1.4 Coil Power (W) Release Time Operate Time -40 -20 Ambient Temp. ( °C) 20 0 20 40 60 80 100 40 60 80 100 120 140 160 0 180 120 140 Operating Votage Range Pick-Up Voltage Cool Coil Hot Coil Applied Maximum Allowable Coil Voltage 13A 8A 8A 13A/16A 16A 100 Contact Current (A) 10 1 0 2 46 8 10 12 14 16 18 20 240VAC Resistive OZ OZF OZ Note: This data is based on the max. allowable temperature for E type insulation coil (115 °C). OZF OZF OZ 8 – .059 DIA (1.5) .295 ± .012 (7.5 ± .3) .197 ± .012 (5.0 ± .3) .197 ± .012 (5.0 ± .3) .600 ± .012 (15.24 ± .3) .300 ± .004 (7.6 ± .1) 1.02 ± .008 (26.0 ± .2) .394 ± .006 (10.0 ± .15) 2 – .059 DIA (1.5) 2 – .047 DIA (1.2) .945 ± .08 (24.0 ± .2) .300 ± .004 (7.6 ± .1) .098 ± .004 (2.5 ± .1) .266 ± .012 (6.75 ± .3) 1.14 ± .02 (29.0 ± .5) .165 ± .012 (4.2 ± .3) 1.02 ± .02 (26.0 ± .5) .073 (1.85) .394 ± .006 (10.0 ± .15) .394 (10.0) .047 (1.2) .047 (1.2) .047 (1.2) .024 ± .004 (0.6 ± .1) .134 (3.4) .2 ± .002 (.5 ± .05) .092 ± .012 (2.35 ± .3) .126 (3.2) .25 (6.35) .187 (4.75) .224 (5.7) .061 DIA (1.55) (Bottom View) (Bottom View) (Top View) * No electrical connection, for board attachment only. * .024 c (.60) .085 ± .012 (2.15 ± .3) .012 (.3) .157 ± .012 (4.0 ± .3) .047 (1.2) .047 (1.2) 1.15 ± .02 (29.2 ± .5) .295 ± .012 (7.5 ± .3) .811 ± .02 (20.6 ± .5) .504 ± .02 (12.8 ± .5) .012 (.3) .012 (.3) .197 ± .012 (5.0 ± .3) .197 ± .012 (5.0 ± .3) .59 ± .012 (15.0 ± .3) .073 ± .012 (1.85 ± .3) OZ-SH-105D,294 OZ-SH-112D,294 Our authorized distributors are more likely to maintain the following items in stock for immediate delivery. OZ-SH-124D,294 OZ-SH-105LM1,294 OZ-SH-112LM1,294 OZ-SH-124LM1,294 OZ-SH-105L,294 OZ-SH-112L,294 OZ-SH-124L,294 |
Similar Part No. - OZ-SS-106DP000 |
|
Similar Description - OZ-SS-106DP000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |