Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB514256B-70 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # HYB514256B-70
Description  256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB514256B-70 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  HYB514256B-70 Datasheet HTML 1Page - Siemens Semiconductor Group HYB514256B-70 Datasheet HTML 2Page - Siemens Semiconductor Group HYB514256B-70 Datasheet HTML 3Page - Siemens Semiconductor Group HYB514256B-70 Datasheet HTML 4Page - Siemens Semiconductor Group HYB514256B-70 Datasheet HTML 5Page - Siemens Semiconductor Group HYB514256B-70 Datasheet HTML 6Page - Siemens Semiconductor Group HYB514256B-70 Datasheet HTML 7Page - Siemens Semiconductor Group HYB514256B-70 Datasheet HTML 8Page - Siemens Semiconductor Group HYB514256B-70 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Semiconductor Group
55
01.95
262 144 words by 4-bit organization
Fast access and cycle time
50 ns access time
95 ns cycle time (-50 version)
60 ns access time
110 ns cycle time (-60 version)
70 ns access time
130 ns cycle time (-70 version)
Fast page mode cycle time
35 ns (-50 version)
40 ns (-60 version)
45 ns (-70 version)
Low power dissipation
max. 495 mW active (-50 version)
max. 440 mW active (-60 version)
max. 385 mW active (-70 version)
max. 5.5 mW standby
max. 1.1 mW standby for L-version
Ordering Information
Type
Ordering Code
Package
Description
HYB 514256B-50
Q67100-Q1044
P-DIP-20-2
DRAM (access time 50ns)
HYB 514256B-60
Q67100-Q530
P-DIP-20-2
DRAM (access time 60 ns)
HYB 514256B-70
Q67100-Q433
P-DIP-20-2
DRAM (access time 70 ns)
HYB 514256BJ-50
Q67100-Q1054
P-SOJ-26/20-1
DRAM (access time 50 ns)
HYB 514256BJ-60
Q67100-Q536
P-SOJ-26/20-1
DRAM (access time 60 ns)
HYB 514256BJ-70
Q67100-Q537
P-SOJ-26/20-1
DRAM (access time 70 ns)
HYB 514256BL-50
on request
P-DIP-20-2
DRAM (access time 50 ns)
HYB 514256BL-60
Q67100-Q542
P-DIP-20-2
DRAM (access time 60 ns)
HYB 514256BL-70
Q67100-Q543
P-DIP-20-2
DRAM (access time 70 ns)
HYB 514256BJL-50
on request
P-SOJ-26/20-1
DRAM (access time 50 ns)
HYB 514256BJL-60
Q67100-Q608
P-SOJ-26/20-1
DRAM (access time 60 ns)
HYB 514256BJL-70
Q67100-Q607
P-SOJ-26/20-1
DRAM (access time 70 ns)
256 K
× 4-Bit Dynamic RAM
Low Power 256 K
× 4-Bit Dynamic RAM
Advanced Information
Single + 5 V (
± 10 %) supply with a built-in V
BB
generator
Output unlatched at cycle end allows two-
dimensional chip selection
Read-modify-write, CAS-before-RAS
refresh, RAS-only refresh, hidden-refresh
and fast page mode capability
All inputs, outputs and clocks
TTL-compatible
512 refresh cycles/8 ms
512 refresh cycles/64 ms
for L-version only
Plastic Packages:
P-DIP-20-2,
P-SOJ-26/20-1
HYB 514256B/BJ-50/-60/-70
HYB 514256BL/BJL-50/-60/-70


Similar Part No. - HYB514256B-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB514265BJ-40 SIEMENS-HYB514265BJ-40 Datasheet
1Mb / 28P
   256K x 16-Bit EDO-Dynamic RAM
HYB514265BJ-400 SIEMENS-HYB514265BJ-400 Datasheet
1Mb / 28P
   256K x 16-Bit EDO-Dynamic RAM
HYB514265BJ-45 SIEMENS-HYB514265BJ-45 Datasheet
1Mb / 28P
   256K x 16-Bit EDO-Dynamic RAM
HYB514265BJ-50 SIEMENS-HYB514265BJ-50 Datasheet
1Mb / 28P
   256K x 16-Bit EDO-Dynamic RAM
More results

Similar Description - HYB514256B-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB314171BJ-50- SIEMENS-HYB314171BJ-50- Datasheet
1Mb / 24P
   3.3V 256 K x 16-Bit Dynamic RAM 3.3V Low Power 256 K x 16-Bit Dynamic RAM with Self Refresh
HYB514400BJ SIEMENS-HYB514400BJ Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
logo
Fujitsu Component Limit...
MB81F643242C FUJITSU-MB81F643242C Datasheet
1,001Kb / 56P
   4 X 512 K X 32 BIT SYNCHRONOUS DYNAMIC RAM
logo
Samsung semiconductor
KM44C256BL SAMSUNG-KM44C256BL Datasheet
1Mb / 15P
   256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
KM44C256C SAMSUNG-KM44C256C Datasheet
1Mb / 17P
   256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
KM44C256A SAMSUNG-KM44C256A Datasheet
581Kb / 15P
   256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
KM44C256D SAMSUNG-KM44C256D Datasheet
353Kb / 7P
   256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
KM44C256B SAMSUNG-KM44C256B Datasheet
1Mb / 15P
   256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
logo
Fujitsu Component Limit...
MB81F643242B-10FN-X FUJITSU-MB81F643242B-10FN-X Datasheet
952Kb / 56P
   MEMORY CMOS 4 X 512 K X 32 BIT SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com