Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3116405BTL-50 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # HYB3116405BTL-50
Description  4M x 4-Bit Dynamic RAM 2k & 4k Refresh
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3116405BTL-50 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button HYB3116405BTL-50 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3116405BTL-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3116405BTL-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3116405BTL-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3116405BTL-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3116405BTL-50 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3116405BTL-50 Datasheet HTML 10Page - Siemens Semiconductor Group HYB3116405BTL-50 Datasheet HTML 11Page - Siemens Semiconductor Group HYB3116405BTL-50 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
HYB 5116(7)405BJ-50/-60
HYB 3116(7)405BJ/BT(L)-50/-60
4M
× 4 EDO-DRAM
Semiconductor Group
8
1998-10-01
Capacitance
T
A = 0 to 70 °C, f = 1 MHz
Parameter
Symbol
Limit Values
Unit
min.
max.
Input capacitance (A0 to A11)
C
I1
–5pF
Input capacitance (RAS, CAS, WE, OE)
C
I2
–7pF
I/O capacitance (I/O1 to I/O4)
C
IO
–7pF
AC Characteristics
5, 6
T
A = 0 to 70 °C, VCC = 5 V ± 10 % / VCC = 3.3 V ± 0.3 V, tT = 2 ns
Parameter
Symbol
Limit Values
Unit
Note
-50
-60
min.
max.
min.
max.
Common Parameters
Random read or write cycle time
t
RC
84
104
ns
RAS precharge time
t
RP
30
40
ns
RAS pulse width
t
RAS
50
10k
60
10k
ns
CAS pulse width
t
CAS
8
10k
10
10k
ns
Row address setup time
t
ASR
0–0–ns
Row address hold time
t
RAH
8–10
–ns
Column address setup time
t
ASC
0–0–ns
Column address hold time
t
CAH
8–10
–ns
RAS to CAS delay time
t
RCD
12
37
14
45
ns
RAS to column address delay
t
RAD
10
25
12
30
ns
RAS hold time
t
RSH
13
15
ns
CAS hold time
t
CSH
40
50
ns
CAS to RAS precharge time
t
CRP
5–5–ns
Transition time (rise and fall)
t
T
1
50
1
50
ns
7
Refresh period for 2k-refresh version
t
REF
32
32
ms
Refresh period for 4k-refresh version
t
REF
64
64
ms
Refresh period for Low Power Version
t
REF
128
128
ms
Read Cycle
Access time from RAS
t
RAC
50
60
ns
8, 9
Access time from CAS
t
CAC
13
15
ns
8, 9


Similar Part No. - HYB3116405BTL-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3116405BTL-50 SIEMENS-HYB3116405BTL-50 Datasheet
285Kb / 26P
   3.3V 4M x 4-Bit EDO-Dynamic RAM
More results

Similar Description - HYB3116405BTL-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5116405BJBT-50- SIEMENS-HYB5116405BJBT-50- Datasheet
323Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116400BJ-50-60 SIEMENS-HYB5116400BJ-50-60 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5117805BSJ-50- SIEMENS-HYB5117805BSJ-50- Datasheet
258Kb / 25P
   2M x 8 - Bit Dynamic RAM 2k Refresh
HYB5117800BSJ-50- SIEMENS-HYB5117800BSJ-50- Datasheet
178Kb / 23P
   2M x 8 - Bit Dynamic RAM 2k Refresh
HYB5117805BSJ-50-60 SIEMENS-HYB5117805BSJ-50-60 Datasheet
176Kb / 23P
   2M x 8-Bit Dynamic RAM 2k Refresh
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB3116160BSJ SIEMENS-HYB3116160BSJ Datasheet
258Kb / 25P
   1M x 16-Bit Dynamic RAM 1k & 4k -Refresh
HYB5116165BSJ-50- SIEMENS-HYB5116165BSJ-50- Datasheet
269Kb / 26P
   1M x 16-Bit Dynamic RAM 1k & 4k Refresh
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
logo
Hitachi Semiconductor
HM5116405 HITACHI-HM5116405 Datasheet
316Kb / 35P
   16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com