Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1886T+T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS1886T+T
Description  SFP and PON ONU Controller with Digital LDD Interface
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1886T+T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS1886T+T Datasheet HTML 3Page - Maxim Integrated Products DS1886T+T Datasheet HTML 4Page - Maxim Integrated Products DS1886T+T Datasheet HTML 5Page - Maxim Integrated Products DS1886T+T Datasheet HTML 6Page - Maxim Integrated Products DS1886T+T Datasheet HTML 7Page - Maxim Integrated Products DS1886T+T Datasheet HTML 8Page - Maxim Integrated Products DS1886T+T Datasheet HTML 9Page - Maxim Integrated Products DS1886T+T Datasheet HTML 10Page - Maxim Integrated Products DS1886T+T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
����������������������������������������������������������������� Maxim Integrated Products 7
DS1886
SFP and PON ONU Controller
with Digital LDD Interface
TABLE OF CONTENTS (continued)
A2h Table 02h, Register EFh: 3WSET ........................................................83
A2h Table 02h, Register F0h: 3WCTRL .......................................................84
A2h Table 02h, Register F1h: ADDRESS ......................................................84
A2h Table 02h, Register F2h: WRITE .........................................................85
A2h Table 02h, Register F3h: READ .........................................................85
A2h Table 02h, Register F4h: TXSTAT2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85
A2h Table 02h, Register F5h: TXSTAT1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 86
A2h Table 02h, Register F6h: DPCSTAT ...................................................... 86
A2h Table 02h, Register F7h: RXSTAT ........................................................86
A2h Table 02h, Register F8h–FFh: RESERVED ................................................. 86
A2h Table 04h Register Descriptions ............................................................ 87
A2h Table 04h, Register 80h–A7h or 80h–9Fh: MODULATION or TXCTRL5 LUT ...................... 87
A2h Table 04h, Register A8h–EFh: EMPTY .................................................... 87
A2h Table 04h, Register F0h–F7h: MOD MAX LUT ............................................. 87
A2h Table 04h, Register F8h–FFh: MOD OFFSET or SET_IMOD LUT ............................... 88
A2h Table 06h Register Descriptions ............................................................88
A2h Table 06h, Register 80h–A7h: BIAS or APC LUT............................................ 88
A2h Table 06h, Register A8h–EFh: EMPTY .................................................... 89
A2h Table 06h, Register F0h–F7h: BIAS MAX LUT.............................................. 89
A2h Table 06h, Register F8h–FFh: BIAS OFFSET or SET_IBIAS LUT ............................... 89
A2h Table 08h Register Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90
A2h Table 08h, Register 80h–F7h: EMPTY ....................................................90
A2h Table 08h, Register F8h–FFh: INCBYTE ..................................................90
A2h Table 09h Register Descriptions ............................................................90
A2h Table 09h, Register 80h–F7h: EMPTY . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90
A2h Table 09h, Register F8h–FFh: DAC OFFSET LUT ...........................................90
Auxiliary Memory A0h Register Description ....................................................... 91
Auxiliary Memory A0h, Register 00h–FFh: EEPROM............................................. 91
Applications Information.. .. ... ... .. ... ... .. ... .. ... .. ... ... .. ... ... .. ... .. ... ... ... .. ... .. ... .. 91
Power-Supply Decoupling..................................................................... 91
Layout Considerations........................................................................ 91
SDA and SCL Pullup Resistors ................................................................. 91
Ordering Information . ... .. ... .. ... .. ... .. ... ... .. ... ... .. ... .. ... ... ... .. ... .. ... ... .. ... ... .. 91
Package Information.. .. ... ... .. ... ... .. ... .. ... .. ... ... .. ... ... .. ... .. ... ... ... .. ... .. ... ... .. 91
Revision History ... ... .. .. ... ... .. ... .. ... .. ... ... .. ... ... .. ... ... ... .. ... .. ... ... .. ... ... .. .. 92


Similar Part No. - DS1886T+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1886T+T MAXIM-DS1886T+T Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
Rev 1; 8/12
More results

Similar Description - DS1886T+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1886 MAXIM-DS1886_V01 Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
19-6259; Rev 1; 8/12
DS1884 MAXIM-DS1884 Datasheet
2Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
19-5928; Rev 1; 7/11
DS1886_V1 MAXIM-DS1886_V1 Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
Rev 1; 8/12
DS1878 MAXIM-DS1878 Datasheet
1Mb / 101P
   SFP Controller with Digital LDD Interface
Rev 1; 8/11
DS1874 MAXIM-DS1874 Datasheet
1Mb / 88P
   SFP Controller with Digital LDD Interface
Rev 0; 6/09
DS1873 MAXIM-DS1873 Datasheet
1Mb / 85P
   SFP Controller with Analog LDD Interface
Rev 0; 9/09
DS1876 MAXIM-DS1876 Datasheet
2Mb / 69P
   SFP Controller with Dual LDD Interface
Rev 0; 2/10
DS1876 MAXIM-DS1876_V01 Datasheet
2Mb / 69P
   SFP Controller with Dual LDD Interface
19-5153; Rev 0; 2/10
DS1875 MAXIM-DS1875 Datasheet
1Mb / 92P
   PON Triplexer and SFP Controller
Rev 1; 10/08
logo
Finisar Corporation.
FTGN2117P2CUN FINISAR-FTGN2117P2CUN Datasheet
438Kb / 1P
   Pluggable SFP ONU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com