Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3118165BSJ-50 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # HYB3118165BSJ-50
Description  1M x 16-Bit Dynamic RAM 1k Refresh
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3118165BSJ-50 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  HYB3118165BSJ-50 Datasheet HTML 1Page - Siemens Semiconductor Group HYB3118165BSJ-50 Datasheet HTML 2Page - Siemens Semiconductor Group HYB3118165BSJ-50 Datasheet HTML 3Page - Siemens Semiconductor Group HYB3118165BSJ-50 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3118165BSJ-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3118165BSJ-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3118165BSJ-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3118165BSJ-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3118165BSJ-50 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
HYB 5118165BSJ/BST-50/-60
HYB 3118165BSJ/BST-50/-60
1M
× 16 EDO-DRAM
Semiconductor Group
3
1998-10-01
Pin Names and Configuration
HYB 5(3)118165
Row Address Inputs
A0 - A9
Column Address Inputs
A0 - A9
Row Address Strobe
RAS
Upper Column Address Strobe
UCAS
Lower Column Address Strobe
LCAS
Output Enable
OE
Data Input/Output
I/O1 - I/O16
Read/Write Input
WE
Power Supply
V
CC
Ground (0 V)
V
SS
Not Connected
N.C.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
A5
A6
A7
OE
A8
UCAS
A9
I/O11
I/O13
I/O12
A0
A1
A2
I/O3
I/O4
I/O5
I/O6
I/O7
WE
RAS
N.C.
N.C.
SPP02812
V SS
SS
V
CC
V
I/O8
I/O10
I/O16
I/O15
SS
V
I/O1
I/O2
V CC
21
19
20
18
22
V CC
N.C.
N.C.
A3
A4
LCAS
N.C.
42
41
40
I/O9
I/O14
P-SOJ-42-1 (400 mil)
SPP03457
20
28
19
17
18
16
15
I/O1
I/O2
I/O4
N.C.
CC
V
9
10
11
2
3
4
5
1
40
32
31
30
29
36
35
34
7
6
8
33
I/O7
I/O6
I/O16
WE
A6
A5
A4
A3
A2
A0
22
21
UCAS
A1
23
24
25
SS
V
46
47
48
50
49
42
43
44
45
41
LCAS
N.C.
A7
A8
A9
OE
N.C.
RAS
A11 / N.C.
A10 / N.C.
26
27
SS
V
V
CC
I/O3
CC
V
I/O5
I/O8
V
SS
I/O15
I/O14
I/O13
I/O12
I/O11
I/O10
I/O9
N.C.
N.C.
P-TSOPII-50/44-1 (400 mil)


Similar Part No. - HYB3118165BSJ-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3118160BSJ-50 SIEMENS-HYB3118160BSJ-50 Datasheet
258Kb / 25P
   1M x 16-Bit Dynamic RAM 1k & 4k -Refresh
HYB3118160BSJ-50 SIEMENS-HYB3118160BSJ-50 Datasheet
191Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB3118160BSJ-60 SIEMENS-HYB3118160BSJ-60 Datasheet
258Kb / 25P
   1M x 16-Bit Dynamic RAM 1k & 4k -Refresh
HYB3118160BSJ-60 SIEMENS-HYB3118160BSJ-60 Datasheet
191Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB3118160BSJ-70 SIEMENS-HYB3118160BSJ-70 Datasheet
258Kb / 25P
   1M x 16-Bit Dynamic RAM 1k & 4k -Refresh
More results

Similar Description - HYB3118165BSJ-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5118160BSJ-50- SIEMENS-HYB5118160BSJ-50- Datasheet
191Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB3116160BSJ SIEMENS-HYB3116160BSJ Datasheet
258Kb / 25P
   1M x 16-Bit Dynamic RAM 1k & 4k -Refresh
HYB5116165BSJ-50- SIEMENS-HYB5116165BSJ-50- Datasheet
269Kb / 26P
   1M x 16-Bit Dynamic RAM 1k & 4k Refresh
HYB5116160BSJ-50 SIEMENS-HYB5116160BSJ-50 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5118160BSJ-50 SIEMENS-HYB5118160BSJ-50 Datasheet
254Kb / 24P
   1M x 16-Bit Dynamic RAM
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
HYB514400BJ SIEMENS-HYB514400BJ Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
logo
Mosel Vitelic, Corp
V53C518165A MOSEL-V53C518165A Datasheet
193Kb / 28P
   1M x 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
logo
Siemens Semiconductor G...
HYB314400BJ-50- SIEMENS-HYB314400BJ-50- Datasheet
126Kb / 25P
   1M x 4-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com