Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1886 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS1886
Description  SFP and PON ONU Controller with Digital LDD Interface
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1886 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS1886 Datasheet HTML 7Page - Maxim Integrated Products DS1886 Datasheet HTML 8Page - Maxim Integrated Products DS1886 Datasheet HTML 9Page - Maxim Integrated Products DS1886 Datasheet HTML 10Page - Maxim Integrated Products DS1886 Datasheet HTML 11Page - Maxim Integrated Products DS1886 Datasheet HTML 12Page - Maxim Integrated Products DS1886 Datasheet HTML 13Page - Maxim Integrated Products DS1886 Datasheet HTML 14Page - Maxim Integrated Products DS1886 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
���������������������������������������������������������������� Maxim Integrated Products 11
DS1886
SFP and PON ONU Controller
with Digital LDD Interface
DAC ELECTRICAL CHARACTERISTICS
(VCC = +2.97V to +3.63V, TA = -40NC to +95NC, unless otherwise noted.) (Note 1)
ANALOG VOLTAGE MONITORING CHARACTERISTICS
(VCC = +2.97V to +3.63V, TA = -40NC to +95NC, unless otherwise noted.) (Note 1)
DIGITAL THERMOMETER CHARACTERISTICS
(VCC = +2.97V to +3.63V, TA = -40NC to +95NC, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Delta-Sigma Input Clock
Frequency
fDS
2.1
MHz
Reference Voltage Input (REFIN)
VREFIN
Minimum 0.1µF to GND
2
VCC
V
Output Range
0
VREFIN
V
Output Resolution
See the Delta-Sigma Output and Reference
section for details (DAC FS[9:2] = FFh)
10
Bits
Output Impedance
RDS
VREFIN = 2.5V
45
100
I
Recovery After Power-Up
tINIT_DAC From VCC > VCC LO alarm or warning
See the Startup Timing
Characteristics table
ms
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ADC Resolution
(Note 4)
13
Bits
INL
TA = +25NC
-3
+3
LSB
DNL
-1
+1
LSB
Update Rate for Temperature,
TXMON (TXB/TXP),
RSSIP-RSSIN, VCC
tRR
RSSIP-RSSIN requires only a coarse
conversion (Note 5)
30
ms
Update Rate for RSSIP-RSSIN
tR/R2
RSSIP-RSSIN requires a fine conversion
36
ms
Input/Supply Offset (TXMON,
RSSIP, RSSIN, VCC)
VOS
(Notes 5, 6)
-1
0
+1
LSB
Factory Setting Full Scale
TXMON and RSSIP-RSSIN coarse
(Notes 6, 7)
2.5
V
VCC (Note 7)
6.5536
RSSIP-RSSIN fine (Note 7)
312.5
µV
Temperature LSB Weighting
1/256
N
C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Thermometer Error
TERR
-40NC to +95NC, guaranteed by design
-3
+3
N
C


Similar Part No. - DS1886

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1886 MAXIM-DS1886 Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
Rev 1; 8/12
DS1886 MAXIM-DS1886 Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
19-6259; Rev 1; 8/12
DS1886T++ MAXIM-DS1886T+ Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
Rev 1; 8/12
DS1886T+T MAXIM-DS1886T+T Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
Rev 1; 8/12
DS1886 MAXIM-DS1886_V01 Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
19-6259; Rev 1; 8/12
More results

Similar Description - DS1886

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1886 MAXIM-DS1886_V01 Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
19-6259; Rev 1; 8/12
DS1884 MAXIM-DS1884 Datasheet
2Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
19-5928; Rev 1; 7/11
DS1886_V1 MAXIM-DS1886_V1 Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
Rev 1; 8/12
DS1878 MAXIM-DS1878 Datasheet
1Mb / 101P
   SFP Controller with Digital LDD Interface
Rev 1; 8/11
DS1874 MAXIM-DS1874 Datasheet
1Mb / 88P
   SFP Controller with Digital LDD Interface
Rev 0; 6/09
DS1873 MAXIM-DS1873 Datasheet
1Mb / 85P
   SFP Controller with Analog LDD Interface
Rev 0; 9/09
DS1876 MAXIM-DS1876 Datasheet
2Mb / 69P
   SFP Controller with Dual LDD Interface
Rev 0; 2/10
DS1876 MAXIM-DS1876_V01 Datasheet
2Mb / 69P
   SFP Controller with Dual LDD Interface
19-5153; Rev 0; 2/10
DS1875 MAXIM-DS1875 Datasheet
1Mb / 92P
   PON Triplexer and SFP Controller
Rev 1; 10/08
logo
Finisar Corporation.
FTGN2117P2CUN FINISAR-FTGN2117P2CUN Datasheet
438Kb / 1P
   Pluggable SFP ONU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com