Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMA423P Datasheet(PDF) 2 Page - Analog Power

Part # AMA423P
Description  P-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AMA423P Datasheet(HTML) 2 Page - Analog Power

  AMA423P Datasheet HTML 1Page - Analog Power AMA423P Datasheet HTML 2Page - Analog Power AMA423P Datasheet HTML 3Page - Analog Power AMA423P Datasheet HTML 4Page - Analog Power AMA423P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Analog Power
AMA423P
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 uA
-0.4
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = -8 V
±100
nA
VDS = -16 V, VGS = 0 V
1
VDS = -16 V, VGS = 0 V, TJ = 55°C
25
On-State Drain Current
ID(on)
VDS = -5 V, VGS = -4.5 V
-10
A
VGS = -4.5 V, ID = -4.4 A
42
VGS = -2.5 V, ID = -3.6 A
57
VGS = -1.8 V, ID = -1 A
86
Forward Transconductance
gfs
VDS = -15 V, ID = -4.4 A
20
S
Diode Forward Voltage
VSD
IS = -2 A, VGS = 0 V
0.83
V
Total Gate Charge
Qg
6.8
Gate-Source Charge
Qgs
1.8
Gate-Drain Charge
Qgd
2.3
Turn-On Delay Time
td(on)
6
Rise Time
tr
6
Turn-Off Delay Time
td(off)
23
Fall Time
tf
15
Input Capacitance
Ciss
837
Output Capacitance
Coss
98
Reverse Transfer Capacitance
Crss
75
Gate Resistance
Rg
f = 1 MHz
3.7
Ω
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
ns
VDS = -10 V, VGS = -4.5 V,
ID = -4.4 A
Drain-Source On-Resistance
rDS(on)
Electrical Characteristics
Dynamic
Zero Gate Voltage Drain Current
Static
uA
IDSS
nC
VDD = -10 V, RL = 2.3 Ω, ID = -4.4 A,
VGEN = -4.5 V, RGEN = 6 Ω
VDS = -15 V, VGS = 0 V, f = 1 MHz
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out
of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special,
consequential or incidental damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary
in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL
products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the APL product could create a situation
where personal injury or death may occur. Should Buyer purchase or use APL products for any such unintended or unauthorized application,
Buyer shall indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs,
damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated
with such unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part.
APL is an Equal Opportunity/Affirmative Action Employer.
pF
© Preliminary
2
Publication Order Number:
DS-AMA423P-2010-rev4


Similar Part No. - AMA423P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AMA410N ANALOGPOWER-AMA410N Datasheet
358Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AMA430N ANALOGPOWER-AMA430N Datasheet
388Kb / 5P
   N-Channel 30-V (D-S) MOSFET
AMA431P ANALOGPOWER-AMA431P Datasheet
337Kb / 5P
   P-Channel 30-V (D-S) MOSFET
AMA440N ANALOGPOWER-AMA440N Datasheet
355Kb / 5P
   N-Channel 40-V (D-S) MOSFET
AMA450N ANALOGPOWER-AMA450N Datasheet
364Kb / 5P
   N-Channel 100-V (D-S) MOSFET
More results

Similar Description - AMA423P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com