Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB514100BJ-50 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # HYB514100BJ-50
Description  4M x 1-Bit Dynamic RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB514100BJ-50 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button HYB514100BJ-50 Datasheet HTML 2Page - Siemens Semiconductor Group HYB514100BJ-50 Datasheet HTML 3Page - Siemens Semiconductor Group HYB514100BJ-50 Datasheet HTML 4Page - Siemens Semiconductor Group HYB514100BJ-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYB514100BJ-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYB514100BJ-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYB514100BJ-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYB514100BJ-50 Datasheet HTML 9Page - Siemens Semiconductor Group HYB514100BJ-50 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
HYB 514100BJ-50/-60
4M
× 1 DRAM
Semiconductor Group
6
1998-10-01
CAS to RAS precharge time
t
CRP
5–
5
ns
Transition time (rise and fall)
t
T
3
50
3
50
ns
7
Refresh period
t
REF
16
16
ms
Read Cycle
Access time from RAS
t
RAC
50
60
ns
8, 9
Access time from CAS
t
CAC
13
15
ns
8, 9
Access time from column address
t
AA
25
30
ns
8, 10
Column addr. to RAS lead time
t
RAL
25
30
ns
Read command setup time
t
RCS
0–
0
ns
Read command hold time
t
RCH
0–
0
ns
11
Read command hold time referenced to RAS
t
RRH
0–
0
ns
11
CAS to output in low–Z
t
CLZ
0–
0
ns
8
Output buffer turn-off delay
t
OFF
0
13
0
15
ns
12
Write Cycle
Write command hold time
t
WCH
8
10
ns
Write command pulse width
t
WP
8
10
ns
Write command setup time
t
WCS
0–
0
ns
13
Write command to RAS lead time
t
RWL
13
15
ns
Write command to CAS lead time
t
CWL
13
15
ns
Data setup time
t
DS
0–
0
ns
14
Data hold time
t
DH
10
10
ns
14
Read-Modify-Write Cycle
Read-write cycle time
t
RWC
115
130
ns
RAS to WE delay time
t
RWD
50
60
ns
13
CAS to WE delay time
t
CWD
13
15
ns
13
Column address to WE delay time
t
AWD
25
30
ns
13
AC Characteristics (cont’d)
5, 6
T
A = 0 to 70 °C, VCC =5V ±10%, tT =5ns
Parameter
Symbol
Limit Values
Unit Note
-50
-60
min. max.
min. max.


Similar Part No. - HYB514100BJ-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB514171BJ-50 SIEMENS-HYB514171BJ-50 Datasheet
181Kb / 23P
   256k x 16-Bit Dynamic RAM
HYB514171BJ-50- SIEMENS-HYB514171BJ-50- Datasheet
181Kb / 23P
   256k x 16-Bit Dynamic RAM
HYB514171BJ-60 SIEMENS-HYB514171BJ-60 Datasheet
181Kb / 23P
   256k x 16-Bit Dynamic RAM
HYB514175BJ-50 SIEMENS-HYB514175BJ-50 Datasheet
177Kb / 22P
   256k x 16-Bit EDO-DRAM
HYB514175BJ-50- SIEMENS-HYB514175BJ-50- Datasheet
177Kb / 22P
   256k x 16-Bit EDO-DRAM
More results

Similar Description - HYB514100BJ-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
HYB3164165BT SIEMENS-HYB3164165BT Datasheet
304Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB3164160T SIEMENS-HYB3164160T Datasheet
367Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165T SIEMENS-HYB3164165T Datasheet
391Kb / 30P
   4M x 16-Bit Dynamic RAM
HYB3164160AT SIEMENS-HYB3164160AT Datasheet
216Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165AT SIEMENS-HYB3164165AT Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
HYM72V4000GS-50- SIEMENS-HYM72V4000GS-50- Datasheet
68Kb / 11P
   4M x 72-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com