Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM7411P Datasheet(PDF) 3 Page - Analog Power

Part # AM7411P
Description  P-Channel 100-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7411P Datasheet(HTML) 3 Page - Analog Power

  AM7411P Datasheet HTML 1Page - Analog Power AM7411P Datasheet HTML 2Page - Analog Power AM7411P Datasheet HTML 3Page - Analog Power AM7411P Datasheet HTML 4Page - Analog Power AM7411P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Analog Power
AM7411P
1. On-Resistance vs. Drain Current
2. Transfer Characteristics
3. On-Resistance vs. Gate-to-Source Voltage
4. Drain-to-Source Forward Voltage
5. Output Characteristics
6. Capacitance
Typical Electrical Characteristics
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0
1
2
3
4
5
ID-Drain Current (A)
4V
3.5V
4.5V, 6V,8V,10V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
0.4
0.8
1.2
1.6
2
VDS - Drain-to-Source Voltage (V)
10V,8V,6V, 4.5V
4V
3.5V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
2
4
6
8
10
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
ID = -3.0A
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
VSD - Source-to-Drain Voltage (V)
TJ = 25°C
0
200
400
600
800
1000
1200
1400
1600
0
5
10
15
20
VDS-Drain-to-Source Voltage (V)
Ciss
Coss
Crss
F = 1MHz
© Preliminary
3
Publication Order Number:
DS_AM7411P_1A


Similar Part No. - AM7411P

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM7410 AITSEMI-AM7410 Datasheet
1Mb / 9P
   N-CHANNEL ENHANCEMENT MODE
REV1.0
AM7410J8R AITSEMI-AM7410J8R Datasheet
1Mb / 9P
   N-CHANNEL ENHANCEMENT MODE
REV1.0
AM7410J8VR AITSEMI-AM7410J8VR Datasheet
1Mb / 9P
   N-CHANNEL ENHANCEMENT MODE
REV1.0
logo
Analog Power
AM7410N ANALOGPOWER-AM7410N Datasheet
370Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM7412N ANALOGPOWER-AM7412N Datasheet
99Kb / 3P
   N-Channel 100-V (D-S) MOSFET
More results

Similar Description - AM7411P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM10P10-530I ANALOGPOWER-AM10P10-530I Datasheet
318Kb / 5P
   P-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SISS71DN VISHAY-SISS71DN Datasheet
254Kb / 9P
   P-Channel 100 V (D-S) MOSFET
Rev. A, 11-Jul-16
logo
Analog Power
AM20P10-300D ANALOGPOWER-AM20P10-300D Datasheet
315Kb / 5P
   P-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI7457DP VISHAY-SI7457DP Datasheet
317Kb / 13P
   P-Channel 100-V (D-S) MOSFET
Rev. C, 16-Feb-09
SUP40P10-43 VISHAY-SUP40P10-43 Datasheet
106Kb / 6P
   P-Channel 100-V (D-S) MOSFET
Rev. A, 05-Oct-09
logo
Analog Power
AM2373P ANALOGPOWER-AM2373P Datasheet
301Kb / 5P
   P-Channel 100-V (D-S) MOSFET
AM7413P ANALOGPOWER-AM7413P Datasheet
409Kb / 5P
   P-Channel 100-V (D-S) MOSFET
AM20P10-205D ANALOGPOWER-AM20P10-205D Datasheet
399Kb / 5P
   P-Channel 100-V (D-S) MOSFET
AM10P10-530D ANALOGPOWER-AM10P10-530D Datasheet
341Kb / 5P
   P-Channel 100-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com