Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB514100BJ-50- Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # HYB514100BJ-50-
Description  4M x 1-Bit Dynamic RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB514100BJ-50- Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button HYB514100BJ-50- Datasheet HTML 3Page - Siemens Semiconductor Group HYB514100BJ-50- Datasheet HTML 4Page - Siemens Semiconductor Group HYB514100BJ-50- Datasheet HTML 5Page - Siemens Semiconductor Group HYB514100BJ-50- Datasheet HTML 6Page - Siemens Semiconductor Group HYB514100BJ-50- Datasheet HTML 7Page - Siemens Semiconductor Group HYB514100BJ-50- Datasheet HTML 8Page - Siemens Semiconductor Group HYB514100BJ-50- Datasheet HTML 9Page - Siemens Semiconductor Group HYB514100BJ-50- Datasheet HTML 10Page - Siemens Semiconductor Group HYB514100BJ-50- Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
HYB 514100BJ-50/-60
4M
× 1 DRAM
Semiconductor Group
7
1998-10-01
Fast Page Mode Cycle
Fast page mode cycle time
t
PC
35
40
ns
CAS precharge time
t
CP
10
10
ns
Access time from CAS precharge
t
CPA
30
35
ns
7
RAS pulse width
t
RAS
50
200k
60
200k
ns
CAS precharge to RAS Delay
t
RHCP
30
35
ns
Fast Page Mode Read-Modify-Write Cycle
Fast page mode read-write cycle time
t
PRWC
55
60
ns
CAS precharge to WE
t
CPWD
30
35
ns
CAS-before-RAS Refresh Cycle
CAS setup time
t
CSR
10
10
ns
CAS hold time
t
CHR
10
10
ns
RAS to CAS precharge time
t
RPC
5–
5
ns
Write to RAS precharge time
t
WRP
10
10
ns
Write hold time referenced to RAS
t
WRH
10
10
ns
CAS-before-RAS Counter Test Cycle
CAS precharge time
t
CPT
35
40
ns
Test Mode
Write command setup time
t
WTS
10
10
ns
Write command hold time
t
WTH
10
10
ns
AC Characteristics (cont’d)
5, 6
T
A = 0 to 70 °C, VCC =5V ±10%, tT =5ns
Parameter
Symbol
Limit Values
Unit Note
-50
-60
min. max.
min. max.


Similar Part No. - HYB514100BJ-50-

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB514171BJ-50 SIEMENS-HYB514171BJ-50 Datasheet
181Kb / 23P
   256k x 16-Bit Dynamic RAM
HYB514171BJ-50- SIEMENS-HYB514171BJ-50- Datasheet
181Kb / 23P
   256k x 16-Bit Dynamic RAM
HYB514171BJ-60 SIEMENS-HYB514171BJ-60 Datasheet
181Kb / 23P
   256k x 16-Bit Dynamic RAM
HYB514175BJ-50 SIEMENS-HYB514175BJ-50 Datasheet
177Kb / 22P
   256k x 16-Bit EDO-DRAM
HYB514175BJ-50- SIEMENS-HYB514175BJ-50- Datasheet
177Kb / 22P
   256k x 16-Bit EDO-DRAM
More results

Similar Description - HYB514100BJ-50-

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
HYB3164165BT SIEMENS-HYB3164165BT Datasheet
304Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB3164160T SIEMENS-HYB3164160T Datasheet
367Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165T SIEMENS-HYB3164165T Datasheet
391Kb / 30P
   4M x 16-Bit Dynamic RAM
HYB3164160AT SIEMENS-HYB3164160AT Datasheet
216Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165AT SIEMENS-HYB3164165AT Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
HYM72V4000GS-50- SIEMENS-HYM72V4000GS-50- Datasheet
68Kb / 11P
   4M x 72-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com