Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3116405BJ-60 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # HYB3116405BJ-60
Description  4M x 4-Bit Dynamic RAM 2k & 4k Refresh
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3116405BJ-60 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  HYB3116405BJ-60 Datasheet HTML 1Page - Siemens Semiconductor Group HYB3116405BJ-60 Datasheet HTML 2Page - Siemens Semiconductor Group HYB3116405BJ-60 Datasheet HTML 3Page - Siemens Semiconductor Group HYB3116405BJ-60 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3116405BJ-60 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3116405BJ-60 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3116405BJ-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3116405BJ-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3116405BJ-60 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
HYB 5116(7)405BJ-50/-60
HYB 3116(7)405BJ/BT(L)-50/-60
4M
× 4 EDO-DRAM
Semiconductor Group
3
1998-10-01
Pin Configuration
(top view)
Pin Names
HYB 5(3)16405
4k-Refresh
HYB 5(3)17405
2k-Refresh
Row Address Inputs
A0 - A11
A0 - A10
Column Address Inputs
A0 - A9
A0 - A10
Row Address Strobe
RAS
Column Address Strobe
CAS
Output Enable
OE
Data Input/Output
I/O1 - I/O4
Read/Write Input
WE
Power Supply
V
CC
Ground (0 V)
V
SS
Not Connected
N.C.
P-SOJ-26/24-1 300 mil
P-TSOPII-26/24-1 300 mil
CC
V
A0
9
10
12
11
2
3
4
5
1
13
14
26
18
17
16
15
22
23
24
25
SPP03454
6
819
21
A10
SS
V
A4
I/O3
I/O4
CAS
OE
SS
V
I/O1
A11 / N.C.
RAS
WE
V
CC
I/O2
A1
A2
A3
A5
A6
A7
A8
A9


Similar Part No. - HYB3116405BJ-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3116405BJ-60 SIEMENS-HYB3116405BJ-60 Datasheet
285Kb / 26P
   3.3V 4M x 4-Bit EDO-Dynamic RAM
More results

Similar Description - HYB3116405BJ-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5116405BJBT-50- SIEMENS-HYB5116405BJBT-50- Datasheet
323Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116400BJ-50-60 SIEMENS-HYB5116400BJ-50-60 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5117805BSJ-50- SIEMENS-HYB5117805BSJ-50- Datasheet
258Kb / 25P
   2M x 8 - Bit Dynamic RAM 2k Refresh
HYB5117800BSJ-50- SIEMENS-HYB5117800BSJ-50- Datasheet
178Kb / 23P
   2M x 8 - Bit Dynamic RAM 2k Refresh
HYB5117805BSJ-50-60 SIEMENS-HYB5117805BSJ-50-60 Datasheet
176Kb / 23P
   2M x 8-Bit Dynamic RAM 2k Refresh
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB3116160BSJ SIEMENS-HYB3116160BSJ Datasheet
258Kb / 25P
   1M x 16-Bit Dynamic RAM 1k & 4k -Refresh
HYB5116165BSJ-50- SIEMENS-HYB5116165BSJ-50- Datasheet
269Kb / 26P
   1M x 16-Bit Dynamic RAM 1k & 4k Refresh
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
logo
Hitachi Semiconductor
HM5116405 HITACHI-HM5116405 Datasheet
316Kb / 35P
   16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com