Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM7321P Datasheet(PDF) 4 Page - Analog Power

Part # AM7321P
Description  P-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7321P Datasheet(HTML) 4 Page - Analog Power

  AM7321P Datasheet HTML 1Page - Analog Power AM7321P Datasheet HTML 2Page - Analog Power AM7321P Datasheet HTML 3Page - Analog Power AM7321P Datasheet HTML 4Page - Analog Power AM7321P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AM7321P
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM7321_B
4
Typical Electrical Characteristics (P-Channel)
Figure 9. Maximum Safe Operating Area
Figure 10. Single Pulse Maximum Power Dissipation
Normalized Thermal Transient Junction to Ambient
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
Square Wave Pulse Duration (S)
PDM
t1
t2
1. Duty Cycal D = t1/t2
2. Per Unit Bas e RθJ A =70C/W
3. TJ M - TA = PDM Zθjc
4. Sureface Mounted
Single Pulse
0.5
0.2
0.2
0.1
0.05
0.02
Figure 11. Transient Thermal Response Curve
0
1 0 0 0
2 0 0 0
3 0 0 0
4 0 0 0
-2 0
-1 5
-1 0
-5
0
VDS(V)
CISS
COSS
CRSS
Figure 8. Capacitance Characteristics
0
5
10
15
20
25
30
35
40
45
50
0.01
0.1
1
10
100
1000
Pulse T ime (S)
-0.4
-0.2
0
0.2
0.4
0.6
0.8
-50
-25
0
25
50
75
100
125
150
T J - Juncation T emperature (ºC)
Figure 7. Gate Charge Characteristics
-5
-4
-3
-2
-1
0
0
8
16
24
32
40
Q g, C harge (nC )
I
D=11.5a


Similar Part No. - AM7321P

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AM7321P VBSEMI-AM7321P Datasheet
1Mb / 8P
   P-Channel 12 V (G-S) MOSFET
More results

Similar Description - AM7321P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com