Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLRC663 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 2 Page - NXP Semiconductors

  CLRC663 Datasheet HTML 1Page - NXP Semiconductors CLRC663 Datasheet HTML 2Page - NXP Semiconductors CLRC663 Datasheet HTML 3Page - NXP Semiconductors CLRC663 Datasheet HTML 4Page - NXP Semiconductors CLRC663 Datasheet HTML 5Page - NXP Semiconductors CLRC663 Datasheet HTML 6Page - NXP Semiconductors CLRC663 Datasheet HTML 7Page - NXP Semiconductors CLRC663 Datasheet HTML 8Page - NXP Semiconductors CLRC663 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
2 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
The CLRC663 is supporting the P2P passive initiator mode in accordance with
ISO/IEC 18092.
The CLRC663 supports the vicinity protocol according to ISO/IEC15693, EPC UID and
ISO/IEC 18000-3 mode 3/ EPC Class-1 HF.
The following host interfaces are supported:
Serial Peripheral Interface (SPI)
Serial UART (similar to RS232 with voltage levels dependent on pin voltage supply)
I2C-bus interface (two versions are implemented: I2C and I2CL)
The CLRC663 supports the connection of a secure access module (SAM). A dedicated
separate I2C interface is implemented for a connection of the SAM. The SAM can be used
for high secure key storage and acts as a very performant crypto coprocessor. A
dedicated SAM is available for connection to the CLRC663.
3.
Features and benefits
High RF output power frontend IC for transfer speed up to 848 kbit/s
Supports ISO/IEC 14443 A/MIFARE, ISO/IEC 14443 B and FeliCa
P2P passive initiator mode in accordance with ISO/IEC 18092
Supports ISO/IEC15693, ICODE EPC UID and ISO/IEC 18000-3 mode 3/ EPC
Class-1 HF
Supports MIFARE Classic encryption in read/write mode
Low-Power Card Detection
Compliance to “EMV contactless protocol specification V2.0.1” on RF level can be
achieved
Antenna connection with minimum number of external components
Supported host interfaces:
SPI up to 10 Mbit/s
I2C-bus interfaces up to 400 kBd in Fast mode, up to 1000 kBd in Fast mode plus
RS232 Serial UART up to 1228.8 kBd, with voltage levels dependent on pin
voltage supply
Separate I2C-bus interface for connection of a secure access module (SAM)
FIFO buffer with size of 512 byte for highest transaction performance
Flexible and efficient power saving modes including hard power down, standby and
low-power card detection
Cost saving by integrated PLL to derive system CPU clock from 27.12 MHz RF quartz
crystal
3.3 V to 5 V power supply
Up to 8 free programmable input/output pins
Typical operating distance in read/write mode for communication to a
ISO/IEC 14443A/MIFARE Card up to 12 cm, depending on the antenna size and
tuning


Similar Part No. - CLRC663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC663 NXP-CLRC663 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN NXP-CLRC66301HN Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN551 NXP-CLRC66301HN551 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66301HN557 NXP-CLRC66301HN557 Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
CLRC66302HN NXP-CLRC66302HN Datasheet
1Mb / 177P
   High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Rev. 5.3 - 3 January 2024
More results

Similar Description - CLRC663

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
   Contactless Reader IC
Rev. 3.2-22 May 2007
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
   Contactless reader IC
Rev. 3.1-6 September 2012
MFRC523 NXP-MFRC523 Datasheet
776Kb / 98P
   Contactless reader IC
Rev. 3.3-5 March 2010
MFRC522 NXP-MFRC522_09 Datasheet
526Kb / 96P
   Contactless reader IC
Rev. 3.3-26 October 2009
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
   Contactless reader IC
Rev. 3.4-5 March 2010
CLRC632 PHILIPS-CLRC632 Datasheet
900Kb / 163P
   Multiple Protocol Contactless Reader IC
May 2003
logo
STMicroelectronics
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
   CONTACTLESS READER CHIP SET
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
   CONTACTLESS READER CHIP SET
STRF2163 STMICROELECTRONICS-STRF2163 Datasheet
21Kb / 2P
   CONTACTLESS READER CHIP SET
logo
NXP Semiconductors
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
   PEGODA Contactless Smart Card Reader
November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com