Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67100-Q1108 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # Q67100-Q1108
Description  1M x 16-Bit Dynamic RAM 1k & 4k Refresh
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q1108 Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button Q67100-Q1108 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q1108 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q1108 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q1108 Datasheet HTML 9Page - Siemens Semiconductor Group Q67100-Q1108 Datasheet HTML 10Page - Siemens Semiconductor Group Q67100-Q1108 Datasheet HTML 11Page - Siemens Semiconductor Group Q67100-Q1108 Datasheet HTML 12Page - Siemens Semiconductor Group Q67100-Q1108 Datasheet HTML 13Page - Siemens Semiconductor Group Q67100-Q1108 Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Semiconductor Group
10
HYB 5116(8)165BSJ-50/-60/-70
1M x 16-EDO DRAM
Hyper Page Mode (EDO) Read-modify-Write Cycle
Hyper page mode (EDO) read-
write cycle time
tPRWC
58
68
77
ns
CAS precharge to WE
tCPWD
41
49
56
ns
CAS-before-RAS Refresh Cycle
CAS setup time
tCSR
10
10
10
ns
CAS hold time
tCHR
10
10
10
ns
RAS to CAS precharge time
tRPC
5–5
–5–
ns
Write to RAS precharge time
tWRP
10
10
10
ns
Write hold time referenced to RAS tWRH
10
10
10
ns
CAS-before-RAS Counter Test Cycle
CAS precharge time
tCPT
35
40
40
ns
Self Refresh Cycle
RAS pulse width
tRASS
100k
_
100k
_
100k
_
ns
17
RAS precharge
tRPS
95
_
110
_
130
_
ns
17
CAS hold time
tCHS
-50
_
-50
_
-50
_
ns
17
AC Characteristics (cont’d) 5)6)
16E
TA = 0 to 70 °C,VCC = 5 V
± 10 %, t
T = 2 ns
Parameter
Symbol
Limit Values
Unit
Note
-50
-60
-70
min.
max. min.
max. min.
max.
HYB 5116(8)165BSJ-50/-60/-70
1M x 16-EDO DRAM


Similar Part No. - Q67100-Q1108

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-Q1108 SIEMENS-Q67100-Q1108 Datasheet
192Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
More results

Similar Description - Q67100-Q1108

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3116160BSJ SIEMENS-HYB3116160BSJ Datasheet
258Kb / 25P
   1M x 16-Bit Dynamic RAM 1k & 4k -Refresh
HYB5118165BSJBST-50- SIEMENS-HYB5118165BSJBST-50- Datasheet
192Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB5118160BSJ-50- SIEMENS-HYB5118160BSJ-50- Datasheet
191Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB5116405BJ-50- SIEMENS-HYB5116405BJ-50- Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116405BJBT-50- SIEMENS-HYB5116405BJBT-50- Datasheet
323Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116160BSJ-50 SIEMENS-HYB5116160BSJ-50 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5118160BSJ-50 SIEMENS-HYB5118160BSJ-50 Datasheet
254Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5116400BJ-50-60 SIEMENS-HYB5116400BJ-50-60 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com