Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM6227BJ20R2 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MCM6227BJ20R2
Description  1M x 1 Bit Static Random Access Memory
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6227BJ20R2 Datasheet(HTML) 4 Page - Motorola, Inc

  MCM6227BJ20R2 Datasheet HTML 1Page - Motorola, Inc MCM6227BJ20R2 Datasheet HTML 2Page - Motorola, Inc MCM6227BJ20R2 Datasheet HTML 3Page - Motorola, Inc MCM6227BJ20R2 Datasheet HTML 4Page - Motorola, Inc MCM6227BJ20R2 Datasheet HTML 5Page - Motorola, Inc MCM6227BJ20R2 Datasheet HTML 6Page - Motorola, Inc MCM6227BJ20R2 Datasheet HTML 7Page - Motorola, Inc MCM6227BJ20R2 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MCM6227B
4
MOTOROLA FAST SRAM
READ CYCLE 1 (See Notes 1, 2, and 8)
A (ADDRESS)
Q (DATA OUT)
tAVAV
tAXQX
tAVQV
DATA VALID
PREVIOUS DATA VALID
READ CYCLE 2 (See Note 4)
tAVAV
tELQV
tELQX
tEHQZ
tAVQV
tELICCH
tEHICCL
ISB
Q (DATA OUT)
A (ADDRESS)
E (CHIP ENABLE)
SUPPLY CURRENT
ICC
HIGH–Z
DATA VALID


Similar Part No. - MCM6227BJ20R2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6227A MOTOROLA-MCM6227A Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227AWJ20 MOTOROLA-MCM6227AWJ20 Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227AWJ20R2 MOTOROLA-MCM6227AWJ20R2 Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227AWJ25 MOTOROLA-MCM6227AWJ25 Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227AWJ25R2 MOTOROLA-MCM6227AWJ25R2 Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
More results

Similar Description - MCM6227BJ20R2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6227A MOTOROLA-MCM6227A Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6949 MOTOROLA-MCM6949 Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
MCM6249 MOTOROLA-MCM6249 Datasheet
116Kb / 7P
   1M x4 Bit Static Random Access Memory
logo
National Semiconductor ...
93L425A NSC-93L425A Datasheet
131Kb / 6P
   1024 X 1-BIT STATIC RANDOM ACCESS MEMORY
logo
Motorola, Inc
MCM6706B MOTOROLA-MCM6706B Datasheet
102Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706CR MOTOROLA-MCM6706CR Datasheet
106Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706R MOTOROLA-MCM6706R Datasheet
151Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6229BB MOTOROLA-MCM6229BB Datasheet
125Kb / 8P
   256K x 4 Bit Static Random Access Memory
MCM6246 MOTOROLA-MCM6246 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6706AR MOTOROLA-MCM6706AR Datasheet
152Kb / 8P
   32K x 8 Bit Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com