Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM3402N Datasheet(PDF) 2 Page - Analog Power

Part # AM3402N
Description  N-Channel Logic Level MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM3402N Datasheet(HTML) 2 Page - Analog Power

  AM3402N Datasheet HTML 1Page - Analog Power AM3402N Datasheet HTML 2Page - Analog Power AM3402N Datasheet HTML 3Page - Analog Power AM3402N Datasheet HTML 4Page - Analog Power AM3402N Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AM3402N
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM3402_B
2
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or
use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and
actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by
customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are not designed,
intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the APL product could create a situation where personal injury or death may occur.
Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall indemnify and hold APL and its
officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an Equal Opportunity/Affirmative Action Employer.
Min
Typ
Max
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
VDS = 24 V, VGS = 0 V
1
VDS = 24 V, VGS = 0 V, TJ = 55
oC
10
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
1.0
3.0
V
VGS = 10 V, ID = 6.3 A
27
V
GS = 10 V, ID = 6.3 A TJ = 55
oC
39
VGS = 4.5 V, ID = 5.5 A
35
Forward Tranconductance
A
gfs
VDS = 10 V, ID = 6.3 A
45
S
On-State Drain Current
A
ID(on)
VDS = 5 V, VGS = 10 V
20
A
Diode Forward Voltage
VSD
IS = 1.3 A, VGS = 0 V
0.75
V
Total Gate Charge
Qg
9
Gate-Source Charge
Qgs
2.9
Gate-Drain Charge
Qgd
3.2
Turn-On Delay Time
td(on)
6
Rise Time
tr
10
Turn-Off Delay Time
td(off)
18
Fall-Time
tf
5
Dynamic
b
VDS = 15 V, VGS = 5 V, ID = 6.3 A
RL = 6
nC
Switching Characteristics
VDS = 15 V, RL = 6
, ID = 1 A,
VGEN = 10 V
ns
Switch Off Characteristics
Zero Gate Voltage Drain Current
IDSS
uA
Drain-Source On-Resistance
A
rDS(on)
m
Switch On Characteristics
SPECIFICATIONS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Conditions
Limits
Unit


Similar Part No. - AM3402N

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM3400 AITSEMI-AM3400 Datasheet
486Kb / 7P
   MOSFET 30V N-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV2.0
AM3400A AITSEMI-AM3400A Datasheet
730Kb / 8P
   MOSFET 30V N-CHANNEL ENHANCEMENT MODE
REV2.0
AM3400AE3R AITSEMI-AM3400AE3R Datasheet
730Kb / 8P
   MOSFET 30V N-CHANNEL ENHANCEMENT MODE
REV2.0
AM3400AE3VR AITSEMI-AM3400AE3VR Datasheet
730Kb / 8P
   MOSFET 30V N-CHANNEL ENHANCEMENT MODE
REV2.0
AM3400E3R AITSEMI-AM3400E3R Datasheet
486Kb / 7P
   MOSFET 30V N-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV2.0
More results

Similar Description - AM3402N

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM3414N ANALOGPOWER-AM3414N Datasheet
105Kb / 3P
   N-Channel Logic Level MOSFET
AM2310N ANALOGPOWER-AM2310N Datasheet
244Kb / 5P
   N-Channel Logic Level MOSFET
logo
Samsung semiconductor
IRLZ44 SAMSUNG-IRLZ44 Datasheet
209Kb / 4P
   N-CHANNEL LOGIC LEVEL MOSFET
logo
ARTSCHIP ELECTRONICS CO...
IRLZ44 ARTSCHIP-IRLZ44 Datasheet
240Kb / 4P
   N-CHANNEL LOGIC LEVEL MOSFET
logo
Microsemi Corporation
2N6901 MICROSEMI-2N6901 Datasheet
154Kb / 3P
   N-CHANNEL LOGIC LEVEL MOSFET
logo
SeCoS Halbleitertechnol...
SMG2318N SECOS-SMG2318N Datasheet
474Kb / 4P
   N-Channel Logic Level MOSFET
logo
Analog Power
AM3438NE ANALOGPOWER-AM3438NE Datasheet
256Kb / 5P
   N-Channel Logic Level MOSFET
logo
SeCoS Halbleitertechnol...
SMG2318N SECOS-SMG2318N_15 Datasheet
474Kb / 4P
   N-Channel Logic Level MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
PA5S6EA NIKOSEM-PA5S6EA Datasheet
346Kb / 4P
   N-Channel Logic Level MOSFET
REV 1.0
logo
Fairchild Semiconductor
FDP7030BL FAIRCHILD-FDP7030BL Datasheet
112Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com