Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3117400BJ-60 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # HYB3117400BJ-60
Description  4M x 4-Bit Dynamic RAM 2k & 4k Refresh
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3117400BJ-60 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button HYB3117400BJ-60 Datasheet HTML 3Page - Siemens Semiconductor Group HYB3117400BJ-60 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3117400BJ-60 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3117400BJ-60 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3117400BJ-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3117400BJ-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3117400BJ-60 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3117400BJ-60 Datasheet HTML 10Page - Siemens Semiconductor Group HYB3117400BJ-60 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
HYB 5116(7)400BJ-50/-60
HYB 3116(7)400BJ/BT-50/-60
4M
× 4 DRAM
Semiconductor Group
7
1998-10-01
DC Characteristics (cont’d)
T
A = 0 to 70 °C, VSS = 0 V, tT = 2 ns
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
2k
4k
Common Parameters
Input leakage current
(0 V
V
IH VCC + 0.3 V, all other pins = 0 V)
I
I(L)
–10
10
µA
1
Output leakage current
(DO is disabled, 0 V
V
OUT VCC + 0.3 V)
I
O(L)
–10
10
µA
1
Average
V
CC supply current
-50 ns version
-60 ns version
(RAS, CAS, address cycling:
t
RC = tRC MIN.)
I
CC1
80
70
50
40
mA
mA
2, 3, 4
2, 3, 4
Standby
V
CC supply current (RAS = CAS = VIH)
I
CC2
2
mA
Average
V
CC supply current, during RAS-only refresh
cycles
-50 ns version
-60 ns version
(RAS cycling, CAS =
V
IH, tRC = tRC MIN.)
I
CC3
80
70
50
40
mA
mA
2, 4
2, 4
Average
V
CC supply current,during fast page mode
-50 ns version
-60 ns version
(RAS =
V
IL, CAS, address cycling: tPC = tPC MIN.)
I
CC4
25
20
mA
mA
2, 3, 4
2, 3, 4
Standby
V
CC supply current
(RAS = CAS =
V
CC – 0.2 V)
I
CC5
–1
mA
1
Average
V
CC supply current, during CAS-before-RAS
refresh mode
-50 ns version
-60 ns version
(RAS, CAS cycling:
t
RC = tRC MIN.)
I
CC6
80
70
50
40
mA
mA
2, 4
2, 4


Similar Part No. - HYB3117400BJ-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3117400BJ-60 SIEMENS-HYB3117400BJ-60 Datasheet
253Kb / 26P
   3.3V 4M x 4-Bit Dynamic RAM
More results

Similar Description - HYB3117400BJ-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5116405BJ-50- SIEMENS-HYB5116405BJ-50- Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116405BJBT-50- SIEMENS-HYB5116405BJBT-50- Datasheet
323Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5117805BSJ-50- SIEMENS-HYB5117805BSJ-50- Datasheet
258Kb / 25P
   2M x 8 - Bit Dynamic RAM 2k Refresh
HYB5117800BSJ-50- SIEMENS-HYB5117800BSJ-50- Datasheet
178Kb / 23P
   2M x 8 - Bit Dynamic RAM 2k Refresh
HYB5117805BSJ-50-60 SIEMENS-HYB5117805BSJ-50-60 Datasheet
176Kb / 23P
   2M x 8-Bit Dynamic RAM 2k Refresh
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB3116160BSJ SIEMENS-HYB3116160BSJ Datasheet
258Kb / 25P
   1M x 16-Bit Dynamic RAM 1k & 4k -Refresh
HYB5116165BSJ-50- SIEMENS-HYB5116165BSJ-50- Datasheet
269Kb / 26P
   1M x 16-Bit Dynamic RAM 1k & 4k Refresh
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
logo
Hitachi Semiconductor
HM5116405 HITACHI-HM5116405 Datasheet
316Kb / 35P
   16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com