Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3165805ATL-50 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # HYB3165805ATL-50
Description  8M x 8-Bit Dynamic RAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3165805ATL-50 Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button HYB3165805ATL-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3165805ATL-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3165805ATL-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3165805ATL-50 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3165805ATL-50 Datasheet HTML 10Page - Siemens Semiconductor Group HYB3165805ATL-50 Datasheet HTML 11Page - Siemens Semiconductor Group HYB3165805ATL-50 Datasheet HTML 12Page - Siemens Semiconductor Group HYB3165805ATL-50 Datasheet HTML 13Page - Siemens Semiconductor Group HYB3165805ATL-50 Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Semiconductor Group
10
HYB3164(5)805AJ/AT(L)-40/-50/-60
8M x 8-DRAM
Read command hold time
referenced to RAS
tRRH
0–0
–0–
ns
11
CAS to output in low-Z
t
CLZ
0–0
–0–
ns
8
Output buffer turn-off delay
tOFF
010
0
13
015
ns
12
Output buffer turn-off delay from OE
tOEZ
010
0
13
015
ns
12
Data to CAS low delay
tDZC
0–0
–0–
ns
13
Data to OE low delay
tDZO
0–0
–0–
ns
13
CAS high to data delay
tCDD
10
13
15
ns
14
OE high to data delay
tODD
10
13
15
ns
14
Write Cycle
Write command hold time
tWCH
5–7
–10
ns
Write command pulse width
tWP
5–7
–10
ns
Write command setup time
t
WCS
0–0
–0–
ns
15
Write command to RAS lead time
t
RWL
6–8
–10
ns
Write command to CAS lead time
t
CWL
6–8
–10
ns
Data setup time
t
DS
0–0
–0–
ns
16
Data hold time
t
DH
5–7
–10
ns
16
Read-modify-Write Cycle
Read-write cycle time
tRWC
89
109
133
ns
RAS to WE delay time
tRWD
52
65
77
ns
15
CAS to WE delay time
tCWD
22
28
32
ns
15
Column address to WE delay time
tAWD
32
40
47
ns
15
OE command hold time
tOEH
5–7
–10
ns
Hyper Page Mode (EDO) Cycle
Hyper page mode (EDO) cycle time
tHPC
16
20
24
ns
Access time from CAS precharge
tCPA
–22
27
–32
ns
7
Output data hold time
tCOH
3–5
–5–
ns
AC Characteristics (cont’d) 5)6)
AC64-2E
T
A = 0 to 70 °C,VCC = 3.3 V ± 0.3V , tT = 2 ns
Parameter
Symbol
Limit Values
Unit
Note
- 40
- 50
- 60
min.
max.
min.
max.
min.
max.


Similar Part No. - HYB3165805ATL-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3165805BJ-40 SIEMENS-HYB3165805BJ-40 Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3165805BJ-50 SIEMENS-HYB3165805BJ-50 Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3165805BJ-60 SIEMENS-HYB3165805BJ-60 Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3165805BT-40 SIEMENS-HYB3165805BT-40 Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3165805BT-50 SIEMENS-HYB3165805BT-50 Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
More results

Similar Description - HYB3165805ATL-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164800J SIEMENS-HYB3164800J Datasheet
453Kb / 28P
   8M x 8-Bit Dynamic RAM
HYB3164805BJ SIEMENS-HYB3164805BJ Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164800AJ SIEMENS-HYB3164800AJ Datasheet
247Kb / 26P
   8M x 8-Bit Dynamic RAM
HYB3164805J SIEMENS-HYB3164805J Datasheet
477Kb / 32P
   8M x 8-Bit Dynamic RAM
HYM328020S SIEMENS-HYM328020S Datasheet
53Kb / 10P
   8M x 32-Bit Dynamic RAM Module
HYM72V8020GS-50- SIEMENS-HYM72V8020GS-50- Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
HYM72V8000GS-50- SIEMENS-HYM72V8000GS-50- Datasheet
86Kb / 11P
   8M x 72-Bit Dynamic RAM Module
HYM368020S SIEMENS-HYM368020S Datasheet
102Kb / 10P
   8M x 36-Bit Dynamic RAM Module
HYB5117800BSJ-50 SIEMENS-HYB5117800BSJ-50 Datasheet
226Kb / 26P
   2M x 8-Bit Dynamic RAM
HYB3117800BSJ-50 SIEMENS-HYB3117800BSJ-50 Datasheet
260Kb / 26P
   2M x 8-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com