Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3165805TL-60 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # HYB3165805TL-60
Description  8M x 8-Bit Dynamic RAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3165805TL-60 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button HYB3165805TL-60 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3165805TL-60 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3165805TL-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3165805TL-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3165805TL-60 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3165805TL-60 Datasheet HTML 10Page - Siemens Semiconductor Group HYB3165805TL-60 Datasheet HTML 11Page - Siemens Semiconductor Group HYB3165805TL-60 Datasheet HTML 12Page - Siemens Semiconductor Group HYB3165805TL-60 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Semiconductor Group
157
HYB3164(5)805J/T(L)-50/-60
8M x 8 EDO-DRAM
AC Characteristics
5)6)
T
A = 0 to 70 ˚C,VCC = 3.3 V ± 0.3V , tT = 2 ns
Parameter
Symbol
Limit Values
Unit
Note
-50
-60
min.
max.
min.
max.
common parameters
Random read or write cycle time
tRC
84
104
ns
RAS precharge time
tRP
30
40
ns
RAS pulse width
tRAS
50
100k
60
100k
ns
CAS pulse width
tCAS
8
10k
10
10k
ns
Row address setup time
tASR
0–0–
ns
Row address hold time
tRAH
8–10
ns
Column address setup time
tASC
0–0–
ns
Column address hold time
tCAH
8–10
ns
RAS to CAS delay time
tRCD
12
37
14
45
ns
RAS to column address delay time
tRAD
10
25
12
30
ns
RAS hold time
tRSH
810
ns
CAS hold time
tCSH
45
50
ns
CAS to RAS precharge time
tCRP
5–5–
ns
Transition time (rise and fall)
tT
1
50
1
50
ns
7
Refresh period for HYB3164805
tREF
128
128
ms
Refresh period for HYB3165805
tREF
64
64
ms
Read Cycle
Access time from RAS
tRAC
50
60
ns
8, 9
Access time from CAS
tCAC
13
15
ns
8, 9
Access time from column address
tAA
25
30
ns
8,10
OE access time
tOEA
13
15
ns
Column address to RAS lead time
tRAL
25
30
ns
Read command setup time
tRCS
0–0–
ns
Read command hold time
tRCH
0–0–
ns
11
Read command hold time referenced to
RAS
tRRH
0–0–
ns
11


Similar Part No. - HYB3165805TL-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3165805AJ-40 SIEMENS-HYB3165805AJ-40 Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3165805AJ-50 SIEMENS-HYB3165805AJ-50 Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3165805AJ-60 SIEMENS-HYB3165805AJ-60 Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3165805AT-40 SIEMENS-HYB3165805AT-40 Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3165805AT-50 SIEMENS-HYB3165805AT-50 Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
More results

Similar Description - HYB3165805TL-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164800J SIEMENS-HYB3164800J Datasheet
453Kb / 28P
   8M x 8-Bit Dynamic RAM
HYB3164805BJ SIEMENS-HYB3164805BJ Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164800AJ SIEMENS-HYB3164800AJ Datasheet
247Kb / 26P
   8M x 8-Bit Dynamic RAM
HYB3164805AJ SIEMENS-HYB3164805AJ Datasheet
327Kb / 29P
   8M x 8-Bit Dynamic RAM
HYM328020S SIEMENS-HYM328020S Datasheet
53Kb / 10P
   8M x 32-Bit Dynamic RAM Module
HYM72V8020GS-50- SIEMENS-HYM72V8020GS-50- Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
HYM72V8000GS-50- SIEMENS-HYM72V8000GS-50- Datasheet
86Kb / 11P
   8M x 72-Bit Dynamic RAM Module
HYM368020S SIEMENS-HYM368020S Datasheet
102Kb / 10P
   8M x 36-Bit Dynamic RAM Module
HYB5117800BSJ-50 SIEMENS-HYB5117800BSJ-50 Datasheet
226Kb / 26P
   2M x 8-Bit Dynamic RAM
HYB3117800BSJ-50 SIEMENS-HYB3117800BSJ-50 Datasheet
260Kb / 26P
   2M x 8-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com