Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXTP70N075T2 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXTP70N075T2
Description  DC to DC Synchronous Converter Design
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP70N075T2 Datasheet(HTML) 5 Page - IXYS Corporation

  IXTP70N075T2 Datasheet HTML 1Page - IXYS Corporation IXTP70N075T2 Datasheet HTML 2Page - IXYS Corporation IXTP70N075T2 Datasheet HTML 3Page - IXYS Corporation IXTP70N075T2 Datasheet HTML 4Page - IXYS Corporation IXTP70N075T2 Datasheet HTML 5Page - IXYS Corporation IXTP70N075T2 Datasheet HTML 6Page - IXYS Corporation IXTP70N075T2 Datasheet HTML 7Page - IXYS Corporation IXTP70N075T2 Datasheet HTML 8Page - IXYS Corporation IXTP70N075T2 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DC to DC Synchronous Converter Design
Abdus Sattar, IXYS Corporation
IXAN0068
5
Overview of Synchronous Converter Power Loss: [1]
The losses in the synchronous converter’s power switches can be defined by:
BD
Gate
SW
C
Total
P
P
P
P
P
+
+
+
=
(8)
Where PC is the conduction loss, Psw is the switching power loss, PGate is the gate drive
loss and PBD is the body diode loss. In addition, inductor equivalent DC resistance losses
and output capacitor’s ESR loss play significant role in the converter design.
MOSFET Q1 and Q2’s Power Loss: [1]
The conduction losses: (replace D to 1-D for Sync FET, Q2):
)
(
2
)
(
on
DS
O
C
R
D
I
P
=
(9)
The gate-charge losses:
s
g
GS
C
g
f
Q
V
P
=
(10)
The switching losses:
Figure 5: Transitions waveforms of MOSFET for inductive load
The switching loss is,
)
(
)
(
off
t
on
t
Switching
P
P
P
+
=
2
]
}
{
[
)
(
)
(
)
(
)
(
(max)
s
off
t
off
DS
on
t
on
DS
DS
f
t
I
t
I
V
+
=
(11)
MOSFET Body Diode Loss: [1]
The body diode loss is a function of dead time and in every switching cycle; there are two
dead-time intervals, td1 and td2. The dead-time is defined as the time required when both
the MOSFETs Q1 and Q2 are OFF in order to prevent shoot-through.


Similar Part No. - IXTP70N075T2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTP70N075T2 ISC-IXTP70N075T2 Datasheet
294Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXTP70N075T2

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DPA424PN POWERINT-DPA424PN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide
DPA422PN POWERINT-DPA422PN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide
logo
Shindengen Electric Mfg...
MD1421N SHINDENGEN-MD1421N Datasheet
285Kb / 4P
   Synchronous Rectification DC to DC Converter Power IC
logo
Analog Devices
ADP1607ACPZN-R7 AD-ADP1607ACPZN-R7 Datasheet
626Kb / 16P
   2 MHz, Synchronous Boost DC-to-DC Converter
REV. C
ADP1607ACPZN-R7 AD-ADP1607ACPZN-R7 Datasheet
626Kb / 16P
   2 MHz, Synchronous Boost DC-to-DC Converter
REV. C
logo
Rohm
BU33UV7NUX ROHM-BU33UV7NUX Datasheet
1Mb / 24P
   Synchronous Boost DC/DC Converter
logo
Diodes Incorporated
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
   SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Shenzhen Huazhimei Semi...
HM6385 HMSEMI-HM6385 Datasheet
1Mb / 8P
   Synchronous boost DC-DC converter
logo
Diodes Incorporated
AP3503 DIODES-AP3503 Datasheet
421Kb / 10P
   SYNCHRONOUS DC-DC BUCK CONVERTER
AP3513E DIODES-AP3513E Datasheet
575Kb / 11P
   SYNCHRONOUS DC-DC BUCK CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com