Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXTP90N055T2 Datasheet(PDF) 11 Page - IXYS Corporation

Part # IXTP90N055T2
Description  DC to DC Synchronous Converter Design
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP90N055T2 Datasheet(HTML) 11 Page - IXYS Corporation

Back Button IXTP90N055T2 Datasheet HTML 3Page - IXYS Corporation IXTP90N055T2 Datasheet HTML 4Page - IXYS Corporation IXTP90N055T2 Datasheet HTML 5Page - IXYS Corporation IXTP90N055T2 Datasheet HTML 6Page - IXYS Corporation IXTP90N055T2 Datasheet HTML 7Page - IXYS Corporation IXTP90N055T2 Datasheet HTML 8Page - IXYS Corporation IXTP90N055T2 Datasheet HTML 9Page - IXYS Corporation IXTP90N055T2 Datasheet HTML 10Page - IXYS Corporation IXTP90N055T2 Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
DC to DC Synchronous Converter Design
Abdus Sattar, IXYS Corporation
IXAN0068
11
The estimated efficiency,
%
93
93
.
0
6
.
42
6
.
39
=
=
=
η
%,
Estimated input current:
If we assume only 93% efficiency, then the estimated input current can be obtained,
Estimated input current,
η
=
Vin
VoIo
I
in
=
A
5
.
3
93
.
0
12
12
3
.
3
=
A
Bootstrap Circuit Design: [3]
Selecting bootstrap circuit components are done with consideration of the electrical rating
and characteristics of the high-side MOSFET (Q1).
The capacitance is defined by datasheet of IXS839 driver,
BST
total
G
BST
V
Q
C
Δ
=
)
(
(24)
Where QG(total) is the total gate charge of high-side MOSFET (Q1), and
VBST
Δ
is the
allowable voltage droop in Q1. Assume this voltage droop equal to 0.1V.
uF
mV
nC
C
BST
210
.
0
200
42
=
=
The bootstrap diode and capacitor voltage rating should be
DD
IN
pacitor
DiodeandCa
Bootstrap
V
V
V
+
>
_
The average forward current is defined by,
SW
total
G
Avg
F
f
Q
I
=
)
(
)
(
(25)
mA
5
.
10
10
250
10
42
3
9
=
=
Bibliography
[1] “Synchronous Buck MOSFETs loss calculation” AN-6005, Jon Klein, Fairchild
Semiconductor, 01/04/2006, www.fairchildsemi.com
[2] “Examination of reverse recovery losses in a synchronous buck converter circuit”
Application Note from Silicon Semiconductor, 2003, www.siliconsemi.com
[3] Datasheet for ISL6594D “Advanced Synchronous Rectified Buck MOSFET Driver”
from Intersil Corporation, 2007, www.intersil.com


Similar Part No. - IXTP90N055T2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTP90N055T2 ISC-IXTP90N055T2 Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXTP90N055T2

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DPA424PN POWERINT-DPA424PN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide
DPA422PN POWERINT-DPA422PN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide
logo
Shindengen Electric Mfg...
MD1421N SHINDENGEN-MD1421N Datasheet
285Kb / 4P
   Synchronous Rectification DC to DC Converter Power IC
logo
Analog Devices
ADP1607ACPZN-R7 AD-ADP1607ACPZN-R7 Datasheet
626Kb / 16P
   2 MHz, Synchronous Boost DC-to-DC Converter
REV. C
ADP1607ACPZN-R7 AD-ADP1607ACPZN-R7 Datasheet
626Kb / 16P
   2 MHz, Synchronous Boost DC-to-DC Converter
REV. C
logo
Rohm
BU33UV7NUX ROHM-BU33UV7NUX Datasheet
1Mb / 24P
   Synchronous Boost DC/DC Converter
logo
Diodes Incorporated
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
   SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Shenzhen Huazhimei Semi...
HM6385 HMSEMI-HM6385 Datasheet
1Mb / 8P
   Synchronous boost DC-DC converter
logo
Diodes Incorporated
AP3503 DIODES-AP3503 Datasheet
421Kb / 10P
   SYNCHRONOUS DC-DC BUCK CONVERTER
AP3513E DIODES-AP3513E Datasheet
575Kb / 11P
   SYNCHRONOUS DC-DC BUCK CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com