Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S10141-1109S Datasheet(PDF) 9 Page - Hamamatsu Corporation

Part # S10141-1109S
Description  Low readout noise, high resolution (pixel size: 12 ..m)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S10141-1109S Datasheet(HTML) 9 Page - Hamamatsu Corporation

Back Button S10141-1109S Datasheet HTML 5Page - Hamamatsu Corporation S10141-1109S Datasheet HTML 6Page - Hamamatsu Corporation S10141-1109S Datasheet HTML 7Page - Hamamatsu Corporation S10141-1109S Datasheet HTML 8Page - Hamamatsu Corporation S10141-1109S Datasheet HTML 9Page - Hamamatsu Corporation S10141-1109S Datasheet HTML 10Page - Hamamatsu Corporation S10141-1109S Datasheet HTML 11Page - Hamamatsu Corporation S10141-1109S Datasheet HTML 12Page - Hamamatsu Corporation S10141-1109S Datasheet HTML 13Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CCD area image sensor
S10140/S10141 series
S10141-1007S/-1008S/-1009S
S10141-1107S/-1108S/-1109S
Window 16.3
*
34.0 ± 0.34
50.0 ± 0.30
2.54 ± 0.13
42.0
Active area
12.29
1st pin indication pad
TE-cooler
S10141-1007S: A=1.464
S10141-1008S: A=3.000
S10141-1009S: A=6.072
(24 ×)
0.5 ± 0.05
Photosensitive surface
24
13
112
* Size of window that guarantees the transmittance in the
“Spectral transmittance characteristics” graph.
(24 ×)
0.5
1st pin indication pad
44.0 ± 0.44
52.0
60.0 ± 0.30
2.54 ± 0.13
Window 28.6
*
Active area 24.58
S10141-1107S: A=1.464
S10141-1108S: A=3.000
S10141-1109S: A=6.072
TE-cooler
Photosensitive surface
* Size of window that guarantees the transmittance in the
“Spectral transmittance characteristics” graph.
24
13
1
12
KMPDA0209EC
KMPDA0210EC
9


Similar Part No. - S10141-1109S

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10141-1109S HAMAMATSU-S10141-1109S Datasheet
204Kb / 8P
   CCD area image sensor Low readout noise, high resolution (pixel size: 12 關m)
More results

Similar Description - S10141-1109S

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10140 HAMAMATSU-S10140 Datasheet
204Kb / 8P
   CCD area image sensor Low readout noise, high resolution (pixel size: 12 關m)
logo
Cypress Semiconductor
IBIS4-6600 CYPRESS-IBIS4-6600 Datasheet
1Mb / 63P
   High resolution 6.6 M Pixel Rolling shutter CMOS Image sensor
logo
Texas Instruments
ADS1192IRSMR TI-ADS1192IRSMR Datasheet
1Mb / 67P
[Old version datasheet]   Two Low-Noise PGAs and Two High-Resolution ADCs (ADS1192)
ADS1194CPAG TI-ADS1194CPAG Datasheet
1Mb / 76P
[Old version datasheet]   Eight Low-Noise PGAs and Eight High-Resolution ADCs (ADS1198)
TFP101 TI1-TFP101_14 Datasheet
547Kb / 21P
[Old version datasheet]   Supports XGA Resolution (Output Pixel Rates Up to 86 MHz)
logo
Cypress Semiconductor
LUPA-1300 CYPRESS-LUPA-1300 Datasheet
631Kb / 48P
   1.3 M Pixel High Speed CMOS Image Sensor
logo
OmniVision Technologies...
OV2744 OMNIVISION-OV2744 Datasheet
631Kb / 2P
   1.4 關m x 1.4 關m pixel
logo
Hamamatsu Corporation
S9970 HAMAMATSU-S9970 Datasheet
298Kb / 10P
   CCD area image sensor Low dark signal 쨌 low readout noise/front-illuminated FFT-CCD
logo
OmniVision Technologies...
OV2740 OMNIVISION-OV2740 Datasheet
4Mb / 2P
   1.4 關m x 1.4 關m pixel
OH01A10 OMNIVISION-OH01A10 Datasheet
679Kb / 2P
   highest resolution in small die size
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com