Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S10140-1009 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # S10140-1009
Description  Low readout noise, high resolution (pixel size: 12 ..m)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S10140-1009 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  S10140-1009 Datasheet HTML 1Page - Hamamatsu Corporation S10140-1009 Datasheet HTML 2Page - Hamamatsu Corporation S10140-1009 Datasheet HTML 3Page - Hamamatsu Corporation S10140-1009 Datasheet HTML 4Page - Hamamatsu Corporation S10140-1009 Datasheet HTML 5Page - Hamamatsu Corporation S10140-1009 Datasheet HTML 6Page - Hamamatsu Corporation S10140-1009 Datasheet HTML 7Page - Hamamatsu Corporation S10140-1009 Datasheet HTML 8Page - Hamamatsu Corporation S10140-1009 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CCD area image sensor
S10140/S10141 series
Spectral response (without window)*13
Dark current vs. temperature
Spectral transmittance characteristics
4
*
13: Spectral response with quartz glass or AR-coated sapphire are decreased according to the spectral transmittance characteristics of window material.
Type No.
Window material
S10140 series
Quartz glass*14
(option: window-less)
S10141 series
AR-coated sapphire*15
(option: window-less)
S10142 series
(two-stage TE-cooled types,
made to order)
AR-coated sapphire*15
(option: window-less)
*
14: Resin sealing
*
15: Hermetic sealing
Window material
Wavelength (nm)
(Typ. Ta=25 °C)
0
200
400
600
800
1000
1200
10
20
30
40
50
60
70
80
90
100
Front-illuminated
Back-thinned
S10140/S10141
series
Front-illuminated
(UV coat)
0
10
100 200
Wavelength (nm)
300 400 500 600 700 800 900 1000 1100 1200
20
30
40
50
60
70
80
90
100
(Typ. Ta=25 °C)
Quartz window
AR coated sapphire
-50
-40
-30
-20
0
-10
10
20
30
Temperature (°C)
0.01
0.1
1
10
100
1000
(Typ.)
KMPDB0255EA
KMPDB0254EB
KMPDB0110EA


Similar Part No. - S10140-1009

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10140-1009 HAMAMATSU-S10140-1009 Datasheet
204Kb / 8P
   CCD area image sensor Low readout noise, high resolution (pixel size: 12 關m)
More results

Similar Description - S10140-1009

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10140 HAMAMATSU-S10140 Datasheet
204Kb / 8P
   CCD area image sensor Low readout noise, high resolution (pixel size: 12 關m)
logo
Cypress Semiconductor
IBIS4-6600 CYPRESS-IBIS4-6600 Datasheet
1Mb / 63P
   High resolution 6.6 M Pixel Rolling shutter CMOS Image sensor
logo
Texas Instruments
ADS1192IRSMR TI-ADS1192IRSMR Datasheet
1Mb / 67P
[Old version datasheet]   Two Low-Noise PGAs and Two High-Resolution ADCs (ADS1192)
ADS1194CPAG TI-ADS1194CPAG Datasheet
1Mb / 76P
[Old version datasheet]   Eight Low-Noise PGAs and Eight High-Resolution ADCs (ADS1198)
TFP101 TI1-TFP101_14 Datasheet
547Kb / 21P
[Old version datasheet]   Supports XGA Resolution (Output Pixel Rates Up to 86 MHz)
logo
Cypress Semiconductor
LUPA-1300 CYPRESS-LUPA-1300 Datasheet
631Kb / 48P
   1.3 M Pixel High Speed CMOS Image Sensor
logo
OmniVision Technologies...
OV2744 OMNIVISION-OV2744 Datasheet
631Kb / 2P
   1.4 關m x 1.4 關m pixel
logo
Hamamatsu Corporation
S9970 HAMAMATSU-S9970 Datasheet
298Kb / 10P
   CCD area image sensor Low dark signal 쨌 low readout noise/front-illuminated FFT-CCD
logo
OmniVision Technologies...
OV2740 OMNIVISION-OV2740 Datasheet
4Mb / 2P
   1.4 關m x 1.4 關m pixel
OH01A10 OMNIVISION-OH01A10 Datasheet
679Kb / 2P
   highest resolution in small die size
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com