Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9973-1007 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # S9973-1007
Description  CCD area image sensor Front-illuminated FFT-CCD, high near IR sensitivity
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S9973-1007 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  S9973-1007 Datasheet HTML 1Page - Hamamatsu Corporation S9973-1007 Datasheet HTML 2Page - Hamamatsu Corporation S9973-1007 Datasheet HTML 3Page - Hamamatsu Corporation S9973-1007 Datasheet HTML 4Page - Hamamatsu Corporation S9973-1007 Datasheet HTML 5Page - Hamamatsu Corporation S9973-1007 Datasheet HTML 6Page - Hamamatsu Corporation S9973-1007 Datasheet HTML 7Page - Hamamatsu Corporation S9973-1007 Datasheet HTML 8Page - Hamamatsu Corporation S9973-1007 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CCD area image sensor
S9972/S9973 series
s Spectral response (without window)*12
50
40
30
20
10
0
200
400
300
500 600 700
Wavelength (nm)
800 900 1000 1100 1200
(Typ. Ta=25 ˚C)
S9970/S9971
series
S9972/S9973
series
s Spectral transmittance characteristics of window material
Wavelength (nm)
0
10
100
200
300
400
500
600
700
800
900 1000
20
30
40
50
60
70
80
90
100
(Typ. Ta=25 ˚C)
Quartz glass
Sapphire
AR-coated sapphire
3
s Electrical and optical characteristics (Ta=25 °C, unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Saturation output voltage
Vsat
-
Fw × Sv
-
V
Vertical
120
240
-
Full well
capacity
Horizontal
Fw
240
480
-
ke-
CCD node sensitivity*4
Sv
-
2.8
-
µV/e-
+25 °C
-
2000
30000
Dark current*5
(MPP mode)
0 °C
DS
-
100
1500
e-/pixel/s
Readout noise*6
Nr
-
4
18
e-rms
Line binning
60000
120000
-
Dynamic range*7
Area scanning
-
30000
60000
-
-
Spectral response range
λ
-
400 to 1100
-
nm
Photo response non-uniformity*8
PRNU
-
-
±10
%
Point defects*9
-
-
0
Cluster defects*10
-
-
0
Blemish
Column defects*11
-
-
-
0
-
*4: VOD=20 V , Load resistance=10 k
*5: Dark current nearly doubles for every 5 to 7 °C increase in temperature.
*6: -40 °C, operating frequency is 80 kHz.
*7: Dynamic range (DR) = Full well capacity / Readout noise
*8: Measured at one-half of the saturation output (full well capacity) using LED light (peak emission wavelength: 560 nm)
*9: White spots
Pixels that generate dark current higher than 3% of the saturation. (Measured at 0 °C, Ts=1 s)
Black spots
Pixels whose sensitivity is lower than one-half of the average pixel output (Measured with uniform light producing one-half
of the saturation charge)
*10: 2 to 9 contiguous defective pixels
*11: 10 or more contiguous defective pixels
KMPDB0257EC
KMPDB0310EA
Fixed pattern noise (peak to peak)
Signal
× 100 [%]
Photo response non-uniformity =
*12: Spectral response with sapphire or AR-coated sapphire is
decreased according to the spectral transmittance charac-
teristic of window material.


Similar Part No. - S9973-1007

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9973-1007 HAMAMATSU-S9973-1007 Datasheet
166Kb / 9P
   CCD area image sensor Front-illuminated FFT-CCD, high IR sensitivity
More results

Similar Description - S9973-1007

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9972 HAMAMATSU-S9972 Datasheet
166Kb / 9P
   CCD area image sensor Front-illuminated FFT-CCD, high IR sensitivity
S9978 HAMAMATSU-S9978 Datasheet
159Kb / 6P
   CCD area image sensor Front-illuminated FFT-CCDs, high IR sensitivity
S7847 HAMAMATSU-S7847 Datasheet
186Kb / 8P
   CCD area image sensor High IR sensitivity, four-stage TE-cooled, front-illuminated FFT-CCDs
S8658-01 HAMAMATSU-S8658-01_11 Datasheet
145Kb / 8P
   CCD area image sensor Front-illuminated FFT-CCD for X-ray imaging
S9736 HAMAMATSU-S9736 Datasheet
798Kb / 9P
   CCD area image sensor 512 횞 512 pixels, front-illuminated FFT-CCDs
S8984 HAMAMATSU-S8984 Datasheet
185Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S9970 HAMAMATSU-S9970 Datasheet
298Kb / 10P
   CCD area image sensor Low dark signal 쨌 low readout noise/front-illuminated FFT-CCD
S8982 HAMAMATSU-S8982 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S7199-01 HAMAMATSU-S7199-01 Datasheet
143Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8986 HAMAMATSU-S8986 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com