Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB511000BJ- Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # HYB511000BJ-
Description  1 M x 1-Bit Dynamic RAM Low Power 1 M 쨈 1-Bit Dynamic RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB511000BJ- Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  HYB511000BJ- Datasheet HTML 1Page - Siemens Semiconductor Group HYB511000BJ- Datasheet HTML 2Page - Siemens Semiconductor Group HYB511000BJ- Datasheet HTML 3Page - Siemens Semiconductor Group HYB511000BJ- Datasheet HTML 4Page - Siemens Semiconductor Group HYB511000BJ- Datasheet HTML 5Page - Siemens Semiconductor Group HYB511000BJ- Datasheet HTML 6Page - Siemens Semiconductor Group HYB511000BJ- Datasheet HTML 7Page - Siemens Semiconductor Group HYB511000BJ- Datasheet HTML 8Page - Siemens Semiconductor Group HYB511000BJ- Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Semiconductor Group
33
01.95
1 048 576 words by 1-bit organization
Fast access and cycle time
50 ns access time
95 ns cycle time (-50 version)
60 ns access time
130 ns cycle time (-60 version)
70 ns access time
130 ns cycle time (-70 version)
Fast page mode cycle time
35 ns (-50 version)
40 ns (-60 version)
45 ns (-70 version)
Low power dissipation
max. 495 mW active (-50 version)
max. 440 mW active (-60 version)
max. 385 mW active (-70 version)
max. 5.5 mW standby
max. 1.1 mW standby for L-version
Ordering Information
Type
Ordering Code
Package
Description
HYB 511000BJ-50
Q67100-Q1056
P-SOJ-26/20-1
DRAM (access time 50 ns)
HYB 511000BJ-60
Q67100-Q518
P-SOJ-26/20-1
DRAM (access time 60 ns)
HYB 511000BJ-70
Q67100-Q519
P-SOJ-26/20-1
DRAM (access time 70 ns)
HYB 511000BJL-50
on request
P-SOJ-26/20-1
DRAM (access time 50 ns)
HYB 511000BJL-60
Q67100-Q526
P-SOJ-26/20-1
DRAM (access time 60 ns)
HYB 511000BJL-70
Q67100-Q527
P-SOJ-26/20-1
DRAM (access time 70 ns)
1 M
× 1-Bit Dynamic RAM
Low Power 1 M
× 1-Bit Dynamic RAM
Advanced Information
HYB 511000BJ-50/-60/-70
HYB 511000BJL-50/-60/-70
Single + 5 V (
± 10 %) supply with a built-in
V
BB generator
Output unlatched at cycle end allows two-
dimensional chip selection
Common I/O capability using “early write”
operation
Read-modify-write, CAS-before-RAS
refresh, RAS-only refresh, hidden-refresh,
fast page mode capability and test mode
capability
All inputs, outputs and clocks
TTL-compatible
512 refresh cycles/8 ms
512 refresh cycles/64 ms
for L-version only
Plastic Packages:
P-SOJ-26/20-1


Similar Part No. - HYB511000BJ-

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5116160BSJ-50 SIEMENS-HYB5116160BSJ-50 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5116160BSJ-60 SIEMENS-HYB5116160BSJ-60 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5116160BSJ-70 SIEMENS-HYB5116160BSJ-70 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5116165BJ-50 SIEMENS-HYB5116165BJ-50 Datasheet
269Kb / 26P
   1M x 16-Bit Dynamic RAM 1k & 4k Refresh
HYB5116165BJ-60 SIEMENS-HYB5116165BJ-60 Datasheet
269Kb / 26P
   1M x 16-Bit Dynamic RAM 1k & 4k Refresh
More results

Similar Description - HYB511000BJ-

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
logo
Toshiba Semiconductor
TC514101J TOSHIBA-TC514101J Datasheet
676Kb / 23P
   4,194,304 x 1 BIT DYNAMIC RAM
TC514102AP TOSHIBA-TC514102AP Datasheet
601Kb / 20P
   4,194,304 x 1 BIT DYNAMIC RAM
TC514102J TOSHIBA-TC514102J Datasheet
681Kb / 22P
   4,194,304 x 1 BIT DYNAMIC RAM
logo
List of Unclassifed Man...
MK4027 ETC-MK4027 Datasheet
970Kb / 11P
   4096 X 1 BIT DYNAMIC RAM
MK4116 ETC-MK4116 Datasheet
1Mb / 12P
   16,384 X 1 BIT DYNAMIC RAM
logo
Siemens Semiconductor G...
HYB514100BJ-50- SIEMENS-HYB514100BJ-50- Datasheet
108Kb / 21P
   4M x 1-Bit Dynamic RAM
logo
OKI electronic componet...
MSM51C256A OKI-MSM51C256A Datasheet
751Kb / 15P
   262,144-WORD X 1-BIT DYNAMIC RAM
logo
National Semiconductor ...
MM5290 NSC-MM5290 Datasheet
376Kb / 6P
   16384-BIT (16384 X 1 ) DYNAMIC RAM
logo
List of Unclassifed Man...
TC514100J-10 ETC-TC514100J-10 Datasheet
647Kb / 24P
   4,194,304 WORD X 1 BIT DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com