Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3165805AJ-40 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # HYB3165805AJ-40
Description  8M x 8-Bit Dynamic RAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3165805AJ-40 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button HYB3165805AJ-40 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3165805AJ-40 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3165805AJ-40 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3165805AJ-40 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3165805AJ-40 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3165805AJ-40 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3165805AJ-40 Datasheet HTML 10Page - Siemens Semiconductor Group HYB3165805AJ-40 Datasheet HTML 11Page - Siemens Semiconductor Group HYB3165805AJ-40 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Semiconductor Group
8
HYB3164(5)805AJ/AT(L)-40/-50/-60
8M x 8-DRAM
DC-Characteristics (cont’d)
T
A = 0 to 70 °C, VSS = 0 V, VCC = 3.3 V ± 0.3 V
Parameter
Symbol refresh
version Unit Note
4k row
8k row
Operating Current
-40 ns version
-50 ns version
-
-60 ns version
(RAS, CAS, address cycling: tRC = tRC min.)
I
CC1
170
140
115
125
100
85
mA
mA
mA
2) 3) 4)
Standby Current (RAS=CAS= Vih)
I
CC2
22mA
RASOnly Refresh Current:
-
-40 ns version
-50 ns version
-60 ns version
(RAS cycling: CAS = VIH: tRC = tRC min.)
I
CC3
170
140
115
125
100
85
mA
mA
mA
2) 4)
Hyper Page Mode (EDO) Current:
-40 ns version
-50 ns version
-60 ns version
(RAS = VIL, CAS, address cycling: tHPC=tHPC min.)
I
CC4
140
105
85
140
105
85
mA
mA
2) 3) 4)
Standby Current
(RAS=CAS= Vcc-0.2V)
I
CC5
900
900
µA–
Standby Current (L-Version)
(RAS=CAS= Vcc-0.2V)
I
CC5
200
200
µA–
CAS Before RAS Refresh Current
-40 ns version
-50 ns version
-60 ns version
(RAS, CAS cycling: tRC = tRC min.)
I
CC6
170
140
115
170
140
115
mA
mA
2) 4)
Self Refresh Current (L-version only)
(CBR cycle with tRAS>TRASSmin, CAS held low,
WE = Vcc-0.2V, Address and Din=Vcc-0.2V or 0.2V)
I
CC7
400
400
µA
Capacitance
T
A = 0 to 70 °C,VCC = 3.3 V ± 0.3 V, f = 1 MHz
Parameter
Symbol
Limit Values
Unit
min.
max.
Input capacitance (A0 to A11,A12)
C
I1
–5pF
Input capacitance (RAS, CAS, WE, OE)
C
I2
–7pF
I/O capacitance (I/O1-I/O8)
C
IO
–7pF


Similar Part No. - HYB3165805AJ-40

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3165805BJ-40 SIEMENS-HYB3165805BJ-40 Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3165805BJ-50 SIEMENS-HYB3165805BJ-50 Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3165805BJ-60 SIEMENS-HYB3165805BJ-60 Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3165805BT-40 SIEMENS-HYB3165805BT-40 Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3165805BT-50 SIEMENS-HYB3165805BT-50 Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
More results

Similar Description - HYB3165805AJ-40

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3164800J SIEMENS-HYB3164800J Datasheet
453Kb / 28P
   8M x 8-Bit Dynamic RAM
HYB3164805BJ SIEMENS-HYB3164805BJ Datasheet
303Kb / 29P
   8M x 8-Bit Dynamic RAM
HYB3164800AJ SIEMENS-HYB3164800AJ Datasheet
247Kb / 26P
   8M x 8-Bit Dynamic RAM
HYB3164805J SIEMENS-HYB3164805J Datasheet
477Kb / 32P
   8M x 8-Bit Dynamic RAM
HYM328020S SIEMENS-HYM328020S Datasheet
53Kb / 10P
   8M x 32-Bit Dynamic RAM Module
HYM72V8020GS-50- SIEMENS-HYM72V8020GS-50- Datasheet
67Kb / 12P
   8M x 72-Bit Dynamic RAM Module
HYM72V8000GS-50- SIEMENS-HYM72V8000GS-50- Datasheet
86Kb / 11P
   8M x 72-Bit Dynamic RAM Module
HYM368020S SIEMENS-HYM368020S Datasheet
102Kb / 10P
   8M x 36-Bit Dynamic RAM Module
HYB5117800BSJ-50 SIEMENS-HYB5117800BSJ-50 Datasheet
226Kb / 26P
   2M x 8-Bit Dynamic RAM
HYB3117800BSJ-50 SIEMENS-HYB3117800BSJ-50 Datasheet
260Kb / 26P
   2M x 8-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com