Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM6265C Datasheet(PDF) 1 Page - Motorola, Inc

Part # MCM6265C
Description  8K x 9 Bit Fast Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6265C Datasheet(HTML) 1 Page - Motorola, Inc

  MCM6265C Datasheet HTML 1Page - Motorola, Inc MCM6265C Datasheet HTML 2Page - Motorola, Inc MCM6265C Datasheet HTML 3Page - Motorola, Inc MCM6265C Datasheet HTML 4Page - Motorola, Inc MCM6265C Datasheet HTML 5Page - Motorola, Inc MCM6265C Datasheet HTML 6Page - Motorola, Inc MCM6265C Datasheet HTML 7Page - Motorola, Inc MCM6265C Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MCM6265C
1
MOTOROLA FAST SRAM
8K x 9 Bit Fast Static RAM
The MCM6265C is fabricated using Motorola’s high–performance silicon–gate
CMOS technology. Static design eliminates the need for external clocks or timing
strobes, while CMOS circuitry reduces power consumption and provides for
greater reliability.
This device meets JEDEC standards for functionality and pinout, and is avail-
able in plastic dual–in–line and plastic small–outline J–leaded packages.
• Single 5 V ± 10% Power Supply
• Fully Static — No Clock or Timing Strobes Necessary
• Fast Access Times: 12, 15, 20, 25, and 35 ns
• Equal Address and Chip Enable Access Times
• Output Enable (G) Feature for Increased System Flexibility and to
Eliminate Bus Contention Problems
• Low Power Operation: 110 – 150 mA Maximum AC
• Fully TTL Compatible — Three State Output
ROW
DECODER
MEMORY MATRIX
256 ROWS x 32
x 9 COLUMNS
INPUT
DATA
CONTROL
COLUMN I/O
COLUMN DECODER
DQ0
E1
W
VCC
VSS
A1
DQ8
G
BLOCK DIAGRAM
E2
A0
A6
A8 A12
A11
A10
A9
A7
A5
A4
A3
A2
Order this document
by MCM6265C/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
PIN ASSIGNMENT
MCM6265C
P PACKAGE
300 MIL PLASTIC
CASE 710B–01
A0 – A12
Address Input
. . . . . . . . . . . . .
DQ0 – DQ8
Data Input/Data Output
. . .
W
Write Enable
. . . . . . . . . . . . . . . . . . . .
G
Output Enable
. . . . . . . . . . . . . . . . . . .
E1, E2
Chip Enable
. . . . . . . . . . . . . . . . .
VCC
Power Supply (+ 5 V)
. . . . . . . . . . .
VSS
Ground
. . . . . . . . . . . . . . . . . . . . . . .
PIN NAMES
J PACKAGE
300 MIL SOJ
CASE 810B–03
5
4
3
2
1
10
9
8
7
6
11
12
13
14
20
21
22
23
24
25
26
19
27
28
18
17
16
15
A2
A5
A6
A7
A8
DQ1
A1
A4
VSS
DQ3
DQ2
A3
A0
DQ0
A10
A9
E2
W
VCC
DQ5
DQ6
DQ7
DQ4
E1
G
A11
DQ8
A12
REV 2
5/95
© Motorola, Inc. 1994


Similar Part No. - MCM6265C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6264C MOTOROLA-MCM6264C Datasheet
177Kb / 8P
   8K x 8 Bit Fast Static RAM
MCM6264CJ12 MOTOROLA-MCM6264CJ12 Datasheet
177Kb / 8P
   8K x 8 Bit Fast Static RAM
MCM6264CJ12R2 MOTOROLA-MCM6264CJ12R2 Datasheet
177Kb / 8P
   8K x 8 Bit Fast Static RAM
MCM6264CJ15 MOTOROLA-MCM6264CJ15 Datasheet
177Kb / 8P
   8K x 8 Bit Fast Static RAM
MCM6264CJ15R2 MOTOROLA-MCM6264CJ15R2 Datasheet
177Kb / 8P
   8K x 8 Bit Fast Static RAM
More results

Similar Description - MCM6265C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM56824A MOTOROLA-MCM56824A Datasheet
147Kb / 10P
   8K x 24 Bit Fast Static RAM
MCM6264C MOTOROLA-MCM6264C Datasheet
177Kb / 8P
   8K x 8 Bit Fast Static RAM
MCM6205D MOTOROLA-MCM6205D Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185 Datasheet
197Kb / 11P
   8K x 8 Static RAM
CY6264 CYPRESS-CY6264_06 Datasheet
271Kb / 9P
   8K x 8 Static RAM
logo
Integrated Device Techn...
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
logo
Dallas Semiconductor
DS2064 DALLAS-DS2064 Datasheet
73Kb / 9P
   8K x 8 Static RAM
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185_06 Datasheet
307Kb / 12P
   8K x 8 Static RAM
logo
Integrated Device Techn...
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com